Part Number Hot Search : 
UN2226 HCTS365D T2907A TMXU392 SMCJ300A 2905A H4001 08226
Product Description
Full Text Search
 

To Download STN2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STN2907A
PNP Silicon Transistor
Descriptions
* General purpose application * Switching application
Features
* Large collector current * Low collector saturation voltage * Complementary pair with STN2222A
Ordering Information
Type NO. STN2907A Marking STN2907A Package Code TO-92
Outline Dimensions
3.35~3.55 4.4~4.6 2.15~2.35
unit : mm
4.4~4.6
0.38~0.42
1.96~2.16
14.00.40
1.27 Typ. 2.54 Typ.
1
23
1.1~1.3
PIN Connections 1. Emitter 2. Base 3. Collector
0.38
KST-9067-002
1
STN2907A
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature
Ta=25C
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
-60 -50 -5 -600 625 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current DC current gain Collector-Emitter saturation voltage Transistor frequency Collector output capacitance
Ta=25C
Symbol
BVCBO BVCEO BVEBO ICBO hFE VCE(sat) fT Cob
Test Condition
IC=-10A, IE=0 IC=-1mA, IB=0 IE=-10A, IC=0 VCB=-50V, IE=0 VCE=-10V, IC=-10mA IC=-150mA, IB=-15mA VCE=-20V, IC=-20mA VCB=-10V, IE=0, f=1MHz
Min. Typ. Max.
-60 -50 -5 100 200 6.0 -10 -0.4 -
Unit
V V V nA V MHz pF
KST-9067-002
2
STN2907A
Electrical Characteristic Curves
Fig. 1 PC-Ta Fig. 2 IC-VBE
Fig. 3 IC-VCE
Fig. 4 VCE(sat)-IC
Fig. 5 hFE-IC
Fig. 6 hFE-IC
-55C
KST-9067-002
3
STN2907A
These AUK products are intended for usage in general electronic equipments(Office and communication equipment, measuring equipment, domestic electrification, etc.). Please make sure that you consult with us before you use these AUK products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, traffic signal, combustion central, all types of safety device, etc.). AUK cannot accept liability to any damage which may occur in case these AUK products were used in the mentioned equipments without prior consultation with AUK.
KST-9067-002
4


▲Up To Search▲   

 
Price & Availability of STN2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X