Part Number Hot Search : 
MC420 19R106C 53201 GK2171 PC150 MBR2H100 M5223 26715QUQ
Product Description
Full Text Search
 

To Download ST1151A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST1151A
Version : A.03 Issue Date : 2003/03/18 File Name : ST1151A_A03.doc Total Pages: 6
Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
SILICON TOUCH TECHNOLOGY INC.
9-4F-3 Prosperity Road I Science-Based Industrial Park Hsinchu, Taiwan 300, R.O.C. Tel886-3-5645656 Fax886-3-5645626
SILICON TOUCH TECHNOLOGY INC.
ST1151A
ST1151A Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
General Specifications
The device is a 1.5-channel low-saturation bi-directional motor driver IC. The design is optimal for motor applications, such as cameras, printers, FDDs, or other portable devices with forward, reverse, bake and stand-by function.
Features and Benefits
Low voltage operation ( VDD Min = VSMin = 1.5V ) Low saturation voltage ( Upper transistor + low transistor residual voltage; 0.4V typ. at 300mA , VDD = VS = 3V) Low input current Brake function High output sinking and driving capability Thin, highly reliable package (SOP-8)
Pin Assignment
VS O1 IN3 GND O2 IN2 VDD IN1
Pin NO. 1 2 3 4 5 6 7 8
Pin Name VS O1 IN3 GND IN1 VDD IN2 O2
Description Power supply pin for output driver Output sinking / driving pin Input pin 3 that determines driving mode Ground pin Input pin 1 that determines driving mode Power supply pin for controller. Input pin 2 that determines driving mode Output sinking / driving pin
ST1151A_A03.doc
VersionA.03
Page1
SILICON TOUCH TECHNOLOGY INC.
ST1151A
Absolute Maximum Ratings ( Unless otherwise noted, TA= 25 )
Characteristic Supply Voltage Input Voltage IO Peak Current IODC Current Power Dissipation Operating Temperature Range Storage Temperature Range Symbol VDD VS VIN IOPeak IODC PD TOPR TSTG Rating 5.5 5.5 VDD+0.4 2 0.75 680 -40 ~ 125 -65 ~ 150 Unit V V V A A mW C C
Electrical Characteristic
(Unless otherwise noted, TA= 25 & VDD = VS = 3V )
Characteristic Sym. VDD VS IDD0 IDD1 VIN1, IN2, IN3 = 0V VIN1, IN2, IN3 = 3V Condition Limit Min. 1.5 1.5 Typ. 3 3 0.5 1 Max. 5.5 5.5 10 10 Unit V V A A
Supply Voltage Supply Current ( IDD + IS )
IN1 / IN2 / IN3 Input Terminal ( TJ = 25) Input Voltage "H" Input Voltage "L" Input Current "H" Input Current "L" VIH VIL IIH IIL VIN = VDD VIN = 0 V 0.8*VDD -0.4 VDD+0. 4 0.2*VDD 5 5 V V A A
O1 / O2 Output Terminal ( TJ = 25) Output Voltage (upper + lower) Output Sustaining Voltage VOUT1 VOUT2 VOUT3 IOUT = 200 mA IOUT = 300 mA IOUT = 600 mA 0.3 0.5 0.9 0.45 0.7 1.0 VS V V V V
VO(SUS) IOUT = 400 mA
ST1151A_A03.doc
VersionA.03
Page2
SILICON TOUCH TECHNOLOGY INC.
ST1151A
Truth Table
Input Signal IN1 H L H L H L H IN2 L H H L L H H IN3 L L L L H H H Output Driver O1 H L H OFF OFF OFF OFF O2 L H H OFF H L H Mode M1Forward M1Reverse M1Brake Standby M2 Operation M2 Operation M2 Operation
Block Diagram & Application Circuit
VDD 6 VS 1
1F
IN1
5 2 7 O1 M1 8 O2 M2
IN2
Control
IN3
3
GND
4 Note. To select M2 operating, the external driver is required.
ST1151A_A03.doc
VersionA.03
Page3
SILICON TOUCH TECHNOLOGY INC.
ST1151A
Application Notes
In multiple power supply application, the voltage of VDD pin must lager than or equal to the voltage of VS pin. The power dissipated by the IC varies widely with the supply voltage, the output current, and loading. It is important to ensure the application does not exceed the allowable power dissipation of the IC package. The recommended motor driver power dissipation versus temperature is depicted as follows:
Power Dissipation-Temperature
700
Power Dissipation ( mW )
600 500 400 300 200 100 0 0 25 50 75 100 125
Ambient Temperature ( )
ST1151A_A03.doc
VersionA.03
Page4
SILICON TOUCH TECHNOLOGY INC.
ST1151A
Package Specifications (SOP-8)
( 8-pin SOP )
ST1151A XXXXXX *
E
H
C
L
D
7(4X)
A2
A
A1 y B e
SYMBOL A A1 A2 B C D E e H L Y
Dim ensions in Millim eter MIN 1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.40 0 NOM 1.60 1.45 1.27 MAX 1.75 0.25 0.51 0.25 5.00 4.00 6.20 1.27 0.10 8
Dim ensions in Inches MIN 0.053 0.004 0.013 0.007 0.189 0.150 0.228 0.016 0 NOM 0.063 0.057 1.27 MAX 0.069 0.010 0.020 0.010 0.197 0.157 0.244 0.050 0.004 8
* The package marking "XXXXXX" is a lot number and therefore being subject to change.
The products listed herein are designed for ordinary electronic applications, such as electrical appliances, audio-visual equipment, communications devices and so on. Hence, it is advisable that the devices should not be used in medical instruments, surgical implants, aerospace machinery, nuclear power control systems, disaster/crime-prevention equipment and the like. Misusing those products may directly or indirectly endanger human life, or cause injury and property loss. Silicon Touch Technology, Inc. will not take any responsibilities regarding the misusage of the products mentioned above. Anyone who purchases any products described herein with the above-mentioned intention or with such misused applications should accept full responsibility and indemnify. Silicon Touch Technology, Inc. and its distributors and all their officers and employees shall defend jointly and severally against any and all claims and litigation and all damages, cost and expenses associated with such intention and manipulation.
ST1151A_A03.doc
VersionA.03
Page5


▲Up To Search▲   

 
Price & Availability of ST1151A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X