Part Number Hot Search : 
67600984 PA2004NL SY8008C 88F6180 4AHC1G 74LV273 CXA3275Q ST62T60B
Product Description
Full Text Search
 

To Download SS110L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS12L THRU SS110L
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
Voltage Range 20 to 100 Volts Current 1.0 Ampere
Features
0.075(1.9)
Sub SMA
0.067(1.7)
Mechanical Data
Cases: Sub SMA plastic case Polarity: Color band denotes cathode end Packaging: 12mm tape per EIA STD RS-481 Weight approx. 15mg
A
0.047(1.2) 0.031(0.8)
0.15(3.8) 0.134(3.4)
0.007(0.17)
0.01(0.23)
For surface mounted application Low -PROFILE PACKAGE Ideal for automated placement Low power loss, high efficiency High temperature soldering: 260oC / 10 seconds at terminals
0.056(1.43)
0.114(2.9) 0.106(2.7)
0.048(1.23)
5O
5O
DETAIL "A", SCALE=20/1
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Marking Code (Note 2) Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage (Note 1) @ 0.5A @ 1.0A Maximum DC Reverse Current @ TA =25 at Rated DC Blocking Voltage @ TA=100 Maximum Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range
Symbol SS VRRM VRMS VDC I(AV) IFSM 20
SS SS SS SS SS SS Units 12L 13L 14L 15L 16L 19L 110L
30 40 50 60 90 100 V V V A A 0.65 0.80 0.05 0.5
14 21 28 35 42 63 70 20 30 40 50 60 90 100 12LYM 13LYM 14LYM 15LYM 16LYM 19LYM 10LYM 1.1 30 0.385 0.43 0.51 0.58 0.45 0.50 0.55 0.70 0.4 8.0 6.0 100 45 -55 to +125 -55 to +125
VF IR RJA RJL TJ TSTG
(0.00~0.10)
0.00~0.004
V mA mA /W
Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle. 2. 12LYM: 1-1A, 2-20V, L-Low Profile, Y-Year Code, M-Month Code 3. Measured on P.C.Board with 0.2 x 0.2"(5.0 x 5.0mm) Copper Pad Areas.
- 38 -
RATINGS AND CHARACTERISTIC CURVES (SS12L THRU SS110L)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1.2
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
100
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
1.0 0.8 0.6 0.4 0.2 0 0.2IN (5.0mm ) x 0.5mil inches(0.013mm) THICK COPPER PAD AREAS
2 2
50
20 10 5
2 1
8.3ms Single Half Sine Wave Tj=Tj max 1 2 5 10 20 NUMBER OF CYCLES AT 60Hz 50 100
0
20
40
60
80
100
o
120
140
160
LEAD TEMPERATURE. ( C)
100 50 20 10 5 2 1 0.5 0.2 0.1 0.05 0.02
FIG.3- TYPICAL FORWARD CHARACTERISTICS
10,000
FIG.4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
1,000
TJ = 1
00 C
0
SS12L
5 TJ = 7
0
C
100
SS13L-SS14L
10
TJ =
25 C
0
SS15L-SS110L
1
0.01 0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
0
FORWARD VOLTAGE. (V)
20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
140
FIG.5- TYPICAL JUNCTION CAPACITANCE
100 50
JUNCTION CAPACITANCE. (pF)
Tj=25OC f=1.0MHz Vsig=50mVp-p
20
10 5
2
1
0.1
1.0
10 REVERSE VOLTAGE. (V)
100
1000
- 39 -


▲Up To Search▲   

 
Price & Availability of SS110L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X