Part Number Hot Search : 
EFM32 VIPER1 UF4001 SH7262 73K324L LP2NAC6V BZX85B11 BR88DL
Product Description
Full Text Search
 

To Download SP8127NDG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCED
SP8127N
High Speed Differential APC Amplifier
FEATURES
* * * * * * * * Dual wavelength 650 and 780nm 100 MHz Bandwidth 300 V/s Slew Rate 5 ns Setting Time 10 mV Differential Output Offset Voltage 25 mV/oC Output Offset Voltage Drift -6/+6 dB External Gain Adjust Small 8-pin OPLGA package
Vcc Gain Rc GND
1 2 3 4 SP8127N 8-Pin OPLGA
8 7 6 5
Vout (+) Vout (-) Rg2 Rg1
APPLICATION
*
*
CD-R, and CD-RW DVD+/-R, DVD+/-RW, and DVD-RAM
GENERAL DESCRIPTION The SP8127N is a high-speed, differential output APC amplifier that integrates the photodiode and adjustable gain block on one chip. Independent gain control allows individual adjustment for 780mn and 650nm wavelength operation, as found in CD/DVD optical storage drives. This allows the user to control the laser power of the system in high-speed DVD+/-RW, DVD-RAM and CD-RW systems. The wide 2V output swing also allows better system performance, through improved dynamic range.
Rev 0.4 06/29/04. SP8127N High Speed Differential APC Amplifier Copyright 2003 Sipex Corporation SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY page 1 of 5
ADVANCED
ABSOLUTE MAXIMUM RATINGS
SP8127N
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
Supply Voltage (Vcc)..........................6.0V Reference Voltage (Vs) ..................... 6.0V Output Voltage (Vout)....................... Vcc Junction Temperature (Tj)..................120 oC Storage Temperature............-40C to +100C Soldering Temperature.....................+235C
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (Vcc)........................4.5V to 5.5V Operating temperature.....................-20C to +85oC
THERMAL SPECIFICATIONS
8-pin OPLGA (3 x 3.5mm) Package Thermal Resistance............ 75 oC/W
Rev 0.4 06/29/04. SP8127N High Speed Differential APC Amplifier Copyright 2003 Sipex Corporation SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY page 2 of 5
ADVANCED
ELECTRICAL/OPTICAL SPECIFICATIONS
SP8127N
Unless otherwise noted: Vcc = 5V, output load: RL = 1k , CL = 20pF, gain 0 dB, ambient temperature -20C Ta +85 oC
Parameter Supply Current Output Common Mode Voltage Output Offset Voltage Output Offset Voltage Drift Power Supply Rejection Ratio (PSRR) * Output Sensitivity Input Optical Power required to produce a 2V differential output swing Photo Detector Active Area Output Settling Time Full Scale Output Voltage Swing Bandwidth Gain Adjust Range Condition Ta = 25 oC, no signal, no load o -20 Ta +85 C, no signal, no load No signal Gain = 0dB, no signal Gain = +6dB, no signal Gain = 0dB, no signal Gain = + 6dB, no signal Gain = 0dB, 4.5V Vcc 5.5V Gain = 0dB 0.35mm laser beam diameter, uniform density, Gain = 0dB Gain = -6dB, 2Vpp step Gain = 0dB, 2Vpp step Differential voltage = (V+) - (V-) Gain = -6dB, -3dB level Gain = 0dB, -3dB level Min. Typ. 15 Max 20 Vcc/2.2 -10 -20 -25 -50 55 4560 Vcc/2 Vcc/1.8 10 20 25 50 Unit mA V mV V/oC dB 6840 V/W W mm2 7 9 ns V p-p 100 80 +6 MHz dB
76 5700 263 0.245 5 6
2 80 60 -6
*) PSRR = 20log (Vcc/Vout) **) Gain Linearity = (Gain2 - Gain 1)/Gain 1, where Gain = Vout/Pin. This test is done with current injection at the wafer level.
PIN ASSIGNMENTS
Pin # 1 2 3 4 5 6 7 8 Pin Name Vcc Gain Rc GND Rg1 Rg2 Vout (-) Vout(+) Pin Function Supply Voltage. Bypass to GND with ceramic capacitor 0.1F Gain Switch Input. Low level selects Rg1, high level selects Rg2 Common connection point for Rg1 and Rg2 Power Ground Gain Adjust 1 Gain Adjust 2 Output Voltage Negative Swing Output Voltage Positive Swing
Rev 0.4 06/29/04. SP8127N High Speed Differential APC Amplifier Copyright 2003 Sipex Corporation SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY page 3 of 5
ADVANCED
OPLGA 8-pin PACKAGE DIMENSIONS
SP8127N
Rev 0.4 06/29/04. SP8127N High Speed Differential APC Amplifier Copyright 2003 Sipex Corporation SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY page 4 of 5
ADVANCED
PHOTO DETECTOR PATTERN
SP8127N
ORDERING INFORMATION
Part number SP8127NDG Temperature range -20C + 850C Package Type 8-pin OPLGA
Rev 0.4 06/29/04. SP8127N High Speed Differential APC Amplifier Copyright 2003 Sipex Corporation SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY page 5 of 5


▲Up To Search▲   

 
Price & Availability of SP8127NDG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X