Part Number Hot Search : 
ZUY85WA SBL20 CFPA10MD FS8108 PM1FFXX MA11FCA TB220F 5253B
Product Description
Full Text Search
 

To Download SLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 531_SLF12575 (1/2)
Inductors
For Power Line SMD
FEATURES * The SLF series are characterized by low profile, low DC resistance, and high current handling capacities. * Because they are magnetically shielded, these parts can be used in high-density mounting configurations. * Flat bottom surface ensures secure, reliable mounting. * Provided in embossed carrier tape packaging for use with automatic mounting machines. APPLICATIONS Portable telephones, personal computers, hard disk drives, and other electronic equipment. SPECIFICATIONS
Type SLF6025 SLF6028 SLF7028 SLF7030 SLF7032 SLF7045 SLF10145 SLF12555 SLF12565 SLF12575 Operating temperature range [Including self-temperature rise] -20 to +85C -20 to +85C -20 to +85C -20 to +85C -20 to +85C -20 to +85C -20 to +90C -20 to +90C -20 to +105C -20 to +105C Storage temperature range [Unit of products] -40 to +85C -40 to +85C -40 to +85C -40 to +85C -40 to +85C -40 to +85C -40 to +90C -40 to +90C -40 to +105C -40 to +105C
SLF Series SLF12575 Type
PRODUCT IDENTIFICATION SLF 7032 T- 220 M R96 -2 (1) (2) (3) (4) (5) (6) (7)
(1) Series name (2) Dimensions LxWxT
6025 6028 7028 7030 7032 7045 10145 12555 12565 12575 6.0x6.0x2.5mm 6.0x6.0x2.8mm 7.0x7.0x2.8mm 7.0x7.0x3.0mm 7.0x7.0x3.2mm 7.0x7.0x4.5mm 10.1x10.1x4.5mm 12.5x12.5x5.5mm 12.5x12.5x6.5mm 12.5x12.5x7.5mm
(3) Packaging style
T Taping(reel)
(4) Inductance value
3R3 100 3.3H 10H
(5) Inductance tolerance
M N 20% 30%
RECOMMENDED REFLOW SOLDERING CONDITIONS
5s 2405C 2205C 40s Natural cooling
(6) Rated current
1R9 R96 1.9A 0.96A
150C 130C 60 to 120s Preheating Time (s)
(7) TDK internal code (Some products may not have this number. See the main body for details.) PACKAGING STYLE AND QUANTITIES
Packaging style Taping Type SLF6025T SLF6028T SLF7028T SLF7030T SLF7032T SLF7045T SLF10145T SLF12555T SLF12565T SLF12575T Quantity 1000 pieces/reel 1000 pieces/reel 1000 pieces/reel 1000 pieces/reel 1000 pieces/reel 1000 pieces/reel 500 pieces/reel 500 pieces/reel 500 pieces/reel 500 pieces/reel
Specifications which provide more details for the proper and safe use of the described product are available upon request. All specifications are subject to change without notice.
531_SLF12575 (2/2)
Inductors
For Power Line SMD
SLF Series SLF12575 Type
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
Marking (Inductance code) 12.50.3 12.50.3 7.50.35 8.60.3 30.1 3.2 2.5 8.6 2.5 Weight: 3.3g Dimensions in mm
330
ELECTRICAL CHARACTERISTICS
Inductance (H) 1.2 2.7 3.9 5.6 6.8 10 15 22 33 47 68 100 150 220
20.15
Winding start mark
0.1typ.
Inductance tolerance (%) 30 30 30 30 30 20 20 20 20 20 20 20 20 20
Test frequency L (kHz) 1 1 1 1 1 1 1 1 1 1 1 1 1 1
DC resistance ()20% 0.0069 0.0094 0.0104 0.0116 0.0131 0.0156 0.0184 0.0263 0.0395 0.0528 0.0778 0.125 0.175 0.258
Rated current (A) max. Based on inductance change 13 10 9 7.8 7.2 5.5 4.7 4 3.2 2.7 2 1.9 1.5 1.3
Based on temperature rise 8.2 7 6.7 6.3 5.9 5.4 5 4 3.4 3 2.4 1.9 1.6 1.3
Part No. SLF12575T-1R2N8R2 SLF12575T-2R7N7R0 SLF12575T-3R9N6R7 SLF12575T-5R6N6R3 SLF12575T-6R8N5R9 SLF12575T-100M5R4 SLF12575T-150M4R7 SLF12575T-220M4R0 SLF12575T-330M3R2 SLF12575T-470M2R7 SLF12575T-680M2R0 SLF12575T-101M1R9 SLF12575T-151M1R5 SLF12575T-221M1R3
Rated current: Value obtained when current flows and the temperature has risen to 40C or when DC current flows and the initial value of inductance has fallen by 10%, whichever is smaller. * Test equipment L:YHP 4194A IMPEDANCE GAIN/PHASE ANALYZER, or equivalent (Measured at 1kHz/0.5V) Rdc:MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS INDUCTANCE CHANGE vs. DC SUPERPOSITION CHARACTERISTICS
Universal bridge 10 Test circuit L=0.1H C=20000F A
DC
10000
Specimen
3000 1000 Inductance (H)
YHP model-4275A or equivalent
300 100 100H 47H 30 10 22H 10H 6.8H 3 1 0.01 0.03
0.1 0.3 1 DC current (A)
3
531_SLF12575 990803
Specifications which provide more details for the proper and safe use of the described product are available upon request. All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X