Part Number Hot Search : 
A3290 SG1825CJ PL375SBR BDS935 HC224 67F090 P4KE100 PA3202
Product Description
Full Text Search
 

To Download RS605 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
RS601 THRU RS607
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS-6
A D
Low Leakage Low Forward Voltage Any Mounting Position Silver Plated Copper Leads Surge Overload Rating Of 200 Amps
Maximum Ratings
* * Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Microsemi Catalog Number RS601 RS602 RS603 RS604 RS605 RS606 RS607 Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000v Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000v
B
C
RS601 RS602 RS603 RS604 RS605 RS606 RS607
-
A
+
E
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 6.0A 200A TA = 65C 8.3ms, half sine
I H
F
G
VF
1.1V
IFM = 3.0A; TJ = 25C
DIM A B C D E F G H I
DIMENSIONS INCHES MIN .895 --.660 .15 x 1.00 .048 .260 .180 .185 MM MIN 22.70 --16.80 3.8 x 25.40 1.20 6.60 4.60 4.70
Maximum DC Reverse Current At IR 10A TA = 25C Rated DC Blocking 1 mA TA = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
MAX .935 .760 .700 .23L --.052 .280 .220 .205
MAX 23.70 19.30 17.80 5.57L --1.30 7.10 5.60 5.20
NOTE
HOLE TYP
www.mccsemi.com
RS601 thru RS607
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1. Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 12 Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 25 C 10 6 4 2 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 100 120 140 TA=25C TA=100C Figure 2 Typical Reverse Characteristics
Figure 4 Peak Forward Surge Current 250
10
200 150 100 Amps 50 25
8
6 Amps 4
2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 20 40 60 80 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 120 140 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of RS605

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X