|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWERLINE - DC/DC-Converter E-Series, 3 Watt, DIP24, Regulated & Wide Input Range (Single & Dual Output) Features 3 Watts in DIP-24 Package Include 3.3VDC Output 4.5-6V, 9-18V, 18-36 and 36-75V Input No Derating to 71C Typical Efficiency up to 80% Regulated Outputs Wide Input Voltage Range Over Current Protection, Continuous Pi Input Filter Low Profile, 10.2 mm Height MTBF 1.09 x 106 Hours 2 Year Warranty Standard and SMT-Pinning Non-Conductive Black Plastic International Safety Standard Approvals UL 1950 Component Recognised Selection Guide 5V, 12V, 24V, and 48V Input Types Part Number RP03-0533SE RP03-0505SE RP03-0512SE RP03-0515SE RP03-0505DE/DS RP03-0512DE/DS RP03-0515DE/DS RP03-1233SE RP03-1205SE RP03-1212SE RP03-1215SE RP03-1205DE/DS RP03-1212DE/DS RP03-1215DE/DS RP03-2433SE RP03-2405SE RP03-2412SE RP03-2415SE RP03-2405DE/DS RP03-2412DE/DS RP03-2415DE/DS RP03-4833SE RP03-4805SE RP03-4812SE RP03-4815SE RP03-4805DE/DS RP03-4812DE/DS RP03-4815DE/DS Input Range 4.5-6.0 VDC 4.5-6.0 VDC 4.5-6.0 VDC 4.5-6.0 VDC 4.5-6.0 VDC 4.5-6.0 VDC 4.5-6.0 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 36-75 VDC 36-75 VDC 36-75 VDC 36-75 VDC 36-75 VDC 36-75 VDC 36-75 VDC Output Voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output Current 600 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA 600 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA 600 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA 600 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA Efficiency (%) 61 70 75 75 70 75 75 65 74 79 79 74 79 79 66 74 80 80 74 80 80 68 75 80 80 75 80 80 Maximum Capacitive Load RP03-xx05SE RP03-xx12SE RP03-xx15SE RP03-xx05DE/DS RP03-xx12DE/DS RP03-xx15DE/DS www.recom-international.com August 2002 1000F 220F 150F 470F 100F 68F PO 15 POWERLINE - DC/DC-Converter E-Series, 3 Watt, DIP 24, Regulated & Wide Input Range (Single & Dual Output) Specifications (typical at nominal input and 25C unless otherwise noted) Input Voltage Range 5V types nominal 12V types nominal 24V types nominal 48V types nominal 4.5-6V 9-18V 18-36V 36-75V Pi Type 2% 2% 1%/P-P of Vout max. Single Output0.5% Dual Output0.5% Single Output0.2% Dual Output2% 0.02%/C Continuous 100kHz, min. 1600VDC 3000VDC 500VDC 109 300pF max. -25C to +71C -55C to +125C Free-air Convection Non-Conductive Black Plastic 31.8 x 20.3 x 10.2 mm 1.09 x 106 Hours 120 100 80 60 Output Power (%) 40 20 0 75 71 Ambient Temperature C -25 25 50 100 125 Natural Convection Cooling Input Filter Voltage Accuracy Voltage Balance, Dual Outputs Ripple and Noise, 20MHz BW Line Regulation Load Regulation, FL-1/4FL Temperature Coefficient Over Current Protection Switching Frequency Isolation Voltage, I/O H" Models Isolation Voltage, O/O (only DS) Suffix "DS" RP03-*DS* Isolation Resistance Isolation Capacitance Operating Temperature Range Storage Temperature Range Cooling Case Material Dimensions (MIL-HDBK-217F TA = 25C full load) Package Style and Pinning (mm) SMD Package Style Same spec. as the original DIP spec. and pin definition, excl. of the SMD type pin. DIP24 Package Style 2.0 3.8 Pin Connections 1 2 3 4 5 24 23 22 1 2 3 2.54 Pin area 0.1 x 0.25 24 23 22 21 20 Pin # Single Dual + V in - V out Common Common + V out - V in - V in + V out Common Common - V out + V in 31.80 25.54 Bottom View 16 15 14 13 9 10 11 12 Bottom View 22.90 31.80 2.5 15 14 13 10 11 12 20.32 23.40 25.40 15.20 20.30 10.20 0.25 x 0.50 Rectangular Pin 1 + V in 2 NC 3 NC 10 - V out 11 + V out 12 - V in 13 - V in 14 + V out 15 - V out 22 NC 23 NC 24 + V in NC = No Connection Dual Separate + V in - V1 out + V1 out - V2 out + V2 out - V in - V in + V2 out - V2 out + V1 out - V1 out + V in 10.90 Pin Pitch Tolerance 0.35 mm 0.25 1.52 PO 16 August 2002 www.recom-international.com |
Price & Availability of RP03-4833 |