Part Number Hot Search : 
1N4762A FN521 BCR8PM 12CTQ045 74AC74B 32000 AD7224TE SGM8291
Product Description
Full Text Search
 

To Download P4SMA91 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4SMA SERIES
Surface Mount Transient Voltage Suppressor
Voltage Range 6.8 to 200 Volts 400 Watts Peak Power
Features
For surface mounted application in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1A above 10V High temperature soldering guaranteed: 260OC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 300 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle
SMA/DO-214AC
.062(1.58) .050(1.27) .111(2.83) .090(2.29)
.187(4.75) .160(4.06)
.103(2.61) .078(1.99)
.012(.31) .006(.15) .008(.20) .004(.10) .210(5.33) .195(4.95)
Mechanical Data
Case: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Standard packaging: 12mm tape (EIA STD RS-481)
.056(1.41) .035(0.90)
1. Weight: 0.064 gram Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeters)
Rating at 25ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=25 C, Tp=1ms(Note 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) Maximum Instantaneous Forward Voltage at 25.0A for Unidirectional Only Operating and Storage Temperature Range
O
Symbol PPK IFSM VF
Value Minimum 400 40.0 3.5
Units Watts Amps Volts
O TJ, TSTG -55 to + 150 C O Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 C Per Fig. 2. 2. Mounted on 5.0mm2 (.013 mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum. Devices for Bipolar Applications 1. For Bidrectional Use C or CA Suffix for Types P4SMA 6.8 through Types P4SMA200A. 2. Electrical Characteristics Apply in Both Directions.
- 546 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code ADJ AEJ AFJ AGJ AHJ AKJ ALJ AMJ ANJ APJ AQJ ARJ ASJ ATJ AUJ AVJ AWJ AXJ AYJ AZJ BDJ BEJ BFJ BGJ BHJ BKJ BLJ BMJ BNJ BPJ BQJ BRJ BSJ BTJ BUJ BVJ BWJ BXJ BYJ BZJ CDJ CEJ CFJ CGJ CHJ CKJ CLJ CMJ CNJ CPJ CQJ CRJ CSJ CTJ CUJ CVJ
Breakdown Voltage VBR (Volts) (Note 1) Min Max Test Current @IT (mA) Stand-Off Maximum Maximum Maximum Maximum Voltage Reverse Leakage Peak Pulse Clamping Temperature VWM at VWM Current IPPM Voltage at IPPM Coefficient O (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR(% / C)
P4SMA6.8 P4SMA6.8A P4SMA7.5 P4SMA7.5A P4SMA8.2 P4SMA8.2A P4SMA9.1 P4SMA9.1A P4SMA10 P4SMA10A P4SMA11 P4SMA11A P4SMA12 P4SMA12A P4SMA13 P4SMA13A P4SMA15 P4SMA15A P4SMA16 P4SMA16A P4SMA18 P4SMA18A P4SMA20 P4SMA20A P4SMA22 P4SMA22A P4SMA24 P4SMA24A P4SMA27 P4SMA27A P4SMA30 P4SMA30A P4SMA33 P4SMA33A P4SMA36 P4SMA36A P4SMA39 P4SMA39A P4SMA43 P4SMA43A P4SMA47 P4SMA47A P4SMA51 P4SMA51A P4SMA56 P4SMA56A P4SMA62 P4SMA62A P4SMA68 P4SMA68A P4SMA75 P4SMA75A P4SMA82 P4SMA82A P4SMA91 P4SMA91A
6.12 6.46 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.5
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8
1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
38 40 35 37 33 34 30 31 28 29 26 27 24 25 22 23 19 20 17.8 18.6 16 16.5 14 15 13 13.7 12 12.6 10.7 11.0 9.6 10 8.8 9.0 8.0 8.4 7.4 7.7 6.7 7.0 6.2 6.4 5.7 6.0 5.2 5.4 4.7 5.0 4.2 4.5 3.8 4.0 3.5 3.7 3.2 3.3
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106
- 547 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code
CWJ CXJ CYJ CZJ RDJ REJ RFJ RGJ RHJ RKJ RLJ RMJ RNJ RPJ RQJ RRJ RSJ RTJ
Stand-Off Maximum Maximum Maximum Maximum Breakdown Voltage Test VBR Current Voltage Reverse Leakage Peak Pulse Clamping Temperature (Volts) (Note 1) @IT VWM at VWM Current IPPM Voltage at IPPM Coefficient O Min Max (mA) (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR(% / C)
90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.9 3.0 2.6 2.7 2.4 2.5 2.2 2.3 1.9 2.0 1.8 1.9 1.7 1.8 1.6 1.7 1.4 1.51 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108
P4SMA100 P4SMA100A P4SMA110 P4SMA110A P4SMA120 P4SMA120A P4SMA130 P4SMA130A P4SMA150 P4SMA150A P4SMA160 P4SMA160A P4SMA170 P4SMA170A P4SMA180 P4SMA180A P4SMA200 P4SMA200A
Notes: 1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent. 2. Surge current waveform per Figure 3 and derate per Figure 2. 3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled. 4. For bidirectional use C or CA suffix for types P4SMA6.8 through P4SMA200A. 5. All terms and symbols are consistent with ANSI/IEEE C62.35.
- 548 -
RATINGS AND CHARACTERISTIC CURVES (P4SMA SERIES)
PEAK PULSE POWER (PPP) or CURRENT (IPPM) DERATING IN PERCENTAGE. %
FIG.1- PEAK PULSE POWER RATING CURVE
PPPM, PEAK PULSE POWER, KW
100
FIG.2- PULSE DERATING CURVE
100
10
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 O TA = 25 C
75
50
1.0
25
0.1 0.1 s 1.0 s 10 s 100 s 1.0ms 10ms
0 0 25 50 75 100 125
O
150
175
200
tp, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE. ( C)
IFSM, PEAK FORWARD SURGE CURRENT. AMPERES
FIG.3- PULSE WAVEFORM
PEAK PULSE CURRENT - %
150
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
50
tr = 10 sec Peak Value IPPM
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM Half Value - IPPM 2 10/1000 sec. WAVEFORM as DEFINED by R.E.A.
40 30 20
Tj = Tj max. 8.3ms Single Half Sine Wave JEDEC Method
100
50
10
0 0
td
1.0 2.0 3.0 4.0
0 1 2 4 6 8 10 20 40 60 80 100
t, TIME, ms
NUMBER OF CYCLES AT 60Hz
ID, INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
FIG.5- TYPICAL REVERSE LEAKAGE CHARACTERASTICS
100
FIG.6- TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
100,000
10
1
CJ,JUNCTION CAPACITANCE. (pF)
MEASURED AT DEVICES STAND-OFF VOLTAGE, VWM
Tj =25 C f = 1.0MHz Vsig = 50 mVp-p
10,000
O
0.1
TA = 25 C
0.01 0 100 200 300 400 500
O
MEASURED at ZERO BIAS
V(BR), BREAKDOWN VOLTAGE. VOLTS
1000
MEASURED at STAND-OFF VOLTAGE, VWM
100 1.0 10 100 200
V(BR), BREAKDOWN VOLTAGE. VOLTS
- 549 -


▲Up To Search▲   

 
Price & Availability of P4SMA91

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X