Part Number Hot Search : 
M8504 TIP125A UC387Q S3704 TIP41C CGRM4005 M41T56 ACT3492
Product Description
Full Text Search
 

To Download P4SMA75A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4SMA6.8A thru P4SMA220CA
Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 220V
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Optimized for LAN protection applications Ideal for ESD protection of data lines in accordance with IEC 1000-4-2 (IEC801-2) Ideal for EFT protection of data lines in accordance with IEC1000-4-4 (IEC801-4) Low profile package with built-in strain relief for surface mounted applications Glass passivated junction Low incremental surge resistance, excellent clamping capability 400W peak pulse power capability with a 10/1000us waveform, repetition rate (duty cycle): 0.01% (300W above 91V) Very Fast response time High temperature soldering guaranteed: 250oC/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-214AC molded plastic over passivated chip Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: For uni-directional types the band denotes the cathode, which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.002oz., 0.064g
Devices for Bidirectional Applications For bi-directional devices, use suffix CA (e.g. P4SMA10CA). Electrical characteristics apply in both directions.
Maximum Ratings and Characteristics
(TA=25oC unless otherwise noted)
Parameter Peak pulse power dissipation with a 10/1000us waveform (1)(2) (Fig. 1) Peak pulse current with a 10/1000us waveform (1) (Fig. 3) Power dissipation on infinite heatsink, TA=50 C Peak forward surge current, 8.3ms single half sine-wave uni-directional only (2) Thermal resistance junction to ambient air (3) Thermal resistance junction to leads Operating junction and storage temperature range
o
Symbol P PPM IPPM PM(AV) IFSM RJA RJL TJ, TSTG
Value 400 See Next Table 1.0 40 120 30 -65 to +150
Unit W A W A
o
C/W C/W
o
o
C
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25oC per Fig. 2. Rating is 300W above 91V. 2. Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal 3. Mounted on minimum recommended pad layout
527
Electrical Characteristics
Ratings at 25oC ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only) Breakdow n voltage V(BR) (Volts) (1) Min. 6.45 7.13 7.79 8.65 9.50 10.5 11.4 12.4 14.3 15.2 17.1 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 105 114 124 143 152 162 171 190 209 Max. 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 116 126 137 158 168 179 189 210 231 Maximum reverse leakage at VWM ID(3) (uA) 1000 500 200 50 10 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum peak pulse current IPPM(2) (A) 38.1 35.4 33.1 29.9 27.6 25.6 24.0 22.0 18.9 17.8 15.9 14.4 13.1 12.0 10.7 9.7 8.8 8.0 7.4 6.7 6.2 5.7 5.2 4.7 4.3 3.9 3.5 3.2 2.2 2.0 1.8 1.7 1.4 1.4 1.3 1.2 1.1 0.9 Maximum clamping voltage at IPPM VC (Volts) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 104 113 125 137 152 165 179 207 219 234 246 274 328 Maximum temperature coefficient of V(BR) (% / oC) 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.106 0.108 0.108 0.108 0.108 0.108
Device marking co d e Device type P4SMA6.8A P4SMA7.5A P4SMA8.2A P4SMA9.1A P4SMA10A P4SMA11A P4SMA12A P4SMA13A P4SMA15A P4SMA16A P4SMA18A P4SMA20A P4SMA22A P4SMA24A P4SMA27A P4SMA30A P4SMA33A P4SMA36A P4SMA39A P4SMA43A P4SMA47A P4SMA51A P4SMA56A P4SMA62A P4SMA68A P4SMA75A P4SMA82A P4SMA91A P4SMA100A P4SMA110A P4SMA120A P4SMA130A P4SMA150A P4SMA160A P4SMA170A P4SMA180A P4SMA200A P4SMA220A Notes: UNI 6V 8A 7V 5A 8V 2A 9V 1A 10A 11A 12A 13A 15A 16A 18A 20A 22A 24A 27A 30A 33A 36A 39A 43A 47A 51A 56A 62A 68A 75A 82A 91A 100A 110A 120A 130A 150A 160A 170A 180A 200A 220A BI 6V 8C 7V 5C 8V 2C 9V 1C 10C 11C 12C 13C 15C 16C 18C 20C 22C 24C 27C 30C 33C 36C 39C 43C 47C 51C 56C 62C 68C 75C 82C 91C 100C 110C 120C 130C 150C 160C 170C 180C 200C 220C
Test current at IT (mA) 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM (Volts) 5.80 6.40 7.02 7.78 8.55 9.40 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171 185
1. V(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent 2. Surge current waveform per Fig. 3 and derate per Fig. 2 3. All terms and symbols are consistent with ANSI/IEEE CA62.35 4. For bidirectional types with VR 10 Volts and less, the ID limit is doubled
528
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
529


▲Up To Search▲   

 
Price & Availability of P4SMA75A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X