Part Number Hot Search : 
MPT30 B001M UFT12770 R12KE ATM128 06300 2545E 150N6
Product Description
Full Text Search
 

To Download NTE5558 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE5550 thru NTE5558
Silicon Controlled Rectifiers
Description: The NTE5550 thru NTE5558 SCR's are designed primarily for half-wave AC control applications, such as motor controls, heating controls and power supply crowbar circuits. Features: D Glass Passivated Junctions with Center Gate Fire for Greater Parameter Uniformity and Stability. D Small, Rugged, Thermowatt Constructed for Low Thermal Resistance, High Heat Dissipation and Durability. D Blocking Voltage to 800 Volts D 300A Surge Current Capability Absolute Maximum Ratings: Peak Reverse Blocking Voltage (Note 1), VRRM NTE5550 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V NTE5552 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V NTE5554 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V NTE5556 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V NTE5558 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800V Forward Current (TC = +85C), IT(RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25A (All Conduction Angles), IT(AV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16A Peak Non-Repetitive Surge Current (8.3ms), ITSM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300A (1/2 Cycle, Sine Wave, 1.5ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350A Forward Peak Gate Power, PGM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20W Forward Average Gate Power, PG(AV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5W Forward Peak Gate Current, IGM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5C/W Note 1. VRRM for all types can be applied on a continuous dc basis without incurring damage. Ratings apply for zero or negative gate voltage. Devices should not be tested for blocking capability in a manner such that the voltage supplied exceeds the rated blocking voltage.
Electrical Characteristics: (TC = +25C unless otherwise noted.) Parameter Peak Forward Blocking Voltage, (TJ = +125C) NTE5550 NTE5552 NTE5554 NTE5556 NTE5558 Peak Forward or Reverse Blocking Current, (Rated VDRM or VRRM) TJ = +25C TJ = +125C Forward "ON" Voltage, (ITM = 50A, Note 2) Gate Trigger Current (Continuous DC), (Anode Voltage = 12Vdc, RL = 100) TC = +25C TC = -40C Symbol VDRM 50 200 400 600 800 IDRM, IRRM - - VTM IGT VGT VGD IH tgt tq - - dv/dt - 15 35 50 - - - V/s - - - - 0.2 - - - - - - 25 1 - 35 1.5 10 2 1.8 40 75 1.5 - 40 2 - - - - - - - - - - A mA V mA V V mA s s Min Typ Max Unit V
Gate Trigger Voltage (Continuous DC) (Anode Voltage = 12Vdc, RL = 100, TC = -40C) Gate Non-Trigger Voltage (Anode Voltage = Rated VDRM, RL =100, TJ = +125C) Holding Current (Anode Voltage = 12Vdc, TC = -40C) Turn-On Time (ITM = 25A, IGT = 50mAdc) Turn-Off Time (VDRM = rated voltage) (ITM =25A, IR = 25A) (ITM =25A, IR = 25A, TJ = +125C) Critical Rate of Rise of Off-State Voltage (Gate Open, Rated VDRM, Exponential Waveform) Note 2. Pulse Test: Pulse Width 300s, Duty Cycle 2%.
.420 (10.67) Max
.110 (2.79)
.147 (3.75) Dia Max
.500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min
.070 (1.78) Max Cathode .100 (2.54)
Gate Anode/Tab


▲Up To Search▲   

 
Price & Availability of NTE5558

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X