Part Number Hot Search : 
DB25S LS301 TIP105 C1C100KT 1E0506 B1505 20N1T A105K
Product Description
Full Text Search
 

To Download NFC25-24T05-12J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NFC25 SERIES
Triple output
* * * * * * * * * * Typical efficiency 80% Low profile 0.43 inches Remote ON/OFF BTR2511 conformance UL, CSA and TUV approvals EN55022 conducted emissions level B Industry standard footprint Fixed operating frequency Load sharing facility Available RoHS compliant
[ 2 YEAR WARRANTY ]
TUV
The NFC25 series of dc-dc converters provide 25 Watts of power in a low profile, 11 mm, industry standard package. Key design specifications are tight line and load regulation, 80% efficiency, load sharing facility, conducted emissions to EN55022 level B, and the BTR2511 requirements (hold-up time, reverse polarity protection etc.). These specifications have been enhanced by adding such standard features as remote ON/OFF, short circuit protection and overvoltage protection. The input voltage ranges encompass 9 Vdc to18 Vdc, 18 Vdc to 36 Vdc and 36 Vdc to 72 Vdc. The NFC25 Series is ideal for applications such as telecommunications, process control, factory automation, mobile and test equipment.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Voltage adjustability Line regulation Load regulation
All specifications are typical at nominal input, full load at 25 C unless otherwise stated
EMC CHARACTERISTICS 1.0% 3.0% 10% 0.2% 1.5% 1%, max. See diagram See graphs Radiated noise Conducted noise EN55022/11, FCC part 15 EN55022/11, FCC part 15 48 V input models 12 V and 24 V input models Class B Class B Class A
5V Auxiliary outputs All Outputs LL to HL, +5 V output LL to HL, auxiliaries FL to NL, +5 V output (See Note 6) Auxiliary output
GENERAL SPECIFICATIONS Efficiency Isolation voltage Switching frequency Approvals and standards Case material Material flammability Weight MTBF MIL-HDBK-217E Input/output Fixed 80% typical 78%, min. 500 Vdc 150 kHz EN60950, IEC950, UL1950 CSA C22.2 No. 950 Aluminum with plastic non-conductive base UL94V-0 75 g (2.6 oz) 330,000 hours
Cross regulation Ripple and noise (5 Hz to 20 MHz) 5 V output Auxiliaries
80 mV pk-pk, max. 150 mV pk-pk, max. 0.02%/C, max. 6.8 V, typical None Continuous 10 seconds, max.
Temperature coefficient All outputs Overvoltage protection Short circuit protection 5 V output Auxiliary 5 V output Auxiliary
INPUT SPECIFICATIONS ENVIRONMENTAL SPECIFICATIONS Input voltage range 12 Vdc 24 Vdc 48 Vdc ETS300-132 (48 Vdc version) 12 Vdc 24 Vdc 48 Vdc 9-18 Vdc 18-36 Vdc 36-72 Vdc 75 Vdc Relative humidity No load input current 120 mA 60 mA 50 mA Pi network (See Note 9) CMOS and TTL >1.5 V or open <0.4 V Altitude Vibration Thermal performance Operating ambient -25 C to +70 C Non-operating -45 C to +100 C Cooling Free air convection cooled Derating None Non-condensing Operating Non operating 5-500 Hz 5% to 95% RH 10,000 feet max. 40,000 feet max. 2.5 G rms (approx.)
Continuous input overvoltage
Input filter Remote ON/OFF Logic compatibility On Off
International Safety Standard Approvals
TUV
EN60950/IEC950 Reg. File No. 92 05 2584 533 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
PAGE 1
DC-DC CONVERTERS
|
25 W DC-DC
25 Watt Wide input DC-DC converters
INPUT VOLTAGE
(1)
OUTPUT VOLTAGE 5/12 Vdc 5/15 Vdc 5/12 Vdc 5/15 Vdc 5/12 Vdc 5/15 Vdc
OUTPUT INPUT CURRENT CURRENT (MAX.) FULL LOAD 5/1 A 5/0.8 A 5/1 A 5/0.8 A 5/1 A 5/0.8 A 2.75 A 2.75 A 1.35 A 1.35 A 0.68 A 0.68 A
REGULATION LINE (2) 0.2%/1.5% 0.2%/1.5% 0.2%/1.5% 0.2%/1.5% 0.2%/1.5% 0.2%/1.5% LOAD
(3,4)
MODEL NUMBER
(11,12)
9-18 Vdc 9-18 Vdc 18-36 Vdc 18-36 Vdc
(5) (5) (5)
1.0%/graph 1.0%/graph 1.0%/graph 1.0%/graph 1.0%/graph 1.0%/graph
NFC25-12T05-12J NFC25-12T05-15-AJ NFC25-24T05-12J NFC25-24T05-15J NFC25-48T05-12J NFC25-48T05-15J
36-72 Vdc 36-72 Vdc
Nominal input voltages are 12 Vdc, 24 Vdc and 48 Vdc. Measured from high line to low line at nominal loads. Measured from full load to no load ( auxiliary outputs at no load). Auxiliary 12 V load regulation, 15% full load to 100% full load. Initial: 5 V @ 2.1 A, 12 V @ 0.6 A. Final: 5 V @ 2.1 A, 12 V @ 0.09 A. Auxiliary 15 V load regulation, 20% full load to 100% full load. Initial: 5 V @ 2.1 A, 15 V @ 0.5 A. Final: 5 V @ 2.1 A, 15 V @ 0.1 A. 5 To order a model with reverse polarity inputs, add the suffix `-A' to the model number, e.g. NFC25-24T05-12-A. 6 A minimum load of 1 Amp is required on the 5 V output in order to maintain regulation of the auxiliary outputs. 7 A load sharing facility is available, whereby the 25 Watts of power is available to any single output or any combination of outputs. There are, however, two prerequisites: the maximum output current may not be exceeded and the regulation is maintained as per Note 6. 8 Nominal load conditions: 5 V @ 2.1 A, 12 V @ 0.6 A and 5 V @ 2.1 A, 15 V @ 0.5 A. 9 The unit will be damaged by the application of a low impedance voltage source to the remote on/off pin. 10 Maximum case temperature must not be exceeded. Derating may be extended or restricted depending on available cooling. 11 The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 12 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
Notes
1 2 3 4
Load Regulation, 12V
V out (12V) 14
13
5A 4A
12
3A 2A 1A
11
0.5A I Load (12V)
0
100
200
300
400
500
600
700
800
900
1000
Load Regulation, 15V
V out (15V) 18 17 16
(4A) (3A)
15
(2A) (1A)
14 13
(0.5A)
I Out (15V) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 7 8 9 STANDARD PIN OUT - Input + Input N/C Remote Adjust +5V Return +12V or +15V -12V or -15V PIN OUT OPTION A +24V -24V N/C Remote Adjust +5V Return +12V or +15V -12V or -15V
(5)
V out (12V)
0
Cross Regulation, 12V
14 13 12
500mA 300mA 700mA
No Load I (12V) = 20mA 200m
11 10 9 1A
2A
3A
4A
5A
I Load (5V)
Cross Regulation, 15V
V out (15V) 19 18 17 16 15
500mA 200mA 300mA 20mA
No Load
EXTERNAL OUTPUT TRIMMING
6 5 7
14 1A 2A 3A 4A 5A I Load (5V)
10K Potentiometer
http://www.artesyn.com
PAGE 2
25 W DC-DC
|
DC-DC CONVERTERS
25 Watt Wide input DC-DC converters
STAND OFF O 3, 4 PLCS, DOME R 0.295 (7.5)
0.8 (20.32)
0.019 (0.5) 0.31 (8.0)
+0.0 - 0.2
+ OUT
9 8
1.6 (40.64) 0.40 (10.16) TYP
0.433 (11.0) MAX. HOLE O 1.1, 9 PLCS
7
6
5
10K TRIM DOWN TRIM UP
HOLE O 3,4 PLCS
3.0 (76.2)
+ OUT (20.0)
1.10 (28.0) 1.25 TRIM (31.75)
0.787
TRIM UP/DOWN
CONNECTIONS 1 2 OUTPUT VOLTAGE TRIM FOR 3 4
0.40 (10.16) 1.10 (28.0) 1.25 (31.75) 1.2 (30.48) 0.22 (5.6) MIN.
3.0 (76.2) +0.0 - 0.2
ALL DIMENSIONS IN INCHES (mm)
Design Notes for 48V input versions: VDE0871-B
BTR2511 Reverse polarity protection
Fuse
Vin
C
NFC25-48xxx-xx
Vout
Vin
D
NFC25-48xxx-xx
Vout
C = 39F, 100V Aluminium Electrolytic
D = 100V Fast Recovery Diode
ds_nfc25_20060214.PDF
Datasheet (c) Artesyn Technologies(R) 2006 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
PAGE 3


▲Up To Search▲   

 
Price & Availability of NFC25-24T05-12J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X