Part Number Hot Search : 
N2115 MP6K31 AD7312LF SF201 MMBT222 HD74HC SMC120 220M4
Product Description
Full Text Search
 

To Download MMBFJ108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J108/J109/J110/MMBFJ108
J108/J109/J110/MMBFJ108
N-Channel Switch
* This device is designed for digital switching applications where very low on resistance is mandatory. * Sourced from Process 58.
1 1. Drain 2. Source 3. Gate TO-92 3
2 1 SuperSOT-3
1. Drain 2. Source 3. Gate
Absolute Maximum Ratings * TA=25C unless otherwise noted
Symbol VDG VGS IGF TJ, Tstg Parameter Drain-Gate Voltage Gate-Source Voltage Forward Gate Current Operating and Storage Junction Temperature Range Value 25 -25 10 -55 ~ +150 Units V V mA C
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics TA=25C unless otherwise noted
Symbol Parameter Test Condition IG = -10A, VDS = 0 VGS = -15V, VDS = 0 VGS = -15V, VDS = 0, TA = 100C VDS = 15V, ID = 10nA 108 109 110 108 109 110 108 109 110 -3.0 -2.0 -0.5 80 40 10 8.0 12 18 85 15 15 Min. -25 -3.0 -200 -10 -6.0 -4.0 Typ. Max. Units V nA nA V V V mA mA mA pF pF pF Off Characteristics Gate-Source Breakdwon Voltage V(BR)GSS IGSS VGS(off) Gate Reverse Current Gate-Source Cutoff Voltage
On Characteristics IDSS Zero-Gate Voltage Drain Current * VDS = 15V, IGS = 0
rDS(on)
Drain-Source On Resistance
VDS 0.1V, VGS = 0
Small Signal Characteristics Cdg(on) Csg(off) Cdg(on) Csg(off) Drain Gate & Source Gate On Capacitance Drain-Gate Off Capacitance Source-Gate Off Capacitance VDS = 0, VGS = 0, f = 1.0MHz VDS = 0, VGS = -10, f = 1.0MHz VDS = 0, VGS = -10, f = 1.0MHz
* Pulse Test: Pulse Width 300s, Duty Cycle 2.0%
(c)2002 Fairchild Semiconductor Corporation
Rev. B, July 2002
J108/J109/J110/MMBFJ108
Thermal Characteristics TA=25C unless otherwise noted
Symbol PD RJC RJA Parameter Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Max. J108 - 110 625 5.0 125 357 556 *MMBFJ108 350 2.8 Units mW mW/C C/W C/W
* Device mounted on FR-4 PCB 1.6" x 1.6" x 0.06"
(c)2002 Fairchild Semiconductor Corporation
Rev. B, July 2002
J108/J109/J110/MMBFJ108
Typical Characteristics
r DS - DRAIN "ON" RESISTANCE ()
100 - DRAIN CURRENT (mA)
V GS = 0 V
- 2.0 V
100 50
I DSS @ V DS = 5.0V, V GS = 0 PULSED r DS @ V DS = 100mV, V GS = 0 V GS(off) @ V DS = 5.0V, I
D
1,000
I
DSS -
500
80
- 1.0 V - 3.0 V
= 3.0 nA
DRAIN CURRENT (mA)
60 40 20
- 5.0 V
r DS
10 5
I DSS
100 50
- 4.0 V T A = 25 C TYP V GS(off) = - 5.0 V
I 0
D
0
0.4 0.8 1.2 1.6 VDS - DRAIN-SOURCE VOLTAGE (V)
2
_
0.1 VGS (OFF)
10 _ _ _ 0.5 1 5 10 - GATE CUTOFF VOLTAGE (V)
_
Figure 1. Common Drain-Source
Figure 2. Parameter Interactions
100 C ts (C rs ) - CAPACITANCE (pF) - DRAIN CURRENT (mA)
f = 0.1 - 1.0 MHz
C iss (V DS = 5.0V)
50 40 30
T A = 25 C TYP V GS(off) = - 0.7 V
10
C rss (VDS = 0 )
V GS = 0 V
20 10 0
- 0.1 V - 0.2 V - 0.3 V - 0.4 V - 0.5 V
0
-8 -12 -16 V GS - GATE-SOURCE VOLTAGE (V)
-4
-20
I 0
D
1 2 3 4 VDS - DRAIN-SOURCE VOLTAGE (V)
5
Figure 3. Common Drain-Source
Figure 4. Common Drain-Source
r DS - NORMALIZED RESISTANCE
100 50 20 10 5 2 0 0.2 0.4 0.6 0.8 1 VGS /VGS(off)- NORMALIZED GATE-SOURCE VOLTAGE (V) 1
V GS(off) @ 5.0V, 10 A
e n - NOISE VOLTAGE (nV / Hz)
100 50
V DG = 10V BW = 6.0 Hz @ f = 10 Hz, 100 Hz = 0.21 @ f 1.0 kHz
r DS r DS = V GS ________ 1V GS(off)
10 5
I D = 1.0 mA I D = 10 mA
1 0.01 0.03
0.1 0.5 1 2 10 f - FREQUENCY (kHz)
100
Figure 5. Normalized Drain Resistance vs Bias Voltage
Figure 6. Noise Voltage vs Frequency
(c)2002 Fairchild Semiconductor Corporation
Rev. B, July 2002
J108/J109/J110/MMBFJ108
Typical Characteristics (Continued)
10 t ON - TURN-ON TIME (ns) 8 6 4
VDD = 1.5V V GS(off) = - 12V I D = 30 mA
TURN-OFF TIME (ns)
TA = 25 C
50 40 30 20 10 0
V GS(off) = - 8.5V V GS(off) = - 5.5V V GS(off) = - 3.5V TA = 25 C VDD = 1.5V V GS(off) = - 12V
2 0
0
-2 -4 -6 -8 -10 VGS(off) - GATE-SOURCE CUTOFF VOLTAGE (V)
t 0
OFF-
I D = 10 mA
5
10 15 20 I D - DRAIN CURRENT (mA)
25
Figure 7. Switching Turn-On Time vs Gate-Source Cutoff Voltage
Figure 8. Switching Turn-On Time vs Drain Current
r DS - DRAIN "ON" RESISTANCE ()
100 50
V GS(off) = - 3.0V 125 C 125 C V GS = 0
g os - OUTPUT CONDUCTANCE ( mhos)
100
V DG = 5.0V
10V
V GS(off)
- 4.0V
5.0V 10V 15V 20V
15V 20V
10 5
25 C
10
- 2.0V
5.0V 10V 15V 20V
25 C - 55 C V GS(off) = - 5.0V
T A = 25 C f = 1.0 kHz
- 1.0V
1
1
10 I D - DRAIN CURRENT (mA)
100
1 0.1
1 I D - DRAIN CURRENT (mA)
10
Figure 9. On Resistance vs Drain Current
Figure 10. Output Conductance vs Drain Current
g fs - TRANSCONDUCTANCE (mmhos)
T A = 25 C V DG = 10V f = 1.0 kHz
T A = - 55 C T A = 25 C T A = 125 C
PD - P O W E R D IS S IP A T IO N (m W )
100
700
600
500
T O -9 2
400
10
V GS(off) = - 1.0V V GS(off) = - 3.0V V GS(off) = - 5.0V
S u p e rS O T -3
300
200
100
1 0.1
1 I D - DRAIN CURRENT (mA)
10
0 0 25 50 75 100
o
125
150
TEM PERATURE ( C)
Figure 11. Transconductance vs Drain Current
Figure 12. Power Dissipation vs Ambient Temperature
(c)2002 Fairchild Semiconductor Corporation
Rev. B, July 2002
J108/J109/J110/MMBFJ108
Package Demensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. B, July 2002
J108/J109/J110/MMBFJ108
Package Demensions (Continued)
SuperSOT-3
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. B, July 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx FACT ActiveArray FACT Quiet Series Bottomless FASTa CoolFET FASTr CROSSVOLT FRFET DOME GlobalOptoisolator EcoSPARK GTO E2CMOSTM HiSeC EnSignaTM I2C Across the board. Around the world. The Power Franchise Programmable Active Droop
DISCLAIMER
ImpliedDisconnect PACMAN POP ISOPLANAR Power247 LittleFET PowerTrencha MicroFET QFET MicroPak QS MICROWIRE QT Optoelectronics MSX Quiet Series MSXPro RapidConfigure OCX RapidConnect OCXPro SILENT SWITCHERa OPTOLOGICa SMART START OPTOPLANAR
SPM Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogic TruTranslation UHC UltraFETa VCX
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I1


▲Up To Search▲   

 
Price & Availability of MMBFJ108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X