Part Number Hot Search : 
T480005 10725B MAX9651 00130 2RS280SG 13N50 CX3VSM APT150
Product Description
Full Text Search
 

To Download MAC210-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Triacs
Silicon Bidirectional Thyristors
. . . designed primarily for full-wave ac control applications, such as light dimmers, motor controls, heating controls and power supplies; or wherever full-wave silicon gate controlled solid-state devices are needed. Triac type thyristors switch from a blocking to a conducting state for either polarity of applied anode voltage with positive or negative gate triggering. * Blocking Voltage to 800 Volts * All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity and Stability * Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat Dissipation and Durability * Gate Triggering Guaranteed in Three Modes (MAC210 Series) or Four Modes (MAC210A Series)
MAC210 Series MAC210A Series
TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MT2 G
MT1
CASE 221A-04 (TO-220AB) STYLE 4
MAXIMUM RATINGS (TJ = 25C unless otherwise noted.)
Rating Repetitive Peak Off-State Voltage(1) (TJ = -40 to +125C, 1/2 Sine Wave 50 to 60 Hz, Gate Open) Symbol VDRM MAC210-4, MAC210A4 MAC210-6, MAC210A6 MAC210-8, MAC210A8 MAC210-10, MAC210A10 IT(RMS) ITSM 200 400 600 800 10 100 Amps Amps Value Unit Volts
On-State Current RMS (TC = +70C) Full Cycle Sine Wave 50 to 60 Hz Peak Non-repetitive Surge Current (One Full Cycle, 60 Hz, TC = +70C) Preceded and followed by Rated Current Circuit Fusing Considerations (t = 8.3 ms) Peak Gate Power (TC = +70C, Pulse Width = 10 s) Average Gate Power (TC = +70C, t = 8.3 ms) Peak Gate Current (TC = +70C, Pulse Width = 10 s) Operating Junction Temperature Range Storage Temperature Range
I2t PGM PG(AV) IGM TJ Tstg
40 20 0.35 2 -40 to +125 -40 to +125
A2s Watts Watt Amps C C
(1) VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
Motorola Thyristor Device Data
3-75
MAC210 Series MAC210A Series
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Symbol RJC Max 2.2 Unit C/W
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Peak Blocking Current (VD = Rated VDRM, Gate Open) TJ = 25C TJ = +125C Symbol IDRM -- -- -- -- 1.2 10 2 1.65 Min Typ Max Unit A mA Volts mA -- -- -- -- VGT -- -- -- -- 0.9 0.9 1.1 1.4 2 2 2 2.5 12 12 20 35 50 50 50 75 volts
Peak On-State Voltage (Either Direction) (ITM = 14 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle Gate Trigger Current (Continuous dc) (Main Terminal Voltage = 12 Vdc, RL = 100 Ohms) MT2(+), G(+) MT2(+), G(-) MT2(-), G(-) MT2(-), G(+) "A" SUFFIX ONLY Gate Trigger Voltage (Continuous dc) (Main Terminal Voltage = 12 Vdc, RL = 100 Ohms) MT2(+), G(+) MT2(+), G(-) MT2(-), G(-) MT2(-), G(+) "A" SUFFIX ONLY (Main Terminal Voltage = Rated VDRM, RL = 10 k ohms, TJ = +125C) MT2(+), G(+); MT2(-), G(-); MT2(+), G(-) MT2(-), G(+) "A" SUFFIX ONLY Holding Current (Either Direction) (Main Terminal Voltage = 12 Vdc, Gate Open, Initiating Current = 500 mA, TC = +25C) Turn-On Time (Rated VDRM, ITM = 14 A) (IGT = 120 mA, Rise Time = 0.1 s, Pulse Width = 2 s)
p 2%)
VTM IGT
--
0.2 0.2 IH --
-- -- 6
-- -- 50 mA
tgt
--
1.5
--
s
Critical Rate of Rise of Commutation Voltage (VD = Rated VDRM, ITM = 14 A, Commutating di/dt = 5.0 A/ms, Gate Unenergized, TC = 70C) Critical Rate of Rise of Off-State Voltage (VD = Rated VDRM, Exponential Voltage Rise, Gate Open, TC = +70C)
dv/dt(c)
--
5
--
V/s
dv/dt
--
100
--
V/s
3-76
Motorola Thyristor Device Data
MAC210 Series MAC210A Series
FIGURE 1 -- CURRENT DERATING
P (AV) , AVERAGE POWER DISSIPATION 130 CONDUCTION ANGLE = 360 TC, MAXIMUM ALLOWABLE CASE TEMPERATURE ( C) 120 110 100 90 80 70 60 0 1.0 3.0 4.0 5.0 6.0 7.0 8.0 IT(RMS), RMS ON-STATE CURRENT (AMPS) 2.0 9.0 10.0 14.0 CONDUCTION ANGLE = 360 12.0 10.0 8.0 6.0 4.0 2.0 0 0 1.0 4.0 5.0 6.0 7.0 8.0 2.0 3.0 IT(RMS), RMS ON-STATE CURRENT (AMPS) 9.0 10.0
FIGURE 2 -- POWER DISSIPATION
FIGURE 3 -- MAXIMUM ON-STATE CHARACTERISTICS
100 IT, INSTANTANEOUS ON-STATE CURRENT (AMPS) 50
FIGURE 4 -- MAXIMUM NON-REPETITIVE SURGE CURRENT
100 ITSM , PEAK SURGE CURRENT (AMP) 80
20 10 5.0 TJ = 25C TJ = 125C
60 40 CYCLE TC = 70C f = 60 Hz Surge is preceded and followed by rated current 2.0 3.0 NUMBER OF CYCLES 5.0 7.0 10
20
2.0 1.0 0.5 0.2
0
1.0
FIGURE 5 -- TYPICAL GATE TRIGGER VOLTAGE
0.1 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS) VGT , GATE TRIGGER VOLTAGE (NORMALIZED) 2.0 OFF-STATE VOLTAGE = 12 Vdc ALL MODES
1.6
1.2
0.8
0.4 0 -60
-40
-20 20 0 40 TC, CASE TEMPERATURE (C)
60
80
Motorola Thyristor Device Data
3-77
MAC210 Series MAC210A Series
FIGURE 6 -- TYPICAL GATE TRIGGER CURRENT
I GT, GATE TRIGGER CURRENT (NORMALIZED) 2.0 IH , HOLDING CURRENT (NORMALIZED) OFF-STATE VOLTAGE = 12 Vdc ALL MODES 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 -60 OFF-STATE VOLTAGE = 12 Vdc ALL MODES
FIGURE 7 -- TYPICAL HOLDING CURRENT
1.6
1.2
0.8
0.4
0 -60
-40
-20
0
20
40
60
80
-40
-20
0
20
40
60
80
TC, CASE TEMPERATURE (C)
TC, CASE TEMPERATURE (C)
FIGURE 8 - THERMAL RESPONSE
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1.0 0.5 0.2 0.1 0.05 ZJC(t) = r(t) * RJC
0.02 0.01 0.1 0.2 0.5 1.0 2.0 5.0 20 50 100 200 500 1.0 k 2.0 k 5.0 k 10 k t, TIME (ms)
3-78
Motorola Thyristor Device Data


▲Up To Search▲   

 
Price & Availability of MAC210-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X