Part Number Hot Search : 
30120 2800A GPDN5113 A5800742 16244 16244 0GA12 GPDN5113
Product Description
Full Text Search
 

To Download JANTX4N22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4N22 4N23 4N24
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * * Overall current gain...1.5 typical (4N24) Base lead provided for conventional transistor biasing Rugged package High gain, high voltage transistor +1kV electrical isolation
Applications: * * * * * Eliminate ground loops Level shifting Line receiver Switching power supplies Motor control
DESCRIPTION Gallium Aluminum Arsenide (GaAlAs) infrared LED and a high gain N-P-N silicon phototransistor packaged in a hermetically sealed metal case. The 4N22, 4N23 and 4N24's can be tested to customer specifications, as well as to MIL-PRF-19500 JAN, JANS, JANTX and JANTXV quality levels.
*ABSOLUTE MAXIMUM RATINGS Input to Output Voltage........................................................................................................................................................ 1kV Emitter-Collector Voltage.......................................................................................................................................................... 4V Collector-Emitter Voltage (VCEO, IF = 0) .................................................................................................................................... 35V Collector-Base Voltage (VCEO, IF = 0) ....................................................................................................................................... 35V Reverse Input Voltage ............................................................................................................................................................. 2V Input Diode Continuous Forward Current at (or below) 65C Free-Air Temperature (see note 1) ....................................40mA Peak Forward Input Current (Value applies for tw < 1s PRR < 300 pps) .............................................................................. 1A Continuous Collector Current ..............................................................................................................................................50mA Continuous Transistor Power Dissipation at (or below) 25C Free-Air Temperature (see Note 2) ................................300mW Storage Temperature..........................................................................................................................................-65C to +125C Operating Free-Air Temperature Range ............................................................................................................-55C to +125C Lead Solder Temperature (1/16" (1.6mm) from case for 10 seconds) .............................................................................. 240C Notes: 1. Derate linearly to 125C free-air temperature at the rate of 0.67 mA/C above 65C. 2. Derate linearly to 125C free-air temperature at the rate of 5 mW/C above 65C. Package Dimensions * JEDEC registered data
0.040 [1.02] MAX. 0.305 [7.75] 0.335 [8.51]
6 LEADS
5 6 7 2 1
Schematic Diagram
C
3
0.016O [0.41] 0.019O [0.48] 0.500 [12.70] MIN. 0.155 [3.94] 0.185 [4.70]
0.022O [5.08]
3
0.045 [1.14] 0.029 [0.73]
5
A E 1
45 0.034 [0.864] 0.028 [0.711] TO5
7
K
B
2
NOTE: ALL LINEAR DIMENSIONS ARE IN INCHES (MILLIMETERS)
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
3-7
4N22, 4N23, and 4N24
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
*ELECTRICAL CHARACTERISTICS INPUT LED TA = 25C Unless otherwise specified PARAMETER SYMBOL MIN MAX UNITS TEST CONDITIONS
Input Diode Static Reverse Current Input Diode Static Forward Voltage -55C +25C +125C IR VF 1 0.8 0.7 100 1.5 1.3 1.2 A V VR = 2V IF = 10mA
NOTE
*OUTPUT TRANSISTOR TA = 25C Unless otherwise specified PARAMETER SYMBOL MIN
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage V(BR)CBO V(BR)CEO V(BR)EBO 35 35 4
MAX
UNITS
V V V
TEST CONDITIONS
IC = 100A, IB = 0, IF = 0 IC = 1mA, IB = 0, IF = 0 IC = 0, IE = 100A, IF = 0
NOTE
*COUPLED CHARACTERISTICS PARAMETER
On State Collector Current
TA = 25C Unless otherwise specified
SYMBOL
IC(ON)
MIN
0.15 0.2 0.4 2.5 6 10 1 2.5 4 1 2.5 4
MAX
UNITS
mA
TEST CONDITIONS
VCE = 5V, IB = 0, IF = 2mA
NOTE
4N22 4N23 4N24 4N22 4N23 4N24 4N22 4N23 4N24 4N22 4N23 4N24 +25C 4N22 4N23 4N24 ALL ALL 4N22 4N23 4N24 4N22 4N23 4N24
On State Collector Current
mA VCE = 5V, IB = 0, IF = 10mA mA VCE = 5V, IB = 0, IF = 10mA mA VCE = 5V, IB = 0, IF = 10mA 100 100 0.3 0.3 0.3 5 15 15 20 15 15 20 nA
A
IC(ON)
On State Collector Current -55C On State Collector Current +100C Off State Collector Current
IC(ON)
IC(ON) IC(OFF) IC(OFF) VCE(SAT) VCE(SAT) VCE(SAT) RI-O CI-O tr tr tr tf tf tf
VCE = 20V, IB = 0, IF = 0mA VCE = 20V, IB = 0, IF = 0mA IC = 2.5mA, IB = 0, IF = 20mA IC = 5mA, IB = 0, IF = 20mA IC = 10mA, IB = 0, IF = 20mA VIN-OUT = 1kV 1 1 F = 1MHz, VIN-OUT = 1kV VCC = 10V, IF = 10mA, RL = 100
Off State Collector Current +100C Collector-Emitter Saturation Voltage
Input to Output Resistance Input to Output Capacitance Rise Time
10
11
V V V pF
s s s s s s
Fall Time
VCC = 10V, IF = 10mA, RL = 100
NOTES: 1. These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
4N22, 4N23, and 4N24
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
RECOMMENDED OPERATING CONDITIONS:
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
3-8
PARAMETER Input Current, Low Level Input Current, High Level Supply Voltage PART NUMBER JAN4N22 JAN4N23 JAN4N24 JANTX4N22 JANTX4N23 JANTX4N24 JANTXV4N22 JANTXV4N23 JANTXV4N24
* JEDEC registered data
SYMBOL IFL IFH VCE
MIN 0 2 5
MAX 1 10 10
UNITS
A
mA V
SELECTION GUIDE
PART DESCRIPTION 4N22 Optocoupler, JAN Screening level 4N23 Optocoupler, JAN Screening level 4N24 Optocoupler, JAN Screening level 4N22 Optocoupler, JANTX Screening level 4N23 Optocoupler, JANTX Screening level 4N24 Optocoupler, JANTX Screening level 4N22 Optocoupler, JANTXV Screening level 4N23 Optocoupler, JANTXV Screening level 4N24 Optocoupler, JANTXV Screening level
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
3-9
4N22, 4N23, and 4N24 THESE CHARTS APPLY TO: 4N22, 4N23, and 4N24 4N22A, 4N23A, and 4N24A 4N22U, 4N23U, and 4N24U
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
JAN, JANTX, JANTXV, OPTOCOUPLERS JAN, JANTX, JANTXV, OPTOCOUPLERS JAN, JANTX, JANTXV, OPTOCOUPLERS
Page Page Page
4N22
COLLECTOR CURRENT VS COLLECTOR-EMITTER VOLTAGE
50 1g = 0 TA =25C
mA I F = 40 mA I F = 30 mA I F = 20
4N23
COLLECTOR CURRENT VS COLLECTOR-EMITTER VOLTAGE
50
4N24
COLLECTOR CURRENT VS COLLECTOR-EMITTER VOLTAGE
100
Ic - COLLECTOR CURRENT - mA
Ic - COLLECTOR CURRENT - mA
Ic - COLLECTOR CURRENT - mA
1g = 0 TA =25C
I F = 40 mA
1g = 0 TA =25C
I F = 40 mA
40 30 20 10 0 0 5 10 15 20 25 VCE - COLLECTOR EMITTER VOLTAGE - V
40 30 20 10 0 0 5
80 60 40 20 0
mA I F = 30 I F = 20 mA
I F = 30 m
A
I F = 20 mA
I F = 10 mA
I F = 10 mA
I F = 10 mA
10
15
20
25
0
5
10
15
20
25
VCE - COLLECTOR EMITTER VOLTAGE - V
VCE - COLLECTOR EMITTER VOLTAGE - V
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
3 - 10


▲Up To Search▲   

 
Price & Availability of JANTX4N22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X