Part Number Hot Search : 
0100M R36MF2 MSU001T 1680759 HT3820 8116S S6220D ZMM5252B
Product Description
Full Text Search
 

To Download IRF321 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
IRF320, IRF321, IRF322, IRF323
2.8A and 3.3A, 350V and 400V, 1.8 and 2.5 Ohm, N-Channel Power MOSFETs
Description
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA17404.
July 1998
Features
* 2.8A and 3.3A, 350V and 400V * rDS(ON) = 1.8 and 2.5 * Single Pulse Avalanche Energy Rated * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Majority Carrier Device * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Symbol
D
Ordering Information
PART NUMBER IRF320 IRF321 IRF322 IRF323 PACKAGE TO-204AA TO-204AA TO-204AA TO-204AA BRAND IRF320 IRF321 IRF322 IRF323
G
S
NOTE: When ordering, use the entire part number.
Packaging
JEDEC TO-204AA
DRAIN (FLANGE)
SOURCE (PIN 2) GATE (PIN 1)
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures. Copyright
(c) Harris Corporation 1998
File Number
1569.3
5-1
IRF320, IRF321, IRF322, IRF323
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified IRF320 400 400 3.3 2.1 13 20 50 0.4 190 -55 to 150 300 260 IRF321 350 350 3.3 2.1 13 20 50 0.4 190 -55 to 150 300 260 IRF322 400 400 2.8 1.8 11 20 50 0.4 190 -55 to 150 300 260 IRF323 350 350 2.8 1.8 11 20 50 0.4 190 -55 to 150 300 260 UNITS V V A A A V W W/oC mJ oC
oC oC
Drain to Source Breakdown Voltage (Note 1). . . . . . . . . .VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . VDGR Continuous Drain Current. . . . . . . . . . . . . . . . . . . . . . . . . . ID TC = 100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . EAS Operating and Storage Temperature . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . TL Package Body for 10s, See TB334 . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 125oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS TEST CONDITIONS ID = 250A, VGS = 0V, (Figure 10) 400 350 VGS(TH) IDSS VGS = VDS, ID = 250A VDS = Rated BVDSS, VGS = 0V VDS = 0.8 x Rated BVDSS, VGS = 0V TJ = 125oC 2.0 4.0 25 250 V V V A A MIN TYP MAX UNITS
Drain to Source Breakdown Voltage IRF320, IRF322 IRF321, IRF323 Gate to Threshold Voltage Zero Gate Voltage Drain Current
On-State Drain Current (Note 2) IRF320, IRF321 IRF322, IRF323 Gate to Source Leakage Current Drain to Source On Resistance (Note 2) IRF320, IRF321 IRF322, IRF323 Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = 10V (Figure 7)
3.3 2.8
-
100
A A nA
IGSS rDS(ON)
VGS = 20V ID = 1.8A, VGS = 10V, (Figures 8, 9) 1.5 1.8 2.7 10 14 30 13 12
1.8 2.5 15 20 45 20 20
S ns ns ns ns nC
gfs
VDS 10V, ID = 2.0A, (Figure 12) VDD = 200V, ID 3.3A, RG = 18, RL = 60, VGS = 10V, (Figures 17, 18) MOSFET Switching Times are Essentially Independent of Operating Temperature
1.7 -
td(ON) tr td(OFF) tf Qg(TOT) Qgs Qgd
VGS = 10V, ID = 3.3A, VDS = 0.8 x Rated BVDSS, IG(REF) = 1.5mA, (Figures 14, 19, 20) Gate Charge is Essentially Independent of Operating Temperature
-
-
4 8
-
nC nC
5-2
IRF320, IRF321, IRF322, IRF323
Electrical Specifications
PARAMETER Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Drain Inductance TC = 25oC, Unless Otherwise Specified (Continued) SYMBOL CISS COSS CRSS LD Measured Between the Contact Screw on the Flange that is Closer to Source and Gate Pins and the Center of Die Measured from the Source Lead, 6mm (0.25in) From the Flange and the Source Bonding Pad Modified MOSFET Symbol Showing the Internal Devices Inductances
D LD G LS S
TEST CONDITIONS VDS = 25V, VGS = 0V, f = 1MHz (Figure 11)
MIN -
TYP 450 100 20 5.0
MAX -
UNITS pF pF pF nH
Internal Source Inductance
LS
-
12.5
-
nH
Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
RJC RJA Free Air Operation
-
-
2.5 30
oC/W oC/W
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM TEST CONDITIONS Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Diode
G D
MIN -
TYP -
MAX 3.3 13
UNITS A A
S
Source to Drain Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovery Charge NOTES:
VSD trr QRR
TC = 25oC, ISD = 3.3A, VGS = 0V, (Figure 13) TJ = 25oC, ISD = 3.3A, dISD/dt = 100A/s TJ = 25oC, ISD = 3.3A, dISD/dt = 100A/s
120 0.64
270 1.4
1.8 600 3.0
V ns C
2. Pulse test: pulse width 300s, duty cycle 2%. 3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3). 4. VDD = 50V, starting TJ = 25oC, L = 31mH, RG = 25, peak IAS = 3.3A. See Figures 15, 16.
5-3
IRF320, IRF321, IRF322, IRF323 Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0
Unless Otherwise Specified
5
ID, DRAIN CURRENT (A)
4
0.8 0.6 0.4 0.2 0
3 IRF320, IRF321 2 IRF322, IRF323 1
0 0 50 100 150 25 50 75 100 125 150 TC, CASE TEMPERATURE (oC) TC, CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
10 ZJC, TRANSIENT THERMAL IMPEDANCE (oC/W)
0.5 1 0.2 0.1 0.05 0.1 0.02 0.01 SINGLE PULSE t1 t2 PDM
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC + TC 10-4 10-3 10-2 0.1 1 10
0.01 10-5
t1, RECTANGULAR PULSE DURATION (s)
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
100
OPERATION IN THIS AREA IS LIMITED BY rDS(ON) IFR320, 1 ID , DRAIN CURRENT (A)
5
10V
80s PULSE TEST 6.0V
ID , DRAIN CURRENT (A)
4
10
IRF322, 3 IFR320, 1 IRF322, 3
10s
3 5.5V 2 VGS = 5.0V 4.5V 4.0V 160 40 80 120 VDS , DRAIN TO SOURCE VOLTAGE (V)
100s
1 TC = 25oC TJ = MAX RATED SINGLE PULSE 0.1 1 10 100 VDS , DRAIN TO SOURCE VOLTAGE (V)
1ms 10ms DC 1000
1
IRF320, 2 IRF321, 3
0
0
200
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
5-4
IRF320, IRF321, IRF322, IRF323 Typical Performance Curves
5 80s PULSE TEST ID , DRAIN CURRENT (A) 4 10V 6.0V ID(ON) , ON-STATE DRAIN CURRENT (A)
Unless Otherwise Specified (Continued)
10
VDS 50V 80s PULSE TEST DUTY CYCLE 2%
1 150oC 25oC
3
5.5V
2 VGS = 5.0V 1 4.5V 0 0 3 6 9 12 VDS , DRAIN TO SOURCE VOLTAGE (V) 4.0V 15
0.1
0.01
0
2
4
6
8
10
VGS , GATE TO SOURCE VOLTAGE (V)
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
10.0 NORMALIZED DRAIN TO SOURCE ON RESISTANCE
3.0 ID = 3.3A VGS = 10V 2.4
rDS(ON) , DRAIN TO SOURCE ON RESISTANCE ()
8.0
6.0
1.8
4.0
VGS = 10V VGS = 20V
1.2
2.0
0.6
0 0 3 6 9 ID , DRAIN CURRENT (A) 12 15
0 -60
-40
-20
0 20 40 60 80 100 120 140 160 TJ , JUNCTION TEMPERATURE (oC)
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
1.25 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE
ID = 250A
1000 VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD
1.05
C, CAPACITANCE (pF)
1.15
800
600 CISS
0.95
400
0.85
200 CRSS
COSS
0.75 -60
-40
-20
0
20
40
60
80 100 120 140 160
0
1
10 VDS, DRAIN TO SOURCE VOLTAGE (V)
100
TJ, JUNCTION TEMPERATURE (oC)
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
5-5
IRF320, IRF321, IRF322, IRF323 Typical Performance Curves
5 PULSE DURATION = 80s gfs , TRANSCONDUCTANCE (S) 4 25oC ISD , SOURCE TO DRAIN CURRENT (A)
Unless Otherwise Specified (Continued)
100 PULSE DURATION = 80s
10
3
150oC 2
TJ = 150oC 1
1
TJ = 25oC 0.1
0 0 1 2 3 4 5 ID, DRAIN CURRENT (A)
0
0.4 0.8 1.2 1.6 VSD , SOURCE TO DRAIN VOLTAGE (V)
2.0
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
20 VGS , GATE TO SOURCE VOLTAGE (V)
ID = 3.3A
16
VDS = 320V VDS = 200V VDS = 80V
12
8
4
0 0 4 8 12 16 20 Qg(TOT) , TOTAL GATE CHARGE (nC)
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
5-6
IRF320, IRF321, IRF322, IRF323 Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
CURRENT REGULATOR
VDS (ISOLATED SUPPLY) VDD SAME TYPE AS DUT Qg(TOT) Qgd Qgs D VDS VGS
12V BATTERY
0.2F
50k 0.3F
G
DUT 0
IG(REF) 0 IG CURRENT SAMPLING RESISTOR
S VDS ID CURRENT SAMPLING RESISTOR IG(REF) 0
FIGURE 19. GATE CHARGE TEST CIRCUITS
FIGURE 20. GATE CHARGE WAVEFORMS
5-7


▲Up To Search▲   

 
Price & Availability of IRF321

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X