Part Number Hot Search : 
24AA0 362611 MMSZ468 AV9155 AN8570SH OCXOWSTC FN3110 AV9155
Product Description
Full Text Search
 

To Download HY57V561620CLT-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HY57V561620C(L)T(P)
4 Banks x 4M x 16Bit Synchronous DRAM
DESCRIPTION
The HY57V561620C(L)T(P) Series is a 268,435,456bit CMOS Synchronous DRAM, ideally suited for the main memory applications which require large memory density and high bandwidth. HY57V561620C(L)T(P) Series is organized as 4banks of 4,194,304x16. HY57V561620C(L)T(P) Series is offering fully synchronous operation referenced to a positive edge of the clock. All inputs and outputs are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve very high bandwidth. All input and output voltage levels are compatible with LVTTL. Programmable options include the length of pipeline (Read latency of 2 or 3), the number of consecutive read or write cycles initiated by a single control command (Burst length of 1,2,4,8 or full page), and the burst count sequence(sequential or interleave). A burst of read or write cycles in progress can be terminated by a burst terminate command or can be interrupted and replaced by a new burst read or write command on any cycle. (This pipelined design is not restricted by a 2N rule.)
FEATURES
* * * Single 3.30.3V power supply All device pins are compatible with LVTTL interface JEDEC standard 400mil 54pin TSOP-II with 0.8mm of pin pitch (Leaded Package or Lead Free Package) All inputs and outputs referenced to positive edge of system clock Data mask function by UDQM, LDQM Internal four banks operation * * * * Auto refresh and self refresh 8192 refresh cycles / 64ms Programmable Burst Length and Burst Type - 1, 2, 4, 8 or Full page for Sequential Burst * - 1, 2, 4 or 8 for Interleave Burst Programmable CAS Latency ; 2, 3 Clocks
* *
ORDERING INFORMATION
Part No.
HY57V561620C(L)T(P)-6 HY57V561620C(L)T(P)-7 HY57V561620C(L)T(P)-K HY57V561620C(L)T(P)-H HY57V561620C(L)T(P)-8 HY57V561620C(L)T(P)-P HY57V561620C(L)T(P)-S Note : 1. HY57V561620CT Series 2. HY57V561620CLT Series : Nomal power & Leaded 54Pin TSOP II : Low power & Leaded 54Pin TSOP II
Clock Frequency
166MHz 143MHz 133MHz 133MHz 125MHz 100MHz 100MHz
Power
Organization
Interface
400mil 54pin TSOP II
(Normal) / Low Power
4Banks x 4Mbits x16
LVTTL
(Leaded) / Lead Free
3. HY57V561620CTP Series : Nomal power & Lead Free 54Pin TSOP II 4. HY57V561620CLTP Series : Low power & Lead Free 54Pin TSOP II
This document is a general product description and is subject to change without notice. Hynix Semiconductor Inc. does not assume any responsibility for use of circuits described. No patent licenses are implied. Rev. 0.5 / June 2004 1
HY57V561620C(L)T(P)
PIN CONFIGURATION
VDD DQ0 VDDQ DQ1 DQ2 VSSQ DQ3 DQ4 VDDQ DQ5 DQ6 VSSQ DQ7 VDD LDQM /WE /CAS /RAS /CS BA0 BA1 A10/AP A0 A1 A2 A3 VDD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
54pin TSOP II 400mil x 875mil 0.8mm pin pitch
54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28
VSS DQ15 VSSQ DQ14 DQ13 VDDQ DQ12 DQ11 VSSQ DQ10 DQ9 VDDQ DQ8 VSS NC UDQM CLK CKE A12 A11 A9 A8 A7 A6 A5 A4 VSS
PIN DESCRIPTION
PIN CLK CKE CS BA0, BA1 A0 ~ A12 Clock Clock Enable Chip Select Bank Address Address Row Address Strobe, Column Address Strobe, Write Enable Data Input/Output Mask Data Input/Output Power Supply/Ground Data Output Power/Ground No Connection PIN NAME DESCRIPTION The system clock input. All other inputs are registered to the SDRAM on the rising edge of CLK Controls internal clock signal and when deactivated, the SDRAM will be one of the states among power down, suspend or self refresh Enables or disables all inputs except CLK, CKE, UDQM and LDQM Selects bank to be activated during RAS activity Selects bank to be read/written during CAS activity Row Address : RA0 ~ RA12, Column Address : CA0 ~ CA8 Auto-precharge flag : A10 RAS, CAS and WE define the operation Refer function truth table for details Controls output buffers in read mode and masks input data in write mode Multiplexed data input / output pin Power supply for internal circuits and input buffers Power supply for output buffers No connection
RAS, CAS, WE UDQM, LDQM DQ0 ~ DQ15 VDD/VSS VDDQ/VSSQ NC
Rev. 0.5 / June 2004
2
HY57V561620C(L)T(P)
FUNCTIONAL BLOCK DIAGRAM
4Mbit x 4banks x 16 I/O Synchronous DRAM
Self Refresh Logic & Timer
Internal Row Counter
CLK
Row Active
4Mx16 Bank 3
CKE CS RAS CAS WE UDQM LDQM
Row Pre Decoders
4Mx16 Bank 2
X decoders X decoders
4Mx16 Bank 1
X decoders
4Mx16 Bank 0
State Machine
Column Active
X decoders
DQ0 DQ1
Sense AMP & I/O Gate
X decoders X decoders X decoders
Memory Cell Array
I/O Buffer & Logic
Column Pre Decoders
Y decoders
DQ14 DQ15
Bank Select
Column Add Counter
A0 A1
Address Register
Address buffers Address buffers
A12 BA0 BA1
Mode Registers
Rev. 0.5 / June 2004
Burst Counter
CAS Latency
Data Out Control
Pipe Line Control
3
HY57V561620C(L)T(P)
ABSOLUTE MAXIMUM RATINGS
Parameter Ambient Temperature Storage Temperature Voltage on Any Pin relative to VSS Voltage on VDD relative to VSS Short Circuit Output Current Power Dissipation Soldering Temperature Time TA TSTG VIN, VOUT VDD, VDDQ IOS PD TSOLDER Symbol 0 ~ 70 -55 ~ 125 -1.0 ~ 4.6 -1.0 ~ 4.6 50 1 260 10 Rating C C V V mA W C Sec Unit
Note : Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITION (TA=0 to 70C)
Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VDD, VDDQ VIH VIL Min 3.0 2.0 - 0.3 Typ. 3.3 3.0 0 Max 3.6 VDDQ + 0.3 0.8 Unit V V V Note 1 1,2 1,3
Note : 1.All voltages are referenced to VSS = 0V 2.VIH (max) is acceptable 5.6V AC pulse width with 3ns of duration 3.VIL (min) is acceptable -2.0V AC pulse width with 3ns of duration
AC OPERATING CONDITION (TA=0 to 70C, VDD=3.3 0.3V, VSS=0V)
Parameter AC Input High / Low Level Voltage Input Timing Measurement Reference Level Voltage Input Rise / Fall Time Output Timing Measurement Reference Level Output Load Capacitance for Access Time Measurement Symbol VIH / VIL Vtrip tR / tF Voutref CL Value 2.4/0.4 1.4 1 1.4 50 Unit V V ns V pF 1 Note
Note : 1. Output load to measure access time is equivalent to two TTL gates and one capacitor (50pF) For details, refer to AC/DC output circuit
Rev. 0.5 / June 2004
4
HY57V561620C(L)T(P)
CAPACITANCE (TA=25C, f=1MHz)
-6/7/K/H Parameter Input capacitance CLK A0 ~ A12, BA0, BA1, CKE, CS, RAS, CAS, WE, UDQM, LDQM Data input / output capacitance DQ0 ~ DQ15 Pin Symbol Min CI1 CI2 CI/O 2.5 2.5 4.0 Max 3.5 3.8 6.5 Min 2.5 2.5 4.0 Max 4.0 5.0 6.5 pF pF pF -8/P/S Unit
OUTPUT LOAD CIRCUIT
Vtt=1.4V
RT=250
Output 50pF
Output
50pF
DC Output Load Circuit
AC Output Load Circuit
DC CHARACTERISTICS I (TA=0 to 70C, VDD=3.30.3V)
Parameter Input Leakage Current Output Leakage Current Output High Voltage Output Low Voltage ILI ILO VOH VOL Symbol Min. -1 -1 2.4 Max 1 1 0.4 Unit uA uA V V Note 1 2 IOH = -4mA IOL = +4mA
Note : 1.VIN = 0 to 3.6V, All other pins are not tested under VIN =0V 2.DOUT is disabled, VOUT=0 to 3.6V
Rev. 0.5 / June 2004
5
HY57V561620C(L)T(P)
DC CHARACTERISTICS II (TA=0 to 70C, VDD=3.30.3V, VSS=0V)
Speed Parameter Symbol Test Condition -6 Operating Current Precharge Standby Current in Power Down Mode IDD1 IDD2P IDD2PS IDD2N Precharge Standby Current in Non Power Down Mode IDD2NS Active Standby Current in Power Down Mode IDD3P IDD3PS IDD3N Active Standby Current in Non Power Down Mode IDD3NS Burst Mode Operating Current Auto Refresh Current Self Refresh Current IDD4 IDD5 IDD6 Burst length=1, One bank active tRC tRC(min), IOL=0mA CKE VIL(max), tCK = 15ns CKE VIL(max), tCK = CKE VIH(min), CS VIH(min), tCK = 15ns Input signals are changed one time during 30ns. All other pins VDD-0.2V or 0.2V CKE VIH(min), tCK = Input signals are stable. CKE VIL(max), tCK = 15ns CKE VIL(max), tCK = CKE VIH(min), CS VIH(min), tCK = 15ns Input signals are changed one time during 30ns. All other pins VDD-0.2V or 0.2V CKE VIH(min), tCK = Input signals are stable. tCK tCK(min), IOL=0mA All banks active tRRC tRRC(min), All banks active CKE 0.2V
150 220 130 220 130 220 130
Unit -7
110
Note
-K
110
-H
110 2
-8
100
-P
100
-S
100 mA 1
mA 1
20 mA 10 3 mA 3
30 mA 25
130 220 3 1.5
130 200
110 200
110 200
mA mA mA mA
1 2 3 4
Note : 1.IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open 2.Min. of tRRC (Refresh RAS cycle time) is shown at AC CHARACTERISTICS II 3.HY57V561620CT(P)-6/7/K/H/8/P/S 4.HY57V561620CLT(P)-6/7/K/H/8/P/S
Rev. 0.5 / June 2004
6
HY57V561620C(L)T(P)
AC CHARACTERISTICS I (AC operating conditions unless otherwise noted)
-6 Parameter Symbol Min CAS Latency = 3 CAS Latency = 2 tCK3 tCK2 tCHW tCLW tAC3 tAC2 tOH tDS tDH tAS tAH tCKS tCKH tCS tCH tOLZ tOHZ3 tOHZ2 6 1000 7.5 2.5 2.5 2.7 1.5 0.8 1.5 0.8 1.5 0.8 1.5 0.8 1 2.7 2.7 5.4 6 5.4 5.4 10 2.5 2.5 2.7 1.5 0.8 1.5 0.8 1.5 0.8 1.5 0.8 1 2.7 2.7 5.4 6 5.4 5.4 Max Min 7 1000 7.5 2.5 2.5 2.7 1.5 0.8 1.5 0.8 1.5 0.8 1.5 0.8 1 2.7 2.7 5.4 5.4 5.4 5.4 Max Min 7.5 1000 10 2.5 2.5 2.7 1.5 0.8 1.5 0.8 1.5 0.8 1.5 0.8 1 2.7 3 5.4 6 5.4 6 Max Min 7.5 1000 10 3 3 3 2 1 2 1 2 1 2 1 1 3 3 6 6 6 6 Max Min 8 1000 10 3 3 3 2 1 2 1 2 1 2 1 1 3 3 6 6 6 6 Max Min 10 1000 12 3 3 3 2 1 2 1 2 1 2 1 1 3 3 6 6 6 6 Max Min 10 1000 ns ns ns ns 2 CAS Latency = 2 ns ns ns ns ns ns ns ns ns ns ns ns ns 1 1 1 1 1 1 1 1 1 1 Max ns -7 -K -H -8 -P -S Unit Note
System Clock Cycle Time
Clock High Pulse Width Clock Low Pulse Width CAS Latency = 3
Access Time From Clock
Data-Out Hold Time Data-Input Setup Time Data-Input Hold Time Address Setup Time Address Hold Time CKE Setup Time CKE Hold Time Command Setup Time Command Hold Time CLK to Data Output in Low-Z Time CLK to Data Output in High-Z Time CAS Latency = 3 CAS Latency = 2
Note : 1.Assume tR / tF (input rise and fall time ) is 1ns 2.Access times to be measured with input signals of 1v/ns edge rate
Rev. 0.5 / June 2004
7
HY57V561620C(L)T(P)
AC CHARACTERISTICS II
-6 Parameter Symbol Min Operation RAS Cycle Time Auto Refresh RAS to CAS Delay RAS Active Time RAS Precharge Time RAS to RAS Bank Active Delay CAS to CAS Delay Write Command to Data-In Delay Write Recovery Time Data-In to Active Command DQM to Data-Out Hi-Z DQM to Data-In Mask MRS to New Command CAS Latency = 3 CAS Latency = 2 tRRC tRCD tRAS tRP tRRD tCCD tWTL tWR tDAL tDQZ tDQM tMRD tPROZ3 tPROZ2 tPDE tSRE tREF 60 18 42 18 12 1 0 2 5 2 0 2 3 2 1 1 100K 64 60 18 42 18 14 1 0 2 5 2 0 2 3 2 1 1 100K 64 60 15 45 15 15 1 0 2 5 2 0 2 3 2 1 1 100K 64 65 20 45 20 15 1 0 2 5 2 0 2 3 2 1 1 100K 64 68 20 48 20 16 1 0 2 5 2 0 2 3 2 1 1 100K 64 70 20 50 20 20 1 0 2 5 2 0 2 3 2 1 1 100K 64 70 20 50 20 20 1 0 2 5 2 0 2 3 2 1 1 100K 64 ns ns ns ns ns CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK ms 1 tRC 60 Max Min 60 Max Min 60 Max Min 65 Max Min 68 Max Min 70 Max Min 70 Max ns -7 -K -H -8 -P -S Unit Note
Precharge to Data Output Hi-Z
Power Down Exit Time Self Refresh Exit Time Refresh Time
Note : 1. A new command can be given tRRC after self refresh exit
Rev. 0.5 / June 2004
8
HY57V561620C(L)T(P)
IBIS SPECIFICATION
IOH Characteristics (Pull-up)
Voltage (V) 3.45 3.3 3.0 2.6 2.4 2.0 1.8 1.65 1.5 1.4 1.0 0 0 -21.1 -34.1 -58.7 -67.3 -73 -77.9 -80.8 -88.6 -93 100MHz (Min) I(mA) 100MHz (Max) I(mA) -2.4 -27.3 -74.1 -129.2 -153.3 -197 -226.2 -248 -269.7 -284.3 -344.5 -502.4 -0.7 -7.5 -13.3 -27.5 -35.5 -41.1 -47.9 -52.4 -72.5 -93 66MHz (Min) I(mA)
66MHz and 100MHz Pull-up
0 0 -100 -200 0.5 1 1.5 2 2.5 3 3.5
I (mA)
-300 -400 -500 -600 Voltage (V)
IOH Min (100MHz) IOH Min (66MHz) IOH Max (66 /100MHz)
IOL Characteristics (Pull-down)
Voltage (V) 0 0.4 0.65 0.85 1.0 1.4 1.5 1.65 1.8 1.95 3.0 3.45 100MHz (Min) I(mA) 0 27.5 41.8 51.6 58.0 70.7 72.9 75.4 77.0 77.6 80.3 81.4 100MHz (Max) I(mA) 0 70.2 107.5 133.8 151.2 187.7 194.4 202.5 208.6 212.0 219.6 222.6 66MHz (Min) I(mA) 0 17.7
66MHz and 100MHz Pull-down
250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 3 3.5 Voltage (V)
IOL Min (100MHz) IOL Min (66MHz) IOL Max (100MHz)
33.3 37.6 46.6 48.0 49.5 50.7 51.5 54.2 54.9
Rev. 0.5 / June 2004
I (mA)
26.9
9
HY57V561620C(L)T(P)
DEVICE OPERATING OPTION TABLE
HY57V561620C(L)T(P)-6
CAS Latency 166MHz(6ns) 143MHz(7ns) 133MHz(7.5ns) 3CLKs 3CLKs 2CLKs tRCD 3CLKs 3CLKs 3CLKs tRAS 7CLKs 6CLKs 6CLKs tRC 10CLKs 9CLKs 9CLKs tRP 3CLKs 3CLKs 3CLKs tAC 5.4ns 5.4ns 5.4ns tOH 2.7ns 2.7ns 2.7ns
HY57V561620C(L)T(P)-7
CAS Latency 143MHz(7ns) 133MHz(7.5ns) 125MHz(8ns) 3CLKs 2CLKs 3CLKs tRCD 3CLKs 3CLKs 3CLKs tRAS 6CLKs 6CLKs 6CLKs tRC 9CLKs 9CLKs 9CLKs tRP 3CLKs 3CLKs 3CLKs tAC 5.4ns 5.4ns 6ns tOH 2.7ns 2.7ns 3ns
HY57V561620C(L)T(P)-K
CAS Latency 133MHz(7.5ns) 125MHz(8ns) 100MHz(10ns) 2CLKs 3CLKs 2CLKs tRCD 2CLKs 3CLKs 2CLKs tRAS 6CLKs 6CLKs 5CLKs tRC 8CLKs 9CLKs 7CLKs tRP 2CLKs 3CLKs 2CLKs tAC 5.4ns 6ns 6ns tOH 2.7ns 3ns 3ns
HY57V561620C(L)T(P)-H
CAS Latency 133MHz(7.5ns) 125MHz(8ns) 100MHz(10ns) 3CLKs 3CLKs 2CLKs tRCD 3CLKs 3CLKs 2CLKs tRAS 6CLKs 6CLKs 5CLKs tRC 9CLKs 9CLKs 7CLKs tRP 3CLKs 3CLKs 2CLKs tAC 5.4ns 6ns 6ns tOH 2.7ns 3ns 3ns
HY57V561620C(L)T-8
CAS Latency 125MHz(8ns) 100MHz(10ns) 83MHz(12ns) 3CLKs 2CLKs 2CLKs tRCD 3CLKs 2CLKs 2CLKs tRAS 6CLKs 5CLKs 4CLKs tRC 9CLKs 7CLKs 6CLKs tRP 3CLKs 2CLKs 2CLKs tAC 6ns 6ns 6ns tOH 3ns 3ns 3ns
HY57V561620C(L)T(P)-P
CAS Latency 100MHz(10ns) 83MHz(12ns) 66MHz(15ns) 2CLKs 2CLKs 2CLKs tRCD 2CLKs 2CLKs 2CLKs tRAS 5CLKs 5CLKs 4CLKs tRC 7CLKs 7CLKs 6CLKs tRP 2CLKs 2CLKs 2CLKs tAC 6ns 6ns 6ns tOH 3ns 3ns 3ns
HY57V561620C(L)T(P)-S
CAS Latency 100MHz(10ns) 83MHz(12ns) 66MHz(15ns) 3CLKs 2CLKs 2CLKs tRCD 2CLKs 2CLKs 2CLKs tRAS 5CLKs 5CLKs 4CLKs tRC 7CLKs 7CLKs 6CLKs tRP 2CLKs 2CLKs 2CLKs tAC 6ns 6ns 6ns tOH 3ns 3ns 3ns
Rev. 0.5 / June 2004
10
HY57V561620C(L)T(P)
COMMAND TRUTH TABLE
Command Mode Register Set No Operation Bank Active Read H Read with Autoprecharge Write H Write with Autoprecharge Precharge All Banks H Precharge selected Bank Burst Stop DQM Auto Refresh Burst-Read-Single-WRITE Entry Self Refresh1 Exit H H H H H L H X L H L H Entry Precharge power down Exit L H L H Clock Suspend Entry Exit H L L L H V X V V X H X H X H X X X H L L H H X H X H X X X H X H X H X X L L L H X L H X L L L X L L L X H H H X X H L X V X X X X X L L H L X X L X X X A9 Pin High (Other Pins OP code) V X L H L L X CA H H X X L H L H X CA H L V CKEn-1 H H H CKEn X X L X L H L H H H H X RA L V V CS L H RAS L X CAS L X WE L X X X DQM X
ADDR
A10/ AP OP code
BA
Note
Note : 1. Exiting Self Refresh occurs by asynchronously bringing CKE from low to high 2. X = Dont care, H = Logic High, L = Logic Low. BA =Bank Address, RA = Row Address, CA = Column Address, Opcode = Operand Code, NOP = No Operation
Rev. 0.5 / June 2004
11
HY57V561620C(L)T(P)
PACKAGE INFORMATION
400mil 54pin Thin Small Outline Package
UNIT : mm(inch)
11.938(0.4700) 11.735(0.4620) 22.327(0.8790) 22.149(0.8720) 10.262(0.4040) 10.058(0.3960)
0.150(0.0059) 0.050(0.0020)
1.194(0.0470) 0.991(0.0390)
0.80(0.0315)BSC
0.400(0.016) 0.300(0.012)
5deg 0deg
0.597(0.0235) 0.406(0.0160)
0.210(0.0083) 0.120(0.0047)
Rev. 0.5 / June 2004
12


▲Up To Search▲   

 
Price & Availability of HY57V561620CLT-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X