Part Number Hot Search : 
FR85J02 2001B CS843 MAX5184 RD18UM ACS02D SI8410 FR85J02
Product Description
Full Text Search
 

To Download HMC232C8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v02.1203
MICROWAVE CORPORATION
HMC232C8
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
Features
Isolation: 55 dB @ 2.0 GHz 43 dB @ 6.0 GHz Insertion Loss: 1.6 dB Typical @ 6.0 GHz Non-Reflective Design Surface Mount Ceramic Package Direct Replacement for HMC132C8
Typical Applications
The HMC232C8 is ideal for: * Telecom Infrastructure * Microwave Radio & VSAT * Military Radios, Radar & ECM * Test Instrumentation
Functional Diagram
General Description
The HMC232C8 is a broadband high isolation non-reflective GaAs MESFET SPDT switch in a non-hermetic surface mount ceramic package. Covering DC to 8.0 GHz, the switch features >55 dB isolation up to 2 GHz and >42 dB isolation up to 8.0 GHz. The switch operates using complementary negative control voltage logic lines of -5/0V and requires no bias supply. This product is a form, fit & functional replacement for the HMC132C8.
14
SWITCHES - SMT
Electrical Specifications, TA = +25 C, With 0/-5V Control, 50 Ohm System
Parameter Frequency DC - 2.0 GHz DC - 6.0 GHz DC - 8.0 GHz DC - 2.0 GHz DC - 6.0 GHz DC - 8.0 GHz DC - 2.0 GHz DC - 6.0 GHz DC - 8.0 GHz DC - 2.0 GHz DC - 6.0 GHz DC - 8.0 GHz 0.5 - 8.0 GHz 0.5 - 8.0 GHz 22 40 50 38 37 Min. Typ. 1.2 1.6 2.2 55 43 42 19 12 10 13 8 7 26 46 Max. 1.5 2.0 2.8 Units dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm
Insertion Loss
Isolation
Return Loss
"On State"
Return Loss RF1, RF2
"Off State"
Input Power for 1 dB Compression Input Third Order Intercept (Two-Tone Input Power= +7 dBm Each Tone, 1 MHz Tone Separation) Switching Characteristics tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF)
DC - 8.0 GHz
3 5
ns ns
14 - 88
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1203
MICROWAVE CORPORATION
HMC232C8
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
GaAs MMIC Insertion Loss
0 -1 INSERTION LOSS (dB)
SUB-HARMONICALLY Isolation MIXER 17 - 25 GHz PUMPED
0 -10 ISOLATION (dB) -20 -30 -40 -50 -60
RF1 RF2
-2
-3
+ 25C + 85C - 40C
-4
-5 0 1 2 3 4 5 6 7 8 FREQUENCY (GHz)
-70 0 1 2 3 4 5 6 7 8 FREQUENCY (GHz)
Return Loss
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 0 1 2 3 4 5 6 7 8 FREQUENCY (GHz)
RFC RF1, RF2 ON RF1, RF2 OFF
0.1 and 1 dB Input Compression Point
35
30 INPUT P1dB (dBm)
1 dB Compression Point 0.1 dB Compression Point
14
SWITCHES - SMT
14 - 89
25
20
15 0 1 2 3 4 5 6 7 8 FREQUENCY (GHz)
Input Third Order Intercept Point
60 55 INPUT IP3 (dBm) 50 45 40 35 30 0 1 2 3 4 5 FREQUENCY (GHz) 6 7 8
+ 25C + 85C - 40C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1203
MICROWAVE CORPORATION
HMC232C8
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
Control Voltages
State Low High Bias Condition 0 to -0.2V @ 10 uA Max. -5V @ 10 uA Typ. to -7V @ 45 uA Typ.
Truth Table
Control Input A High Low B Low High Signal Path State RFC to RF1 ON OFF RFC to RF2 OFF ON
Absolute Maximum Ratings
RF Input Power (Vctl= -5V) (0.5 - 8 GHz) Control Voltage Range (A & B) Channel Temperature Thermal Resistance Storage Temperature +30 dBm (@ +50 C) +1.0V to -7.5 Vdc 150 C 94 C/W -65 to +150 C -40 to +85 C
Caution: Do not "Hot Switch" power levels greater than +26 dBm (Vctl = 0/-5 Vdc).
14
SWITCHES - SMT
Operating Temperature
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: WHITE ALUMINA 92% 2. LEAD, PACKAGE BOTTOM MATERIAL: COPPER 3. PLATING: ELECTROLYTIC GOLD 100-200 MICROINCHES, OVER ELECTROLYTIC NICKEL 100-250 MICROINCHES. 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. PACKAGE LENGTH AND WIDTH DIMENSIONS DO NOT INCLUDE LID SEAL PROTRUSION .005 PER SIDE. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
14 - 90
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1203
MICROWAVE CORPORATION
HMC232C8
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
Suggested Driver Circuit
Pin Descriptions
Pin Number Function Description This pin is DC coupled and matched to 50 Ohm. Blocking capacitors are required if RF line potential is not equal to 0V. Interface Schematic
14
SWITCHES - SMT
14 - 91
1, 4, 7
RF1, RF2, RFC
2, 3, 8
GND
Package bottom must also be connected to PCB RF ground.
5
A
See truth table and control voltage table.
6
B
See truth table and control voltage table.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1203
MICROWAVE CORPORATION
HMC232C8
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
Evaluation PCB
14
SWITCHES - SMT
List of Material
Item J1 - J3 J4 - J6 R1, R2 U1 PCB* Description PC Mount SMA RF Connector DC Pin 100 Ohm Resistor, 0603 Pkg. HMC232C8 SPDT Switch 107112 Evaluation PCB
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines at the RF port should have 50 ohm impedance and the package ground leads and package bottom should be connected directly to the ground plane similar to that shown above. The evaluation circuit board shown above is available from Hittite Microwave Corporation upon request.
* Circuit Board Material: Rogers 4350
14 - 92
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1203
MICROWAVE CORPORATION
HMC232C8
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
Notes:
14
SWITCHES - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
14 - 93


▲Up To Search▲   

 
Price & Availability of HMC232C8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X