Part Number Hot Search : 
1N5408G CX28342 MX25L163 CM7272 D998X AD800 MUR30 1N5408G
Product Description
Full Text Search
 

To Download HMC205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v02.1201
MICROWAVE CORPORATION
HMC205
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 6 - 12 GHz INPUT
Features
Conversion Loss: 12 to 17 dB Fo, 3Fo, 4Fo Isolation: 32 dB Passive: No Bias Required
Typical Applications
The HMC205 is suitable for: * Wireless Local Loop * LMDS, VSAT, and Pt to Pt Radios * Test Equipment
4
FREQ. MULTIPLIERS - CHIP
Functional Diagram
General Description
The HMC205 is a passive miniature frequency doubler in a MMIC die. Suppression of undesired fundamental and higher order harmonics is 32 dB typical with respect to input signal level. The doubler utilizes the same GaAs Schottky diode/balun technology found in Hittite MMIC mixers. It features small size, no DC bias, and no measurable additive phase noise onto the multiplied signal.
Electrical Specifications, TA = +25 C, As a Function of Drive Level
Input = +10 dBm Parameter Frequency Range, Input Frequency Range, Output Conversion Loss FO Isolation (with respect to input level) 3FO Isolation (with respect to input level) 4FO Isolation (with respect to input level) Min. Typ. 7.0 - 12.0 14.0 - 24.0 18 21 28 Max. Min. Input = +12 dBm Typ. 6.0 - 12.0 12.0 - 24.0 17 32 20 Max. Min. Input = +15 dBm Typ. 6.0 - 12.0 12.0 - 24.0 15 18 Max. Units GHz GHz dB dB
36
40
dB
26
32
dB
4 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1201
MICROWAVE CORPORATION
HMC205
GaAs MMIC FREQUENCY DOUBLER, 6 - 12 GHz INPUT
Conversion Gain vs Temperature GaAs Drive Level PUMPED MIXER 17 - 25 GHz @ +15 dBm MMIC SUB-HARMONICALLY Isolation @ +15 dBm Drive Level*
0
0 -10
CONVERSION GAIN (dB)
-5
-20 ISOLATION (dB) -30 -40 -50 -60 -70 -80
+25 C +85 C
4Fo Fo 3Fo
-55 C -10
-15
-90 -100
10 11 12
4
5 10 15 20 25 30 35 40 FREQUENCY (GHz)
-20 6 7 8 9 INPUT FREQUENCY (GHz)
Input Return Loss vs. Drive Level
0 +8 dBm INPUT RETURN LOSS (dB) -5 +10 dBm
Output Return Loss for Several Input Frequencies
0 OUTPUT RETURN LOSS (dB)
8 GHz In 6 GHz In -5
-10 +12 dBm +14 dBm -15
-10
-15 10 GHz In 12 GHz In
-20 6 7 8 9 10 11 12 FREQUENCY (GHz)
-20 12 14 16 18 20 22 24 OUTPUT FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
4 - 17
FREQ. MULTIPLIERS - CHIP
*With respect to input level
v02.1201
MICROWAVE CORPORATION
HMC205
GaAs MMIC FREQUENCY DOUBLER, 6 - 12 GHz INPUT
Conversion Gain @ 25C vs. Drive Level
0 +12 dBm CONVERSION GAIN (dB) +15 dBm -5 -10 -15 -20 +10 dBm -25 +8 dBm -30 -35 -40 6 7 8 9 10 11 12 INPUT FREQUENCY (GHz)
Output Return Loss with 6 GHz Input
0 OUTPUT RETURN LOSS (dB) +10 dBm -5 +8 dBm
-10 +12 dBm -15 +14 dBm
4
FREQ. MULTIPLIERS - CHIP
-20 12 14 16 18 20 22 24 OUTPUT FREQUENCY (GHz)
Conversion Gain @ -55C vs. Drive Level
0 +12 dBm CONVERSION GAIN (dB) +15 dBm -5 -10 -15 -20 +10 dBm -25 +8 dBm -30 -35 -40 6 7 8 9 10 11 12 INPUT FREQUENCY (GHz)
Output Return Loss with 10 GHz Input
0 OUTPUT RETURN LOSS (dB) +10 dBm -5 +8 dBm
-10 +12 dBm -15 +14 dBm
-20 12 14 16 18 20 22 24 OUTPUT FREQUENCY (GHz)
Conversion Gain @ +85C vs. Drive Level
0 +12 dBm CONVERSION GAIN (dB) +15 dBm -5 -10 -15 -20 +10 dBm -25 +8 dBm -30 -35 -40 6 7 8 9 10 11 12 INPUT FREQUENCY (GHz)
Output Return Loss with 12 GHz Input
0 OUTPUT RETURN LOSS (dB) +10 dBm -5 +8 dBm
-10 +14 dBm -15 +12 dBm
-20 12 14 16 18 20 22 24 OUTPUT FREQUENCY (GHz)
4 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1201
MICROWAVE CORPORATION
HMC205
GaAs MMIC FREQUENCY DOUBLER, 6 - 12 GHz INPUT
Absolute Maximum Ratings
Input Drive Storage Temperature Operating Temperature +27 dBm -65 to +150 C -55 to +85 C
4
FREQ. MULTIPLIERS - CHIP
4 - 19
Outline Drawing
NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MM] 2. BOND PADS ARE .004" SQUARE 3. TYPICAL BOND PAD SPACING CENTER TO CENTER IS .006" EXCEPT AS SHOWN. 4. BACKSIDE METALLIZATION: GOLD 5. BACKSIDE METAL IS GROUND. 6. BOND PAD METALLIZATION: GOLD
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1201
MICROWAVE CORPORATION
HMC205
GaAs MMIC FREQUENCY DOUBLER, 6 - 12 GHz INPUT
Handling Precautions
Follow these precautions to avoid permanent damage. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes.
4
FREQ. MULTIPLIERS - CHIP
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 1.0 diameter pure gold wire. Thermosonic wirebonding wiht a nominal stage temperature of 150 C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energry to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package. RF bonds should be as short as possible.
4 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v02.1201
MICROWAVE CORPORATION
HMC205
GaAs MMIC FREQUENCY DOUBLER, 6 - 12 GHz INPUT
Notes:
4
FREQ. MULTIPLIERS - CHIP
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
4 - 21


▲Up To Search▲   

 
Price & Availability of HMC205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X