Part Number Hot Search : 
LB381 TDA9332 TCD1252 C2000 TDA9332 SC320 2SD1499 PL16Z
Product Description
Full Text Search
 

To Download FC804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number :EN3194A
FC804
Silicon Schottky Barrier Diode
30V, 200mA Rectifier
Features
* Low forward voltage (VF max=0.55V) . * Fast reverse recorvery time (trr max=10ns) . * Composite type with 2 diodes contained in the CP package currently in use, improving the mounting efficiency greatly. * The FC804 is formed with two chips, each being equivalent to the SB02-03C, placed in one package.
Package Dimensions
unit:mm 1236A
[FC804]
1:Cathode 2:Cathode 3:Cathode 4:No connection 5:Anode SANYO:CP5
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Repetitive Peak Reverse Voltage 2Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50MHz sine wave, 1 cycle Conditions Ratings 30 35 200 2 -55 to +125 -55 to +125 Unit V V mA A
C C
Electrical Characteristics at Ta = 25C
Parameter Reverse Voltage Forward Voltage Reverse Current Interteminal Capacitance Reverse Recovery Time Symbol VR VF IR C trr IR=50A IF=200mA VR=15V VR=10V, f=1MHz IF=IR= (-) 10mA, See specified Test Circuit Conditions Ratings min 30 0.55 15 6.3 10 typ max Unit V V A pF ns
Note) The specifications shown above are for each individual diode. * Marking:804 trr Test Circuit Electrical Connection
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
22898HA (KT)/53196GI (KOTO) /O259MO, TS No.3194-1/2
FC804
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of February, 1998. Specifications and information herein are subject to change without notice.
PS No.3194-2/2


▲Up To Search▲   

 
Price & Availability of FC804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X