Part Number Hot Search : 
B122J DB05B DT54F SAA8122A LC5876 MC33262 EP8323 SC101
Product Description
Full Text Search
 

To Download EC2-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA S H E E T
MINIATURE SIGNAL RELAY
EC2 SERIES
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
DESCRIPTION
The EC2 series has reduced mounting space but sustained high-performance of NEC EA2 series. Furthermore, it complies with 2500 V surge-voltage requirement of Bellcore specification.
FEATURES
TM Compact and light weight TM 2 form c contact arrangement TM Low power consumption TM Reduced mounting space : 15 mm x 7.5 mm TM High-breakdown voltage of coil to contacts : 1500 Vac, 2500 V (rise time : 2 s, fall time : 10 s) TM Capable of High-power switching : 700 Vac, 4.2 A, 4 times in case of accident TM UL recognized (E73266), CAS certified (LR46266)
APPLICATIONS
Electronic switching systems, PBX, terminal equipment, telephone systems.
For Right Use of Miniature Relays
DO NOT EXCEED MAXIMUM RATINGS. Do not use relays under exceeding conditions such as over ambient temperature, over voltage and over current. Incorrect use could result in abnormal heating, damage to related parts or cause burning. READ CAUTIONS IN THE SELECTION GUIDE. Read the cautions described in NEC's "Miniature Relays" (ER0046EJ) when you choose relays for your application.
Document No. ER0002EJ4V0DS00 (4th edition) Date Published June 1999 M Printed in Japan
(c)
1994(1996)
EC2 SERIES
OUTLINE DRAWING AND DIMENSIONS
Unit : mm (inch)
PAD LAYOUT (bottom view)
Non-latch and Single coil latch
2 x 2.54(0.1) 2.54(0.1)
Double coil latch
2 x 2.54(0.1) 2.54(0.1)
R 12 10 9 8 7
15.0 (0.59) MAX.
9.4(0.37) MAX.
7.5 (0.30) MAX.
8- 0.8 (0.31)
10- 0.8 (0.31)
3.2 (0.13)
0.5 (0.02) 5.08 2.54 2.54 2.54 (0.20)(0.10)(0.10)(0.10)
0.25 (0.01) 5.08 (0.20)
2.54 (0.10)
4 x 2.54 (0.1)
2.54 (0.10)
5 x 2.54 (0.1)
Note. General tolerance : + 0.2 ( + 0.008) - - Dimensions in show basic size. NJ type : Leads-2.8 mm (0.11)
Note. General tolerance : +0.1 ( + 0.004) - -
MARKINGS
Standard type 1 2
SAFETY STANDARD AND RATING
UL Recognized (UL508) File No E73266 CSA Certificated (CSA C22.2 No 14) File No LR46266 30 Vdc, 2A (Resistive) 110 Vdc, 0.3A (Resistive) 125 Vdc, 0.5A (Resistive)
EC2-5
Spacing : UL114, UL478
5
JAPAN
3
9206 q Part number 4 w Manufacturer e Country of origin r Date code
UL recognized, CSA certified type 1 2
t Index mark of relay direction (pin No. 1, 12) y UL, CSA Marking
TUV Certificate (EN60255 / IEC60255) No. R 9751153 (Nonlatch and Single-coil-latch) Creepage and clearance of coil to contact is more than 2 mm. (According EN60950) Basic insulation class
EC2-5NU
5
JAPAN
3
9206 4
6
PIN CONFIGURATIONS (bottom view)
1 3 4 5 RS Index mark of relay direction 12 10 9 8 12 10 9 8 1 3 4 5 S 1 3 4 5 6
Non-latch type (not energized position)
Single coil latch type (reset position)
Double coil latch type (reset position)
S : Coil polarity of set (operate) R : Coil polarity of reset (release)
2
DATA SHEET ER0002EJ4V0DS00
EC2 SERIES
PART NUMBER SYSTEM E C 2 - 9 S NU
Nil : Standard type NU : UL recognized, CSA certified type NJ : Trimed leads type NP : Silver-palladium alloy contact (with gold alloy overlay) UL recognized, CSA certified type Latch type Nil : Non-latch type S : Single coil latch type T : Double coil latch type Nominal coil voltage 3, 4.5, 5, 6, 9, 12, 24 V EC2 series
PERFORMANCE CHARACTERISTICS
Contact Form Contact Material Contact Ratings (UL / CSA Rating) Maximum Switching Power Maximum Switching Voltage Maximum Switching Current Maximum Carrying Current Minimum Contact Ratings Initial Contact Resistance Non-Latch Type Nominal Operating Power Single Coil Latch Type Single Coil Latch Type Operate Time (Excluding Bounce) Release Time (Excluding Bounce) Insulation Resistance Between Open Contacts Breakdown Voltage Between Adjacent Contacts Between Coil and Contact 2 Form c Silver alloy with gold alloy overlay 60 W, 125 VA 220 Vdc, 250 Vac 2A 2A 10 mVdc, 10 A 1 50 m typ. (Initial) 140 mW (3 to 12 V), 200 mW (24 V) 100 mW 140 mW Approx. 2 ms Approx. 1 ms without diode 1000 M at 500 Vdc 1000 Vac (for one minute) 1500 V surge (10 x 160 s 2) 1500 Vac (for one minute) 2500 V surge, (2 x 10 s 3) Double Coil 1000 Vac (for one minute) Latch type 1500 V surge (10 x 160 s 2)
Shock Resistance
735 m / s 2 (75 G) (misoperating) 980 m / s 2 (100 G) (destructive failure) 10 to 55 Hz double amplitude of 3 mm (20 G) (misoperating) 10 to 55 Hz, double amplitude of 5 mm (30 G) (Destructive failure) -40 to 85C 18 degrees at nominal coil voltage (140 mW) No-load 1 x 108 4 operations (Non-latch type) 1 x 107 operations (latch type) 50 Vdc, 0.1 A (resistive) 1 x 106 operations at 85C, 2 Hz 10 Vdc, 10 mA (resistive) 1 x 106 operations at 85C, 2 Hz Approx. 1.9 g
Vibration Resistance Ambient Temperature Coil Temperature Rise
Running specifications
Load
Weight
1 This value is reference value in the resistance load. Minimum capacity changes depending on switching frequency and environment temperatur and the load. 2 rise time : 10 s, fall time : 160 s 3 rise time : 2 s, fall time : 10 s 4 This shows a number of operation where it can be running by which a fatal defect is not caused, and a number of operation by whicha steady characteristic is maintained is 1 x 107 times.
DATA SHEET ER0002EJ4V0DS00
3
EC2 SERIES
PRODUCT LINEUP Non-latch Type
Nominal Coil Voltage (Vdc) 3 4.5 5 6 9 12 24 Coil Resistance () 10 % 64.3 145 178 257 579 1028 2880 Must Operate Voltage (Vdc) 2.25 3.38 3.75 4.5 6.75 9 18 Must Release Voltage (Vdc) 0.3 0.45 0.5 0.6 0.9 1.2 2.4 at 20C
Single-Coil Latch Type
Nominal Coil Voltage (Vdc) 3 4.5 5 6 9 12 24 Coil Resistance () 10 % 90 202.5 250 360 810 1440 5760 Must Operate Voltage (Vdc) 2.25 3.38 3.75 4.5 6.75 9 18 Must Release Voltage (Vdc) 2.25 3.38 3.75 4.5 6.75 9 18
at 20C
Double-Coil Latch Type (Can not be driven by revese polarity for reverse operation.)
Nominal Coil Voltage (Vdc) 3 S R S R S R S R S R S R S R Coil Resistance () 10 % 64.3 64.3 145 145 178 178 257 257 579 579 1028 1028 4114 4114 18 - 18 9 - 9 - Must Operate Voltage (Vdc) 2.25 - 3.38 - 3.75 - 4.5 - 6.75 - Must Release Voltage (Vdc) - 2.25 - 3.38 - 3.75 - 4.5 - 6.75 -
at 20C
4.5
5
6
9
12
24 Note
Test by pulse voltage S : Set coil (pin No.1... + , pin No.5... - ) R : Reset coil (pin No.10... + , pin No.6... - ) The latch type relays should be initalized at appointed position before using, and should be enegized to specific polanity by a bone polabity to avoid wrong operation. Any special coil requirement, please contact NEC for availability.
4
DATA SHEET ER0002EJ4V0DS00
EC2 SERIES
TYPICAL PERFORMANCE DATA
SWITCHING CAPACITY COIL TEMPERATURE RISE
Switching Current (A)
Coil Temperarure Rise (C)
2 1
DC Load (resistive) AC Load (resistive)
50 40 30 20 10 0 100 200 300 400
0.5 0.4 0.3 0.2
0.273 A
30
100
200
250 V 220 V Applied Power (mW)
Switching Voltage (V)
OPERATE TIME
Operate Time or Bounce Time at Operate (ms)
Operate Time 3 Bounce Time Operate 2
1
0
100
200
300
400
500
Applied Power (mW)
Release Time or Bounce Time at Release (ms)
RELEASE TIME WITHOUT DIODE
RELEASE TIME WITH DIODE
Release Time or Bounce Time at Release (ms)
3 Release Time
2
Release Time
2 Bounce Time at Release 1
1 Bounce Time at Release
0
100
200
300
400
500
Applied Power (mW)
0
100
200
300
400
500
Applied Power (mW)
RUNNING SPECIFICATIONS (Noload)
Sample : EE2-5 n=10 Load : None
5
Operate Voltage or Release Voltage(V)
Temperature : 85C Drive : 5 Vdc, 10 Hz 5% duty
1000
Contact Resistance(m)
Operate Voltage Release Voltage
500 300 200 100 50 30 20 10 0
Make contact Break contact
4 3 2 1 0 1 2 3 4 10 6 Number of Operations(x10 operations)
1
2 3 5 10 6 Number of Operations(x10 operations)
DATA SHEET ER0002EJ4V0DS00
5
EC2 SERIES
BREAKDOWN VOLTAGE
Sample : EC2-5 (a) Between Open Contacts (n = 10 pcs) (a) Between Adjacent Contacts (n = 10 pcs)
10
Appearance Appearance
10
5
5
0
0.5
1.0
1.5
0
2.0
2.5
3.0
Breakdown voltage (kV) (a) Between Coil and Contacts 10
Appearance
Breakdown voltage (kV) (n = 25 pcs)
5
0
1.5
2.0
2.5
Breakdown voltage (kV)
MAGNETIC INTERFERENCE
Drift of Operate Voltage (%)
+40 +30 +20 +10 0
-10 -20 -30 -40
Drift of Release Voltage (%)
Max.
+40 +30 +20 +10 0
-10 -20 -30 -40
Max.
Min.
Min.
I
II
III Layout
IV
V
VI
I
II
III Layout
IV
V
VI
ON
ON
OFF
OFF
ON
OFF
2.54
ON Layout I Layout II Layout III
OFF Layout IV
ON ON ON Layout V
OFF OFF OFF Layout VI Mounting Layout (mm) Sample
6
DATA SHEET ER0002EJ4V0DS00
2.54
EC2 SERIES
PACKAGE
Dimensions of Relay Tube (Unit : mm) 35 pieces / Tube Material : Polyvinyl chloride (auti-static treated) 11.9 + 0.3 - 15.5 + 0.3 - 543 +1 -
(0.5 t)
(2.4) ( ) Reference
Outline of Package Rubber stopper (Red) Rubber stopper (Green)
(4.8)
Index Mark
GUIDE TO APPLICATIONS
1. When connecting coils, refer to the pin configuration to prevent misoperation or malfunction. 2. The latch type relay should be initialized at the appointed position (set or reset position) when using, and should be energized or deenergized to the specified polarity to avoid wrong operations by reversed contact state. 3. Soldering should be done at 250 C within 10 sec. 4. Ultrasonic cleaning is not recommended to keep reliable contact performance. Alcohol based solvents are available as proper solvents. 5. Minimum contact load of the relay is 10 mV, 10 A. This value is a reference value in the resistance load. Minimum capacity changes depending on swiching frequency and environment temperature and the load.
DATA SHEET ER0002EJ4V0DS00
7
EC2 SERIES
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its electronic components, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC electronic component, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and antifailure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.


▲Up To Search▲   

 
Price & Availability of EC2-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X