Part Number Hot Search : 
8116S RF105 30KPA51A LM853 HDK5762 KZT2222A 1732FS MP45010
Product Description
Full Text Search
 

To Download DA0375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F E AT U R E S 10 - 150 MHz 20 nSec Switching Speed 3.5 dB Insertion Loss 0.1 dB LSB, 12.7 dB Range TTL Control See DA0775 for Surface Mount Version
MODEL NO. DA037 5
Schottky Diode 7 Section Attenuator
7 BIT
PART IDENTIFICATION 2.00 MAX
RF GND GND RF IN/OUT IN/OUT 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20
****************
3.2 dB 1.6 dB 0.2 dB 0.4 dB 0.1 dB 0.8 dB 6.4 dB
.20 .20 .018 .002 DIA 38 PLACES 1.800 CONTRASTING COLOR BEAD
1
** * **
1
19
** *
** *
** *
** *
** *
** * *
.100 TYP 2
3
4
5
3.2dB
6
GND
7
1.6dB "0"
8
9
C3 0.2dB "0"
10
GND
11
C4 0.4dB "0"
12
GND
13
C5 0.1dB "0"
14
GND
15
C6 0.8dB "0"
16
GND
17
C7 6.4dB "0"
18
GND
19
GND
+5V GND GND GND C1
C2 GND
.800
38 20
1.00 MAX
"1"
.xx = .02 .xxx = .010
GUARANTEED PERFORMANCE
Parameter
I.L. (dB)
Min Typ Max Units
10 390 TTL 150 540 MHz mA
Conditions
At +5 VDC Supply 7 Line Logic "0" = Thru Logic "1" = Attenuation VIH = +2.7 V VIL = +0.5 V 45 - 75 MHz (0.5 dB) 10 - 150 MHz 0.1, 0.2, 0.4, 0.8, 1.6, 3.2, 6.4 0.1 dB to 0.9 dB: (0.05 dB +15% of Atten. Setting in dB) 1.0 dB to 12.7 dB: (0.15 dB +2% of Atten. Setting in dB)
T Y P I CA L P E R F OR MA NC E
at 25 C
Operating Frequency DC Current Control Type
VSWR
1.6
6.0
Control Current
1.5 5.0
High Low
25 -200 3.5 4.0
Insertion Loss
1.4 4.0 I. LOSS
Attenuation
LSB Range Accuracy
0.1 0 12.7
A A dB dB dB dB dB
1.3
3.0
1.2
2.0 VSWR
1.1
1.0
VSWR Impedance Switching Speed Transition (Rise/Fall) Time Switching (Video) Transients Intercept Points 2nd
3rd
400 1000
1.15/1 50 20 7 +93 +36 +15 -55 +25
1.35/1 35 0.5 OHMS nSec nSec V dBm dBm dBm dBm C 50% TTL to 90% / 10% RF 90% / 10% or 10% / 90% RF Peak Value MHz MHz 0.1 dB Compression TA
1.0
0 10 40 100
RF Power
Operate No Damage
FREQUENCY (MHz)
Operating Temperature
+10 +20 +85
DA I C O In d u s t r i e s
Rev. D / Iss. 1


▲Up To Search▲   

 
Price & Availability of DA0375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X