Part Number Hot Search : 
M108I CPZ36R GRM31CR M108I 1H333 DG411883 6ATEP 16389I
Product Description
Full Text Search
 

To Download BTA12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTA12
MAIN FEATURES
Symbol IT(RMS) VDRM/VRRM IG (Q1) Value 12 600 and 800 5 to 50 Unit A V mA
DESCRIPTION Suitable for AC switching operations, can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control in light dimmers, motor speed controllers,... The snubberless and logic level versions are specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.
ABSOLUTE MAXIMUM RATINGS
Symbol IT(RMS) Parameter RMS on-state current (full sine wave) Tc = 105C F = 50 Hz F = 60 Hz tp = 10 ms t = 20 ms t = 16.7 ms Value 12 120 126 78 As A/s A W C
Unit A A
ITSM
Non repetitive surge peak on-state current (full cycle, Tj initial = 25C) I t Value for fusing Critical rate of rise of on-state current
It dI/dt IGM PG(AV) Tstg Tj
IG = 2 x IGT , tr 100 ns Peak gate current
F = 120 Hz tp = 20 s
Tj = 125C Tj = 125C Tj = 125C
50 4 1 - 40 to + 150 - 40 to + 125
Average gate power dissipation Storage junction temperature range Operating junction temperature range
Page 1 of 5
http://www.rootech.com.cn
BTA12 ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified) n SNUBBERLESS and LOGIC LEVEL (3 Quadrants)
Symbol Test Conditions Quadrant TW 5 Value SW 10 CW 35 1.3 0.2 10 10 15 MIN. MIN. 20 3.5 1.0 15 25 30 40 6.5 2.9 35 50 60 500 6.5 50 70 80 1000 12 V/s A/ms BW 50 Unit mA V V mA mA
TM
IGT (1) VGT VGD IH (2) IL dV/dt (2) (dI/dt)c (2) VD = 12 V RL = 30 W
I - II - III I - II - III I - II - III
MAX. MAX. MIN. MAX.
VD = VDRM RL = 3.3 kW Tj = 125C IT = 100 mA IG = 1.2 IGT
I - III II
MAX.
VD = 67 %VDRM gate open Tj = 125C (dV/dt)c = 0.1 V/s Tj = 125C (dV/dt)c = 10 V/s Tj = 125C Without snubber Tj = 125C
n
STANDARD (4 Quadrants)
Quadrant C Value Unit B 50 100 1.3 0.2 25 40 80 MIN. MIN. 200 5 50 50 100 400 10 V/s V/s mA V V mA mA
Symbol
Test Conditions
IG (1) VD = 12 V RL = 30 W VGT VGD IH (2) IL dV/dt (2) VD = VDRM RL = 3.3 kW Tj = 125C IT = 500 mA IG = 1.2 IGT VD = 67 %VDRM gate open Tj = 125C Tj = 125C
I - II - III IV ALL ALL
MAX. MAX. MIN. MAX.
25 50
I - III - IV II
MAX.
(dV/dt)c (2) (dI/dt)c = 2.7 A/ms
STATIC CHARACTERISTICS
Symbol VT (2) Vto (2) Rd (2) IDRM IRRM
Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1
Test Conditions ITM = 5.5 A tp = 380 s Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MAX. MAX.
Value 1.55 0.85 35 5 1
Unit V V mW A mA
Threshold voltage Dynamic resistance VDRM = VRRM
THERMAL RESISTANCES
Symbol Rth(j-c) Rth(j-a) Parameter Value
2.3 60
Unit
Junction to case (AC) Junction to ambient
C/W
C/W
Page 2 of 5
http://www.rootech.com.cn
BTA12
Page 3 of 5
http://www.rootech.com.cn
BTA12
Page 4 of 5
http://www.rootech.com.cn
BTA12
PACKAGE MECHANICAL DATA
DIMENSIONS REF. Millimeters Min. A a1 a2 B b1 b2 C c1 c2 e F I I4 L l2 l3 M Typ. Max. 15.90 4.00 14.00 10.40 0.88 1.32 4.60 0.70 2.72 2.70 6.60 3.85 16.80 2.95 1.70 1.70 2.70 Min. 0.598 0.147 0.511 0.551 0.393 0.409 0.024 0.034 0.048 0.051 0.173 0.181 0.019 0.027 0.094 0.107 0.094 0.106 0.244 0.259 0.147 0.151 0.622 0.646 0.661 0.104 0.116 0.044 0.066 0.044 0.066 0.102 Inches Typ. Max. 0.625
15.20 3.50 3.75 13.00 10.00 0.61 1.23 4.40 0.49 2.40 2.40 6.20 3.75 15.80 16.40 2.65 1.14 1.14 2.50 2.60
Page 5 of 5
http://www.rootech.com.cn


▲Up To Search▲   

 
Price & Availability of BTA12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X