Part Number Hot Search : 
DG506A 1N4695 MRF15 74479 GUF30J 06N03 AJN1156 PS256
Product Description
Full Text Search
 

To Download AT84CS001VTP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * *
High-speed ADC Family Companion Chip Selectable 1:2 or 1:4 DMUX Ratio Power Consumption: 2.6W LVDS Compatible Differential Data and Clock Inputs (100 Terminated) LVDS Compatible Differential Data and Data Ready Outputs Staggered or Simultaneous Data Outputs - 11th Bit = Ports A, B, C and D Clock in Staggered Mode Selectable Active Edge for Input and Output Clocks: - Only Rising: CLK and DR Mode - Rising and Falling: CLK/2 and DR/2 Mode Fine Tuning of Input Clock Path Delay - Compensation of External Data and Clock Path Misalignment and Skews - Once Tuned, Setting is Valid over Full Operating Frequency and Over Full Specified Temperature Range Additional 11th Bit (Example: for Out-of-range Bit) Built-in Self Test (BIST) Stand-alone Tunable Delay Cell Power Supplies: VCCD = 3.3V (Digital), VPLUSD = 2.5V (Outputs) Power Consumption Reduction Mode: 1.1W EBGA240 Package
* * * * * *
10-bit 1:2/4 2.2 GHz LVDS DMUX AT84CS001 Summary
Screening
* Temperature Range:
- -40 C < TC; TJ < 110 C (Industrial Grade)
Applications
This DMUX enables users to process high-speed output data streams from fast analog-to-digital converters down to standard FPGA processor speed.
Description
The AT84CS001 is a monolithic high-speed demultiplexer, used to lower a 10-bit data stream of up to 2.2 Gsps guaranteed rate by a selectable 4 or 2 ratio (a 1:8 ratio may be achieved by interleaving two DMUXes). The DMUX is a companion chip designed to fit perfectly with all of Atmel's high-speed ADCs and is capable of tracking the ADC's output sampling rate over all operating frequency and temperature ranges. Thanks to its LVDS buffers, this DMUX can easily be interfaced with standard highspeed FPGAs (100 differentially terminated). The AT84CS001 has the same footprint as Atmel's TS81102G0 DMUX, with a very similar pinout. Minimum re-design efforts are required to use this low-power DMUX. An application note "Replacing Atmel's TS81102G0 DMUX with Atmel's AT84CS001 LVDS DMUX" reference 5413, is available to assist in migrating from the TS81102G0 to the AT84CS001.
5402AS-BDC-11/04
This is a summary document. A complete document is not available at this time. For more information, please contact your local Atmel sales office.
Description
The AT84CS001 is a monolithic high-speed demultiplexer (DMUX) using high-speed Atmel technology. It enables the user to lower a 10-bit stream of 2.2 Gsps maximum by a factor of two or four. One can obtain a 1:8 ratio by using two interleaved AT84CS001 devices. The maximum input data rate is 2.2 Gsps in both 1:2 and 1:4 ratios. The AT84CS001 DMUX is capable of processing an 11-bit data flow. The additional 11th bit (IOR/IORN) may be connected for example to the out-of-range bit of a 10-bit ADC. The input and output clocks as well as the input and output data are LVDS-compatible. Digital inputs are 100 differentially terminated on chip. Digital output buffers shall be terminated by a 100 differential ASIC load. The improved architecture of the DMUX facilitates interfacing with high-speed ADCs operating at up to 2.2 Gsps. No tuning of the delay between the data and clock paths should be necessary since the data and clock paths are internally matched over the frequency and specified temperature range. However, in the case of misalignment or skews between the external clock path and the data path, a fine delay tuning cell has been provided. Tuning may be requested for rates exceeding 2 GHz, where the data skews are more sensitive. This tunable delay cell is integrated in serial with the clock input. The delay is controlled by means of the CLKDACTRL analog control input. The tunable delay ranges from -250 ps to 250 ps for CLKDACTRL varying from VCCD/3 to (2 x VCCD)/3. Two modes can be selected for the clock input (CLK and CLK/2) and the clock output (DR and DR/2): * CLK and DR mode: only the rising edges of the input (CLK,CLKN) and output (DR, DRN) clocks are active. The input (or output) clock rate remains the same as the input or output data rate. CLK/2 and DR/2 mode: both the rising and falling edges of the input (CLK,CLKN) and output (DR, DRN) clocks are active. The input (or output) clock rate is half the input or output data rate. Staggered: even and odd bits are output with half a data period delay Simultaneous: even and odd bits are output at the same time
*
The data outputs can be received at the DMUX output in two different modes: * *
The AT84CS001 DMUX is started by the ASYNCRST control input that acts as a master asynchronous reset for the device. Once resetted, there is no loss of synchronization over an indefinite time period, therefore no additional incoming synchronous reset signal is required. The power consumption of the AT84CS001 is 2.6W and can be reduced by approximately 60% of its nominal value by means of the SLEEP control input. A standalone delay cell is provided. It features a typical 500 ps tuning range ( 250 ps around the center value of DACTRL analog control input). A Built-in Self Test (BIST) is implemented for rapid debugging of the DMUX. Die junction temperature monitoring is possible by sensing the voltage drop across a diode implemented close to the die's hot point after forcing a 1 mA bias current. The AT84CS001 DMUX is a companion chip designed to fit perfectly with all of Atmel's high-speed ADCs.
2
AT84CS001
5402AS-BDC-11/04
AT84CS001
Table 1. Description of Main Functions
Name VCCD VPLUSD GND CLK, CLKN I0...I9 I0N...I9N IOR, IORN DR/DRN A0...A9 A0N...A9N AOR/DRAN AORN/DRA B0...B9 B0N...B9N BOR/DRBN BORN/DRB C0...C9 C0N...C9N COR/DRCN CORN/DRC Function Digital 3.3V power supply Output 2.5V power supply Ground Input clock signals In-phase input data (true) Inverted phase input data (false) Additional input bit Output clock signals In-phase output data port A Inverted phase output data port A Additional output bit port A or port A output clock in staggered mode In-phase output data port B Inverted phase output data port B Additional output bit port B or port B output clock in staggered mode In-phase output data port C Inverted phase output data port C Additional output bit port C or port C output clock in staggered mode Name D0...D9 D0N...D9N DOR/DRDN DORN/DRD DAO, DAON DAI, DAIN DACTRL CLKDACTRL DAEN ASYNCRST SLEEP RS CLKTYPE DRTYPE STAGG BIST DIODE Function In-phase output data port D Inverted phase output data port D Additional output bit port D or port D output clock in staggered mode Output signals for stand-alone delay cell Input signals for stand-alone delay cell Control signal for standalone delay cell Control signal for clock delay cell Enable signal for standalone delay cell Asynchronous reset signal Sleep mode selection signal DMUX ratio selection signal Input clock type selection signal Output clock type selection signal Staggered mode selection for data outputs Built-in self test enable Diode for die junction temperature monitoring
Figure 1. Device Pinout
VCCD VPLUSD 20 2 20 2
2 2
[I0...I9] [I0N...I9N] CLK, CLKN ASYNCRST DACTRL CLKDACTRL DAI, DAIN SLEEP STAGG CLKTYPE RS DAEN BIST DRTYPE
20 2
20 2 AT84CS001 20 2 2 2
[A0...A9] [A0N...A9N] AOR, DRAN AORN/DRA [B0...B9] [B0N...B9N] BOR, DRBN BORN/DRB [C0...C9] [C0N...C9N] COR, DRCN CORN/DRC [D0...D9] [D0N...D9N] DOR, DRDN DORN/DRD DAO, DAON DIODE
GND
3
5402AS-BDC-11/04
Pin Description
Table 2. Pin Description
Symbol Power Supplies C12, C10, C8, C3, D12, D10, D8, D5, D4, D3, E4, E17, E16, G17, G16, G4, G3, J17, J16, K16, K4, K3, L17, L16, N17, N16, R16, T17, T16, T12, T10, T8, T5, T4, T3, U12, U1, U8, U3 C15, C14, C13, C11 C9, C7, C6, C5, C4, D13, D11, D9, D7, D6, E3, J4, J3, L4, L3, N4, N3, R4, R3, T14, T13, T11, T9, T7, T6, U15, U14, 13, U11, U9, U7, U6, U5, U4 C18, C17, C16, D17, D14, F17, F16, F4, F3, H17, H16, H4, H3, K17, M17, M16, M4, M3, P17, P16, P4, P3, R17, T15, U19, U18, U17, U16 Pin Number Function
VCCD
Digital 3.3V supply
VPLUSD
Output 2.5V supply
DGND
Ground
Digital Inputs I0, I1, I2, I3, I4, I5, I6, I7, I8, I9 I0N, I1N, I2N, I3N, I4N, I5N, I6N, I7N, I8N, I9N IORN IOR DAI DAIN Clock Inputs CLK CLKN Digital Outputs A0, A1, A2, A3, A4, A5, A6, A7, A8, A9 A0N, A1N, A2N, A3N, A4N, A5N, A6N, A7N, A8N, A9N AOR/DRAN AORN/DRA B0, B1, B2, B3, B4, B5, B6, B7, B8, B9 B16, B15, B14, B13, B12, B11, B10, B9, B8, B7 A16, A15, A14, A13, A12, A11, A10, A9, A8, A7 B6 A6 B5, B4, B3, B2, C2, D2, E2, F2, G2, H2 In-phase (+) digital outputs for port A A0 is the LSB, A9 is the MSB Inverted phase (-) digital outputs for port A In-phase (+) additional bit output for port A or inverted phase (-) output clock in staggered mode for port A Inverted phase (-) additional bit output for port A or in-phase (+) output clock in staggered mode for port A In-phase (+) digital outputs for port B B0 is the LSB, B9 is the MSB H19 H18 In-phase (+) clock input Inverted phase (-) clock input D19, E19, F19, G19, J19, K19, L19, M19, N19, P19 D18, E18, F18, G18, J18, K18, L18, M18, N18, P18 B18 B19 T18 T19 In-phase (+) digital input signal Inverted phase (-) digital input signal In-phase (+) digital input signal additional bit Inverted phase (-) digital input signal for additional bit In-phase (+) input signal for standalone delay cell Inverted phase (-) input signal for standalone delay cell
4
AT84CS001
5402AS-BDC-11/04
AT84CS001
Table 2. Pin Description (Continued)
Symbol B0N, B1N, B2N, B3N, B4N, B5N, B6N, B7N, B8N, B9N BOR/DRBN BORN/DRB C0, C1, C2, C3, C4, C5, C6, C7, C8, C9 C0N, C1N, C2N, C3N, C4N, C5N, C6N, C7N, C8N, C9N COR/DRCN CORN/DRC D0, D1, D2, D3, D4, D5, D6, D7, D8, D9 D0N, D1N, D2N, D3N, D4N, D5N, D6N, D7N, D8N, D9N DOR/DRDN DORN/DRD DR DRN DAO DAON Additional Functions ASYNCRST CLKTYPE DRTYPE CLKDACTRL DACTRL DAEN RS SLEEP STAGG BIST DIODE B17 V18 K1 V19 W18 W17 L2 A18 A17 V17 C19 Asynchronous reset signal Input clock type selection signal Output clock type selection signal Clock delay cell control signal Standalone delay cell control signal Standalone delay cell enable signal Ratio selection signal Sleep mode enable Staggered output mode selection signal Built-in self test enable Diode for die junction temperature monitoring Pin Number A5, A4, A3, A2, B1, C1, D1, E1, F1, G1 J2 H1 M2, N2, P2, R2, T2, U2, V2, W2, V3, V4 L1, M1, N1, P1, R1, T1, U1, V1, W3, W4 V5 W5 V6, V7, V8, V9, V10, V11, V12, V13, V14, V15 W6, W7, W8, W9, W10, W11, W12, W13, W14, W15 V16 W16 J1 K2 R18 R19 Function Inverted phase (-) digital outputs for port B In-phase (+) additional bit output for port B or inverted phase (-) output clock in staggered mode for port B Inverted phase (-) additional bit output for port B or in-phase (+) output clock in staggered mode for port B In-phase (+) digital outputs for port C C0 is the LSB, C9 is the MSB Inverted phase (-) digital outputs for port C In-phase (+) additional bit output for port C or inverted phase (-) output clock in staggered mode for port C Inverted phase (-) additional bit output for port C or in-phase (+) output clock in staggered mode for port C In-phase (+) digital outputs for port D D0 is the LSB, D9 is the MSB Inverted phase (-) digital outputs for port D In-phase (+) additional bit output for port D or inverted phase (-) output clock in staggered mode for port D Inverted phase (-) additional bit output for port D or in-phase (+) output clock in staggered mode for port D In-phase (+) data ready signal output Inverted phase (-) data ready signal output In-phase (+) output signal for standalone delay cell Inverted phase (-) output signal for standalone delay cell
5
5402AS-BDC-11/04
AT84CS001 Pinout
Figure 2. EBGA 240 (Bottom View)
SLEEP
STAGG
A0N
A1N
A2N
A3N
A4N
A5N
A6N
A7N
A8N
A9N
AORN
/ DRA AOR / DRAN
B0N
B1N
B2N
B3N
IOR
IORN ASYNCRST
AO
A1
A2
A3
A4
A5
A6
A7
A8
A9
B0
B1
B2
B3
B4N
DIODE
DGND
DGND
DGND
VPLUSD VPLUSD
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD VPLUSD
VPLUSD
VPLUSD
VCCD
B4
B5N
I0
I0N
DGND
N/C
N/C
DGND
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VPLUSD
VCCD
VCCD
VCCD
B5
B6N
I1
I1N
VCCD
VCCD
VCCD
VPLUSD
B6
B7N
I2
I2N
DGND
DGND
DGND
DGND
B7
B8N
I3
I3N
VCCD
VCCD
VCCD
VCCD
B8
B9N
CLK
CLKN
DGND
DGND
DGND
DGND
B9
BORN / DRB
BOR
I4
I4N
VCCD
VCCD
VPLUSD
VPLUSD
/ DRBN
DR
I5
I5N
DGND
VCCD
VCCD
VCCD
DRN
DRTYPE
I6
I6N
VCCD
VCCD
VPLUSD
VPLUSD
RS
C0N
I7
I7N
DGND
DGND
DGND
DGND
C0
C1N
I8
I8N
VCCD
VCCD
VPLUSD
VPLUSD
C1
C2N
I9
I9N
DGND
DGND
DGND
DGND
C2
C3N
DA0N
DA0
DGND
VCCD
VPLUSD
VPLUSD
C3
C4N
DAIN
DAI
VCCD
VCCD
DGND
VPLUSD VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VPLUSD
VCCD
VCCD
VCCD
C4
C5N
DGND
DGND
DGND
DGND
VPLUSD
VPLUSD VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VCCD
VPLUSD
VPLUSD VPLUSD
VPLUSD
VCCD
C5
C6N
CLKDACTRLCLKTYPE
BIST
DOR / DRDN
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
COR / DRCN
C9
C8
C7
C6
DACTRL
DAEN
DORN /
DRD
D9N
D8N
D7N
D6N
D5N
D4N
D3N
D2N
D1N
D0N
CORN /
DRC
C9N
C8N
C7N
6
AT84CS001
5402AS-BDC-11/04
AT84CS001
Ordering Information
Part Number AT84XCS001TP AT84CS001VTP AT84CS001TP-EB
Package EBGA 240 EBGA 240 EBGA 240
Temperature Range Ambient Industrial grade -40C < TC; TJ < 110C Ambient
Screening Prototype Standard Prototype
Comments Please contact your local Atmel sales office
Evaluation kit
7
5402AS-BDC-11/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2004. All rights reserved. Atmel (R), logo and combinations thereof, are registered trademarks, and Everywhere You AreSM is the trademark of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
5402AS-BDC-11/04


▲Up To Search▲   

 
Price & Availability of AT84CS001VTP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X