Part Number Hot Search : 
GP7NB60K 4VHC0 N5817L 0222821 MAX9744 L4938NND 4148W Z86C60
Product Description
Full Text Search
 

To Download AP2309GN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2309GN
Pb Free Plating Product
Advanced Power Electronics Corp.
Simple Drive Requirement Small Package Outline Surface Mount Device
S D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
-30V 75m - 3.7A
Description
SOT-23
G
D
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, , low on-resistance and cost-effectiveness. The SOT-23 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters.
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1,2 3 3
Rating - 30 20 - 3.7 -3 -12 1.38 0.01 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
Data and specifications subject to change without notice
200513041
AP2309GN
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=-250uA
Min. -30 -1 -
Typ. -0.02 5 5 1 3 8 5 20 7 412 91 62
Max. Units 75 120 -3 -1 -25 100 8 660 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-3A VGS=-4.5V, ID=-2.6A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=55 C)
o o
VDS=VGS, ID=-250uA VDS=-10V, ID=-3A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS=20V ID=-3A VDS=-24V VGS=-4.5V VDS=-15V ID=-1A RG=3.3,VGS=-10V RD=15 VGS=0V VDS=-25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=-1.2A, VGS=0V IS=-3A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 20 15
Max. Units -1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
AP2309GN
45 45
40
T A =25 o C
-10V -7.0V -ID , Drain Current (A)
40
T A = 150 o C
-10V -7.0V
35
35
-ID , Drain Current (A)
30
30
25
25
20
-5.0V -4.5V
20
-5.0V -4.5V
15
15
10
V G = - 3 .0V
10
V G = - 3 .0V
5
5
0
0
0
2
4
6
8
10
0
2
4
6
8
10
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
105
1.6
I D =-2.6A
95
T A =25 C Normalized RDS(ON)
o
1.4
I D =3A V G =10V
RDS(ON) (m )
85
1.2
75
1.0
65
0.8
55
0.6 3 5 7 9 11 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.3
3
2
Normalized -VGS(th) (V)
1.2
1.1
-IS(A)
T j =150 o C
1
T j =25 o C
0.9
0 0 0.2 0.4 0.6 0.8 1
0.7
-50
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP2309GN
f=1.0MHz
12
1000
-VGS , Gate to Source Voltage (V)
10
ID= -3A V DS = -24V
C iss
8
6
C (pF)
100
C oss C rss
4
2
0 0 2 4 6 8
10
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (Rthja)
0.2
10
0.1
0.1
-ID (A)
0.05
1
1ms
PDM t
0.01
T
Single Pulse
10ms
0.1
0.01
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 270/W
T A =25 C Single Pulse
0.01 0.1 1 10
o
100ms 1s DC
100
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Circuit
Fig 12. Gate Charge Circuit


▲Up To Search▲   

 
Price & Availability of AP2309GN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X