Part Number Hot Search : 
C3510 C4002RU NCP4201 RXE010 SK103 79H0005 472E3 3LB501
Product Description
Full Text Search
 

To Download AP2305AGN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2305AGN
Pb Free Plating Product
Advanced Power Electronics Corp.
Simple Drive Requirement Small Package Outline Surface Mount Device
S D
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
-30V 80m - 3.2A
Description
SOT-23
G
D
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, , low on-resistance and cost-effectiveness. The SOT-23 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters.
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current
1,2 3 3
Rating - 30 12 -3.2 -2.6 -10 1.38 0.01 -55 to 150 -55 to 150
Units V V A A A W W/
Continuous Drain Current Total Power Dissipation Linear Derating Factor
Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
Data and specifications subject to change without notice
200731031
AP2305AGN
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=-250uA
Min. -30 -0.5 -
Typ. -0.1
Max. Units 60 80 150 250 -1.2 -1 -25 100 18 1325 V V/ m m m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-3.2A VGS=-4.5V, ID=-3.0A VGS=-2.5V, ID=-2.0A VGS=-1.8V, ID=-1.0A
9 10 1.8 3.6 7 15 21 15 735 100 80
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25oC) Drain-Source Leakage Current (Tj=70 C)
o
VDS=VGS, ID=-250uA VDS=-5V, ID=-3.0A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS= 12V ID=-3.2A VDS=-24V VGS=-4.5V VDS=-15V ID=-3.2A RG=3.3,VGS=-10V RD=4.6 VGS=0V VDS=-25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage2
Reverse Recovery Time Reverse Recovery Charge
Test Conditions IS=-1.2A, VGS=0V IS=-3.2A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 24 19
Max. Units -1.2 V ns nC
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
AP2305AGN
40 36
T A =25 C -5.0V -ID , Drain Current (A)
30
o
32
TA=150oC
-5.0V -4.0V
28
-ID , Drain Current (A)
-4.0V
24
65m
-3.0V
20
20
-3.0V
16
12
10
V G = -2.0V
8
V G = -2.0V
4
0 0 1 2 3 4 5 6 7 8 9
0 0 1 2 3 4 5 6 7
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
300
1.8
I D = -1.0A T A =25 o C RDS(ON) (m )
200 1.6
I D = -3.0A V GS = -4.5V
Normalized RDS(ON)
0 2 4 6 8 10 12
1.4
1.2
100
1
0.8
0
0.6 -50 0 50 100 150
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
100
10
1
1
-VGS(th) (V)
0.5 0 -50
T j =150 o C
-IS(A)
T j =25 o C
0.1
0.01 0 0.4 0.8 1.2 1.6
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature (
o
C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP2305AGN
12
10000
f=1.0MHz
10
-VGS , Gate to Source Voltage (V)
I D = -3.2A V DS = -24V
8
1000
65m
Ciss
6
4
C (pF)
100
Coss Crss
2
0
0 2 4 6 8 10 12
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
DUTY=0.5
Normalized Thermal Response (Rthja)
0.2
10
0.1
0.1
0.05
-ID (A)
1
1ms
PDM t
0.01
T
Duty factor = t/T Peak T j = PDM x Rthja + Ta
10ms
0.1
0.01
Single pulse
100ms T A =25 C Single Pulse
o
Rthja = 270/W
1s DC
10 100
0.01 0.1 1
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP2305AGN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X