Part Number Hot Search : 
MAX1070 MMC4055 GRM1555C MAX2406 2KBP01 BP210 2N3656 SBYV26E
Product Description
Full Text Search
 

To Download AP2304AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP2304AN
Advanced Power Electronics Corp.
Simple Drive Requirement Small Package Outline Surface Mount Device
S SOT-23 G D
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
30V 117m 2.5A
Description
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device. The SOT-23 package is universally used for all commercial-industrial applications.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current3, VGS @ 10V Continuous Drain Current3, VGS @ 10V Pulsed Drain Current
1
Rating 30 20 2.5 2 10 1.38 0.01 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
Data and specifications subject to change without notice
200318041
AP2304AN
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 30 1 -
Typ. 0.1 2 3 0.8 1.8 5 9 11 2 120 62 24 1.67
Max. Units 117 190 3 1 10 100 5 190 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Static Drain-Source On-Resistance
VGS=10V, ID=2.5A VGS=4.5V, ID=2A VDS=VGS, ID=250uA VDS=10V, ID=2.5A
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=30V, VGS=0V VDS=24V ,VGS=0V VGS=20V ID=2.5A VDS=24V VGS=4.5V VDS=15V ID=1A RG=3.3,VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=1.2A, VGS=0V IS=2A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 24 23
Max. Units 1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
AP2304AN
12 12
T A =25 o C
10 10
T A =150 C 10V 6.0V 5.0V 10V 6.0V 5.0V
o
ID , Drain Current (A)
8
ID , Drain Current (A)
8
6
6
4.0V
4
4.0V
4
2
V G =3.0V
2
V G =3.0V
0
0
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
140
1.8
130
I D =2 A T A =25 Normalized RDS(ON)
1.6
V G =10V I D =2.5A
120 1.4
RDS(ON) (m )
110
1.2
100
1.0
90
0.8 80
70
3 5 7 9 11
0.6
-50 0 50 100 150
VGS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
10.00
2.05
1.85 1.00
VGS(th) (V)
IS (A)
T j =150 o C
T j =25 o C
1.65
0.10 1.45
0.01 0.1 0.5 0.9 1.3
1.25 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP2304AN
f=1.0MHz
12 1000
I D =2.5A
10
VGS , Gate to Source Voltage (V)
8
C (pF)
V DS =24V V DS =20V V DS =15V
6
100
C iss C oss
4
C rss
2
0 0 1 2 3 4 5 6
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (R thja)
0.2
10
0.1
0.1
ID (A)
1ms
1
0.05
PDM t
0.01
10ms 100ms
0.1
T
Duty factor = t/T Peak Tj = PDM x Rthja + T a Rthja = 270 /W
0.01
Single Pulse
T A =25 C Single Pulse
0.01 0.1 1 10
o
1s DC
100
0.001
0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off)tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP2304AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X