Part Number Hot Search : 
7E255 H2227 4LVTH1 SR037SG C4558 1N5277 HN27C256 CM5S1015
Product Description
Full Text Search
 

To Download AB80-C1000G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AB40 - AB380/C 1000G
PRV : 100 - 900 Volts Io : 1.0 Amperes
FEATURES :
* * * * * * * Glass passivated chip High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board
AVALANCHE GLASS PASSIVATED BRIDGE RECTIFIERS WOB
0.39 (10.0) 0.31 (7.87) 0.22 (5.59) 0.18 (4.57)
+
AC
1.00 (25.4) MIN.
1.10 (27.9) MIN.
0.034 (0.86) 0.028 (0.71)
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Terminals : Plated leads solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 1.29 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
AC + AC 0.22 (5.59) 0.18 (4.57)
0.22 (5.59) 0.18 (4.57)
Dimension in inches and (millimeter)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Input Voltage R+C -Load Maximum DC Blocking Voltage Minimum Avalanche Breakdown Voltage at 100 A Maximum Avalanche Breakdown Voltage at 100 A Maximum Average Forward Current For Free Air Operation at Tc = 45C R+L -Load C -Load Peak Forward Surge Current Single half sine wave on rated load (JEDEC Method) at TJ = 125 C Rating for fusing at TJ = 125C ( t < 100 ms.) Maximum Series Resistor C-Load VRMS = 10% Maximum load Capacitance + 50% -10% Maximum Forward Voltage per Diode at IF = 1.0 Amp. Maximum Reverse Current at Rated Repetitive Peak Voltage per Diode Ta = 25 C Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
SYMBOL
VRRM VRMS VDC VBO(min.) VBO(max.) IF(AV)
AB40C1000G
100 40 100 150 600
AB80C1000G
200 80 200 250 700
AB125C1000G
300 125 300 350 800 1.2 1.0 40 10 4.0 1000 1.0 10 36 - 50 to + 125 - 50 to + 125
AB250C1000G
600 250 600 700 1150
AB380C1000G
900 380 900 1000 1450
UNIT
Volts Volts Volts Volts Volts Amps.
IFSM It Rt CL VF IR RJA TJ TSTG
2
Amps. 8.0 500 12.0 200 AS F Volts
2
1.0 5000
2.0 2500
A C/W C C
Notes : 1 ) Thermal resistance from Junction to Ambient at 0.375" (9.5 mm) lead length P.C. Board with, 0.22" x 0.22" (5.5 x 5.5 mm) copper Pads. UPDATE : JUNE 19,1998
RATING AND CHARACTERISTIC CURVES ( AB40 - AB380/C1000G )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AB40 C1000G - AB125 C1000G BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERAGE AMPERES
Resistive or Inductive load.
Capacitive Load
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AB250 C1000G - AB380 C1000G BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERAGE AMPERES
1.2 Resistive or Inductive load.
Capacitive Load
1.2
1.0
1.0
0.8 0.6 0.4
PC Board
0-10F 10-100F =100F
0.8
0-10F
0.6 0.4
10-100F =100F
0.375(9.5mm)
PC Board
0.375(9.5mm)
0.2
Copper Pads 0.22" x 0.22" (5.5mm x 5.5mm)
0.2
Copper Pads
0 0 20 40 60 80 100 120 140
0 20
0.22" x 0.22" (5.5mm x 5.5mm)
40
60
80
100
120
140
CASE TEMPERATURE, ( C)
CASE TEMPERATURE, ( C)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CURRENT, AMPERES
10
10
TJ = 100 C
1
1.0
TJ = 25 C 0.1 Pulse Width = 300 s 1 % Duty Cycle
0.1
TJ = 25 C
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%) FIG. 6 - TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT
100
FIG.5 - MAXIMUM NON-REPETITIVE PEAK FORWARD CURRENT
40
PEAK FORWARD CURRENT, AMPERES
CAPACITANCE, pF
60 40 20 10 6 4 2 TJ = 25 C f = 1MHz Vsig = 50mVp-p 0.1 0.2 0.6 1 2 46 10 20 40 100
30
20
10
0 1 2 4 6 10 20 40 60 100
1
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of AB80-C1000G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X