Part Number Hot Search : 
60103 IC923 LC75821E DTQS3 2SC383 M8771 FPF05 TPS850
Product Description
Full Text Search
 

To Download 74LCX245MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX245 Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
February 1994 Revised May 1999
74LCX245 Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
General Description
The LCX245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The device is designed for low voltage (2.5V and 3.3V) VCC applications with capability of interfacing to a 5V signal environment. The T/R input determines the direction of data flow through the device. The OE input disables both the A and B ports by placing them in a high impedance state. The LCX245 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs s 2.3V-3.6V VCC specifications provided s 7.0 ns tPD max (VCC = 3.3V), 10 A ICC max s Power down high impedance inputs and outputs s Supports live insertion/withdrawal (Note 1) s 24 mA output drive (VCC = 3.0V) s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s ESD performance: Human body model > 2000V Machine model > 200V
Note 1: To ensure the high-impedance state during power up or down, OE should be tied to VCC through a pull-up resistor: the minimum value or the resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Order Number 74LCX245WM 74LCX245SJ 74LCX245MSA 74LCX245MTC Package Number M20B M20D MSA20 MTC20 Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ Type II, 4.4mm Wide 20-Lead Shrink Small Outline Package (SSOP), EIAJ Type II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Pin Names OE T/R A0-A7 B0-B7 Description Output Enable Input Transmit/Receive Input Side A Inputs or 3-STATE Outputs Side B Inputs or 3-STATE Outputs
(c) 1999 Fairchild Semiconductor Corporation
DS012006.prf
www.fairchildsemi.com
74LCX245
Truth Table
Inputs OE L L H
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance Note 2: Unused bus terminals during HIGH Z State must be held HIGH or LOW.
Outputs
T/R L H X Bus B0 - B7 Data to Bus A0 - A7 Bus A0 - A7 Data to Bus B0 - B7 HIGH Z State on A0 - A7, B0 - B7 (Note 2)
Logic Diagram
www.fairchildsemi.com
2
74LCX245
Absolute Maximum Ratings(Note 3)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 -50 -50 +50 50 100 100 -65 to +150 (Note 5) Min Operating Data Retention VI VO IOH/IOL Input Voltage Output Voltage Output Current HIGH or LOW State 3-STATE VCC = 3.0V - 3.6V VCC = 2.7V - 3.0V VCC = 2.3V - 2.7V TA t/V Free-Air Operating Temperature Input Edge Rate, VIN = 0.8V - 2.0V, VCC = 3.0V -40 0 2.0 1.5 0 0 0 Max 3.6 3.6 5.5 VCC 5.5 24 12 8 85 10 C ns/V mA Units V V V Output in 3-STATE Output in HIGH or LOW State (Note 4) VI < GND VO < GND VO > VCC Conditions Units V V V mA mA mA mA mA C
Recommended Operating Conditions
Symbol VCC Supply Voltage Parameter
Note 3: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 4: IO Absolute Maximum Rating must be observed. Note 5: Unused inputs or I/O pins must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -8 mA IOH = -12 mA IOH = -18 mA IOH = -24 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 8mA IOL = 12 mA IOL = 16 mA IOL = 24 mA II IOZ IOFF Input Leakage Current 3-STATE I/O Leakage Power-Off Leakage Current 0 VI 5.5V 0 VO 5.5V VI = VIH or VIL VI or VO = 5.5V 0 10 A Conditions VCC (V) 2.3 - 2.7 2.7 - 3.6 2.3 - 2.7 2.7 - 3.6 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 2.7 3.0 3.0 2.3 - 3.6 2.3 - 3.6 VCC - 0.2 1.8 2.2 2.4 2.2 0.2 0.6 0.4 0.4 0.55 5.0 5.0 A A V V TA = -40C to +85C Min 1.7 2.0 0.7 0.8 Max V V Units
3
www.fairchildsemi.com
74LCX245
DC Electrical Characteristics
Symbol ICC ICC Parameter Quiescent Supply Current Increase in ICC per Input
(Continued)
VCC (V) 2.3 - 3.6 2.3 - 3.6 2.3 - 3.6 TA = -40C to +85C Min Max 10 10 500 A A
Conditions VI = VCC or GND 3.6V VI, VO 5.5V (Note 6) VIH = VCC -0.6V
Units
Note 6: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
TA = -40C to +85C, RL = 500 Symbol Parameter VCC = 3.3V 0.3V CL = 50 pF Min tPHL tPLH tPZL tPZH tPLZ tPHZ tOSHL tOSLH Output to Output Skew (Note 7) Output Disable Time Propagation Delay An to Bn or Bn to An Output Enable Time 1.5 1.5 1.5 1.5 1.5 1.5 Max 7.0 7.0 8.5 8.5 7.5 7.5 1.0 1.0 Min 1.5 1.5 1.5 1.5 1.5 1.5 VCC = 2.7V CL = 50 pF Max 8.0 8.0 9.5 9.5 8.5 8.5 Min 1.5 1.5 1.5 1.5 1.5 1.5 VCC = 2.5V 0.2V CL = 30 pF Max 8.4 8.4 10.5 10.5 9.0 9.0 ns ns ns ns Units
Note 7: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Dynamic Peak VOL Quiet Output Dynamic Valley VOL Conditions CL = 50 pF, VIH = 3.3V, VIL = 0V CL = 30 pF, VIH = 2.5V, VIL = 0V CL = 50 pF, VIH = 3.3V, V IL = 0V CL = 30 pF, VIH = 2.5V, VIL = 0V VCC (V) 3.3 2.5 3.3 2.5 TA = 25C Typical 0.8 0.6 -0.8 -0.6 Units V V
Capacitance
Symbol CIN CI/O CPD Parameter Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Conditions VCC = Open, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC VCC = 3.3V, VI = 0V or VCC, f = 10 MHz Typical 7 8 25 Units pF pF pF
www.fairchildsemi.com
4
74LCX245
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance) Test tPLH, tPHL tPZL, tPLZ tPZH,tPHZ Switch Open 6V at VCC = 3.3 0.3V VCC x 2 at VCC = 2.5 0.2V GND
Waveform for Inverting and Non-Inverting Functions
3-STATE Output High Enable and Disable Times for Logic
Propagation Delay. Pulse Width and trec Waveforms
Setup Time, Hold Time and Recovery Time for Logic
3-STATE Output Low Enable and Disable Times for Logic FIGURE 2. Waveforms (Input Characteristics; f =1MHz, tR = tF = 3ns) Symbol Vmi Vmo Vx Vy VCC 3.3V 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 2.7V 1.5V 1.5V VOL + 0.3V VOH - 0.3V
trise and tfall
2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V
5
www.fairchildsemi.com
74LCX245
Schematic Diagram Generic for LCX Family
www.fairchildsemi.com
6
74LCX245
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 4.4mm Wide Package Number M20D
7
www.fairchildsemi.com
74LCX245
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide Package Number MSA20
www.fairchildsemi.com
8
74LCX245 Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20 LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of 74LCX245MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X