Part Number Hot Search : 
1N5398 T74FCT TMA106I PAW3402 PQ2CF1 10100C ON2858 L6382D5
Product Description
Full Text Search
 

To Download 5962F9670801VXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACS280MS
January 1996
Radiation Hardened 9-Bit Odd/ Even Parity Generator Checker
Pinouts
14 PIN CERAMIC DUAL-IN-LINE MIL-STD-1835 DESIGNATOR, CDIP2-T14, LEAD FINISH C TOP VIEW
I6 1 I7 2 NC 3 I8 4 EVEN 5 ODD 6 GND 7 14 VCC 13 I5 12 I4 11 I3 10 I2 9 I1 8 I0
Features
* Devices QML Qualified in Accordance with MIL-PRF-38535 * Detailed Electrical and Screening Requirements are Contained in SMD# 5962-96708 and Intersil' QM Plan * 1.25 Micron Radiation Hardened SOS CMOS * Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si) * Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day (Typ) * SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg * Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse * Dose Rate Survivability . . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse * Latch-Up Free Under Any Conditions * Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC * Significant Power Reduction Compared to ALSTTL Logic * DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V * Input Logic Levels - VIL = 30% of VCC Max - VIH = 70% of VCC Min * Input Current 1A at VOL, VOH * Fast Propagation Delay . . . . . . . . . . . . . . . . 23ns (Max), 15ns (Typ)
14 PIN CERAMIC FLATPACK MIL-STD-1835 DESIGNATOR, CDFP3-F14 LEAD FINISH C TOP VIEW
I6 I7 NC I8 EVEN ODD GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC I5 I4 I3 I2 I1 I0
Description
The Intersil ACS280MS is a Radiation Hardened 9-bit odd/even parity generator checker device. Both odd and even parity outputs are available for generating or checking parity for words up to 9 bits long. Even parity is indicated (EVEN output high) when an even number of data inputs are high. Odd parity is indicated (ODD output high) when an odd number of data inputs are high. Parity checking for larger words can be accomplished by tying EVEN output to any input of an additional ACS280MS. The ACS280MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of a radiation hardened, high-speed, CMOS/SOS Logic Family. The ACS280MS is supplied in a 14 lead Ceramic Flatpack (K suffix) or a Ceramic Dual-In-Line Package (D suffix).
Ordering Information
PART NUMBER 5962F9670801VCC 5962F9670801VXC ACS280D/Sample ACS280K/Sample ACS280HMSR TEMPERATURE RANGE -55oC -55oC to to +125oC +125oC SCREENING LEVEL MIL-PRF-38535 Class V MIL-PRF-38535 Class V Sample Sample Die PACKAGE 14 Lead SBDIP 14 Lead Ceramic Flatpack 14 Lead SBDIP 14 Lead Ceramic Flatpack Die
25oC 25oC 25oC
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
Spec Number File Number
1
518819 3568.1
ACS280MS Functional Diagram
I8 (4)
I7 (2)
I6 (1)
AE (5)
I5 (13)
I4 (12)
I3 (11)
AO (6)
I2 (10)
I1 (9)
I0 (8)
NC = 3 VDD = 14 GND = 7
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Spec Number 2
518819
ACS280MS Die Characteristics
DIE DIMENSIONS 88 mils x 88 mils 2.24mm x 2.24mm METALLIZATION: Type: AlSi Metal 1 Thickness: 7.125kA 1.125kA Metal 2 Thickness: 9kA 1kA GLASSIVATION: Type: SiO2 Thickness: 8kA 1kA WORST CASE CURRENT DENSITY: <2.0 x 105 A/cm2 BOND PAD SIZE: > 4.3 mils x 4.3 mils > 110m x 110m
Metallization Mask Layout
ACS280MS
(14) VCC
(13) I5
(2) I7
(1) I6
NC (3)
(12) I4
I8 (4)
(11) I3
NC
NC
EVEN (5)
(10) I2
I0 (8)
ODD (6)
GND (7)
I1 (9)
Spec Number 3
518819


▲Up To Search▲   

 
Price & Availability of 5962F9670801VXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X