Part Number Hot Search : 
11100 LVD75B80 F0035 MC68HC9 C1909 15CTQPBF 74F540PC AWG2005
Product Description
Full Text Search
 

To Download 540-99-084-24-000-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 540
94
Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail
Series 540 PLCC sockets are designed to accept JEDEC type leaded plastic substrates The insulator body has polarizing features for both substrate and PCB insertion Contacts of highly reliable design guarantee safe component retention thanks to positive spring action
Plating 99
Stamped contacts tin-lead over nickel Please note: 99 is only plating available for this product.
Ordering information For standard part numbers, please refer to table "Order Codes" For PCB hole patterns see below
No. of poles
Order Codes A1 A2 14.98 17.52 20.06 22.60 25.15 30.22 35.31
Dimensions B1 5.08 7.62 7.62 12.70 15.24 20.32 25.40 B2 5.08 7.62 10.16 12.70 15.24 20.32 25.40 C1 9.14 11.68 11.78 16.76 19.30 24.38 29.46 C2 9.14 11.68 14.32 16.76 19.30 24.38 29.46
20 28 *32* 44 52 68 84
540-99-020-24-000-1 540-99-028-24-000-1 540-99-032-24-000-1 540-99-044-24-000-1 540-99-052-24-000-1 540-99-068-24-000-1 540-99-084-24-000-1 * rectangular
14.98 17.52 17.52 22.60 25.15 30.22 35.31
PCB hole patterns thru-hole types Series 540 / 504
20 poles
28 poles
32 poles
44 poles
52 poles
68 poles
84 poles


▲Up To Search▲   

 
Price & Availability of 540-99-084-24-000-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X