Part Number Hot Search : 
080CT 09VL1 AN3245 RL254GP LBS11520 FAN7544M 2SC33 PT12111
Product Description
Full Text Search
 

To Download 540-99-084-17-400-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 540
96
Sockets for Plastic Leaded Chip Carriers (PLCC) SMT terminations
Series 540 PLCC sockets with SMT terminations come with square sizes for IC-packages according to JEDEC MO-047, rectangular size (32) according to JEDEC MO-052 = low profile Solder tail width 0.33 mm Guaranteed coplanarity tolerance of SMT terminations max. 0.10 mm
Plating 99
Stamped contacts tin-lead over nickel Please note: 99 is only plating available for this product.
Ordering information Please refer to table Order Codes Standard packaging: tube Packaging options: Tape on reel (add suffix TR, ex 540-99-020-17-400-TR) For PCB layout see below
No. of poles Standard parts: 20 28 *32* 44 52 68 84
Order Codes Parts with 2 positioning pegs: 540-99-020-17-400-2 540-99-028-17-400-2 540-99-032-17-400-2 540-99-044-17-400-2 540-99-052-17-400-2 540-99-068-17-400-2 540-99-084-17-400-2 A1 14.86 17.40 16.90 22.48 25.40 30.54 35.56 A2 14.86 17.40 19.45 22.48 25.40 30.54 35.56
Dimensions B1 5.08 7.62 7.62 12.70 15.24 20.32 25.40 B2 5.08 7.62 10.16 12.70 15.24 20.32 25.40 C1 7.26 9.80 9.61 14.88 17.50 22.50 27.62 C2 7.26 9.80 12.16 14.88 17.50 22.50 27.62 D 4.60 4.60 3.90 4.60 4.60 4.60 4.60 E 16.00 19.70 22.00 27.00 30.80 37.65 45.10
540-99-020-17-400 540-99-028-17-400 540-99-032-17-400 540-99-044-17-400 540-99-052-17-400 540-99-068-17-400 540-99-084-17-400 * rectangular
PCB layout SMD types Series 540...
20 poles
28 poles
32 poles
44 poles
52 poles
68 poles
84 poles


▲Up To Search▲   

 
Price & Availability of 540-99-084-17-400-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X