Part Number Hot Search : 
74HC40 90BAI SI4420 SMAJ45CA VF2512T HA928 LM293 MT3512W
Product Description
Full Text Search
 

To Download 2SD2486 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2486
Silicon NPN triple diffusion planar type
For power amplification with high forward current transfer ratio
0.70.1
Unit: mm
10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1 1.30.2 0.5 +0.2 -0.1 0.80.1 2.540.25 5.080.5 1 2 3 4.20.2
s Features
q
16.70.3 14.00.5
q q
High forward current transfer ratio hFE which has satisfactory linearity Low collector to emitter saturation voltage VCE(sat) Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 60 60 7 8 4 2 25 2 150 -55 to +150 Unit V V V A A A W C C
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC IBP PC Tj Tstg
Solder Dip
4.0
7.50.2
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf
*
Conditions VCB = 60V, IE = 0 VEB = 7V, IC = 0 IC = 10mA, IB = 0 VCE = 2V, IC = 0.8A VCE = 2V, IC = 2A IC = 2A, IB = 50mA IC = 2A, IB = 50mA VCE = 10V, IC = 0.5A, f = 10MHz IC = 2A, IB1 = 50mA, IB2 = -50mA, VCC = 50V
min
typ
max 10 10
Unit A A V
60 500 60 0.5 1.5 70 0.5 3.6 1.1 1000 2000
V V MHz s s s
FE1
Rank classification
Q R
Rank hFE1
500 to 1200 800 to 2000
1
Power Transistors
PC -- Ta
30 3.0 (1) (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W)
2SD2486
IC -- VCE
IB=5.0mA 4.0mA 2.5 3.0mA 2.5mA 2.0 2.0mA 1.5mA 1.5 1.0mA 1.0 0.5mA
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=40 30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 25C -25C TC=100C TC=25C
Collector power dissipation PC (W)
25
20
15 (2)
10
5
(3) (4)
Collector current IC (A)
0.5
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100 100000 IC/IB=40
hFE -- IC
10000 VCE=2V 3000 1000 300 100 30 10 3 1 0.01 0.03
fT -- IC
VCE=10V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=-25C 100C 25C
10000 25C TC=100C
3000 1000
-25C 300 100 30 10 0.01 0.03
0.1
0.3
1
3
10
0.1
0.3
1
3
10
Transition frequency fT (MHz)
30
30000
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=40 (IB1=-IB2) VCC=50V TC=25C
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 0.1
Switching time ton,tstg,tf (s)
Collector current IC (A)
10 3
10 ICP IC 3 1 0.3 0.1 0.03 0.01 10ms DC t=1ms
tstg 1 0.3 0.1 0.03 0.01 tf ton
0.3
1
3
10
30
100
0
1
2
3
4
5
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD2486

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X