|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 A - LOW LEAKAGE 1N4678 - 1N4714 PART NUMBER 1N4678 1N4679 1N4680 1N4681 1N4682 1N4683 1N4684 1N4685 1N4686 1N4687 1N4688 1N4689 1N4690 1N4691 1N4692 1N4693 1N4694 1N4695 1N4696 1N4697 1N4698 1N4699 1N4700 1N4701 1N4702 1N4703 1N4704 1N4705 1N4706 1N4707 1N4708 1N4709 1N4710 1N4711 1N4712 1N4713 1N4714 NOM ZENER VOLTAGE Vz @ 50 A (VOLTS) 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 22.0 24.0 25.0 27.0 28.0 30.0 33.0 Package Style Vz tolerance: 5%. MAX REVERSE LEAKAGE CURRENT Ir @ Vr (Adc) (Vdc) 7.5 1.0 5.0 1.0 4.0 1.0 2.0 1.0 1.0 1.0 0.8 1.0 7.5 1.5 7.5 2.0 5.0 2.0 4.0 2.0 10.0 3.0 10.0 3.0 10.0 4.0 10.0 5.0 10.0 5.1 10.0 5.7 1.0 6.2 1.0 6.6 1.0 6.9 1.0 7.6 0.05 8.4 0.05 9.1 0.05 9.8 0.05 10.6 0.05 11.4 0.05 12.1 0.05 12.9 0.05 13.6 0.05 14.4 0.01 15.2 0.01 16.7 0.01 18.2 0.01 19.0 0.01 20.4 0.01 21.2 0.01 22.8 0.01 25.0 DO-7 MAX REGULATION FACTOR 100 Adc TO 10 Adc Vz (VOLTS) 0.70 0.70 0.75 0.80 0.85 0.90 0.95 0.95 0.97 0.99 0.99 0.97 0.96 0.95 0.90 0.75 0.50 0.10 0.08 0.10 0.11 0.12 0.13 0.14 0.15 0.16 0.17 0.18 0.19 0.20 0.22 0.24 0.25 0.27 0.28 0.30 0.33 MAX REGULATOR CURRENT Izm (mAdc) 120.0 110.0 100.0 95.0 90.0 85.0 80.0 75.0 70.0 65.0 60.0 55.0 50.0 45.0 35.0 31.8 29.0 27.4 26.2 24.8 21.6 20.4 19.0 17.5 16.3 15.4 14.5 13.2 12.5 11.9 10.8 9.9 9.5 8.8 8.5 7.9 7.2 P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558 This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of 1N4704 |