Part Number Hot Search : 
MSM63182 VNQ810M 8DQ60 SL37N5 SR310 C6802 68000 150UR80
Product Description
Full Text Search
 

To Download 1N4704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 50 A, LOW OPERATING CURRENT, ZENER DIODES * DOUBLE PLUG CONSTRUCTION * METALLURGICALLY BONDED
1N4678 thru 1N4717
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Power Dissipation: 500mW @ +50C DC Power Derating: 4 mW / C above +50C Forward Voltage: 1.1 Volts maximum @ 200 mA ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise speci1/2ed.
CDI TYPE NUMBER (Note 1) VOLTS 1N4678 1N4679 1N4680 1N4681 1N4682 1N4683 1N4684 1N4685 1N4686 1N4687 1N4688 1N4689 1N4690 1N4691 1N4692 1N4693 1N4694 1N4695 1N4696 1N4697 1N4698 1N4699 1N4700 1N4701 1N4702 1N4703 1N4704 1N4705 1N4706 1N4707 1N4708 1N4709 1N4710 1N4711 1N4712 1N4713 1N4714 1N4715 1N4716 1N4717 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 22.0 24.0 25.0 27.0 28.0 30.0 33.0 36.0 39.0 43.0 NOMINAL ZENER VOLTAGE VZ ZENER TEST CURRENT lZT MAXIMUM VOLTAGE REGULATION VZ (Note 2) VOLTS 0.70 0.70 0.75 0.80 0.85 0.90 0.95 0.95 0.97 0.99 0.99 0.97 0.96 0.95 0.90 0.75 0.50 0.10 0.08 0.10 0.11 0.12 0.13 0.14 0.15 0.16 0.17 0.18 0.19 0.20 0.22 0.24 0.25 0.27 0.28 0.30 0.33 0.36 0.39 0.43 MAXIMUM REVERSE LEAKAGE CURRENT lR @ VR MAXIMUM DC ZENER CURRENT lZM mA 120.0 110.0 100.0 95.0 90.0 85.0 80.0 75.0 70.0 65.0 60.0 55.0 50.0 45.0 35.0 31.8 29.0 27.4 26.2 24.8 21.6 20.4 19.0 17.5 16.3 15.4 14.5 13.2 12.5 11.9 10.8 9.9 9.5 8.8 8.5 7.9 7.2 6.6 6.1 5.5
A
50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
A
7.5 5.0 4.0 2.0 1.0 0.8 7.5 7.5 5.0 4.0 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
VOLTS 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 2.0 2.0 3.0 3.0 4.0 5.0 5.1 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.8 10.6 11.4 12.1 12.9 13.6 14.4 15.2 16.7 18.2 19.0 20.4 21.2 22.8 25.0 27.3 29.6 32.6
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: ANY.
NOTE 1
The JEDEC type numbers shown above have a standard tolerence of +5% of the nominal Zener volume. VZ is measured with the diode in thermal equilibrium at 25C + 3C. Vz @ 100 A minus Vz @ 10 A.
NOTE 2
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
47
1N4678
Pd, Rated Power Dissipation (mW)
500 400 300 200 100 0 0 25 50
thru
FIGURE 2
1N4717
75
100
125
150
175
TL, Lead temperature (C) 3/8" from body
POWER DERATING CURVE
1000
500 400 300 200 ZENER IMPEDANCE ZZT (OHMS)
3.
3
VO
LT
27
100
VO
LT
5. 1 VO LT
50 40 30 20
11
VO
LT
10
6.2
5 4 3 2
VO
LT
1 .1 .2 .3 .4 .5 1 25 10 20 OPERATING CURRENT lZT (mA) 30 40 50 100
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
48
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X