Part Number Hot Search : 
UPD3575 A1006 SHD12 BTX18 F2015ERW E075WB 480000 78006AP
Product Description
Full Text Search
 

To Download 1N4704 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCED INFORMATION
1N4681 THRU 1N4717
ZENER DIODES
FEATURES
DO-35
min. 1.083 (27.5)
Silicon Planar Zener Diodes Standard Zener voltage tolerance is 5%. Other tolerances are available upon request. High temperature soldering guaranteed: 250C/10 seconds, 0.375" (9.5mm) lead length. These diodes are also available in SOD-123 case with the type designation MMSZ4681...MMSZ4717 and SOT-23 case with the type designation MMBZ4681...MMBZ4717.
max. .150 (3.8)
max. .079 (2.0)
Cathode Mark
min. 1.083 (27.5)
max. .020 (0.52)
MECHANICAL DATA
Dimensions are in inches and (millimeters)
Case: DO-35 Glass Case Weight: approx. 0.13 g Terminals: Solderable, per MIL-STD-750, method 2026.
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table "Characteristics") Power Dissipation at TL = 75C, 3/8" from case Maximum Junction Temperature Storage Temperature Range Ptot Tj TS 500 175 - 65 to +175 mW C C
SYMBOL
MIN.
MAX.
UNIT
Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 100 mA
RJA
-
300(1)
C/W
VF
-
1.5
Volts
NOTES: (1) Valid provided that leads at a distance of 3/8" mm from case are kept at ambient temperature.
12/2/98
1N4681 THRU 1N4717
ELECTRICAL CHARACTERISTICS
(TA = 25C, unless otherwise specified.)
Zener Voltage(1) VZ @ lz = 50A (Volts) Max Reverse Current IR (A) 7.5 5.0 4.0 2.0 1.0 0.8 7.5 7.5 5.0 4.0 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 Test Voltage VR (Volts) 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 2.0 2.0 3.0 3.0 4.0 5.0 5.1 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.8 10.6 11.4 12.1 12.9 13.6 14.4 15.2 16.7 18.2 19.0 20.4 21.2 22.8 25.0 27.3 29.6 32.6
Max Zener Current IZM
(mA)
Type 1N4678 1N4679 1N4680 1N4681 1N4682 1N4683 1N4684 1N4685 1N4686 1N4687 1N4688 1N4689 1N4690 1N4691 1N4692 1N4693 1N4694 1N4695 1N4696 1N4697 1N4698 1N4699 1N4700 1N4701 1N4702 1N4703 1N4704 1N4705 1N4706 1N4707 1N4708 1N4709 1N4710 1N4711 1N4712 1N4713 1N4714 1N4715 1N4716 1N4717
Nominal 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43
Min 1.71 1.90 2.09 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.5 11.4 12.4 13.3 14.3 15.2 16.2 17.1 18.1 19.0 20.9 22.8 23.8 25.7 26.6 28.5 31.4 34.2 37.1 40.9
Max 1.89 2.10 2.31 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.14 9.56 10.5 11.6 12.6 13.7 14.7 15.8 16.8 17.9 18.9 20.0 21.0 23.1 25.2 26.3 28.4 29.4 31.5 34.7 37.8 41.0 45.2
Max Voltage Change VZ (Volts)(2) 0.70 0.70 0.75 0.80 0.85 0.90 0.95 0.95 0.97 0.99 0.99 0.97 0.96 0.95 0.90 0.75 0.50 0.10 0.08 0.10 0.11 0.12 0.13 0.14 0.15 0.16 0.17 0.18 0.19 0.20 0.22 0.24 0.25 0.27 0.28 0.30 0.33 0.36 0.39 0.43
120 110 100 95.0 90.0 85.0 80.0 75.0 70.0 65.0 60.0 55.0 50.0 45.0 35.0 31.8 29.0 27.4 26.2 24.8 21.6 20.4 19.0 17.5 16.3 15.4 14.5 13.2 12.5 11.9 10.8 9.9 9.5 8.8 8.5 7.9 7.2 6.6 6.1 5.5
NOTES: (1) Tested with pulses, tp = 5ms (2) VZ is the difference between VZ at 100A and at 10A.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4704

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X