Part Number Hot Search : 
BAT240A 270401B FK14K Z1SMA7V5 SBT604 ECT25S32 74HCH SMP10G
Product Description
Full Text Search
 

To Download VSC210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VSC210
IPMI Baseboard Management Controller Product Brief
Overview
The VSC210 is an embedded controller tailored for Intelligent Platform Management Interface (IPMI) Baseboard Management Controller (BMC) applications. The feature set selection and flexibility of this device makes it the perfect BMC solution for entry through highend servers. No additional logic is required to interface the VSC210 into Intel-Architecture (IA) servers and workstations supporting LPC or X-Bus. Two I2C serial multi-master controllers and UARTs allow system designers to mix and match IPMB, ICMB and private I2C configurations to best meet the requirements of a particular system. The VSC210 includes a high performance, 32-bit RISC processor, which provides the processing bandwidth and addressability required for sophisticated platform management strategies. The Software Development Kit (SDK) and evaluation board allow for reduced development cycles, high code reuse between implementations and faster time-to-market.
Device Features
* * * * * * * * * * * * * IPMI 1.0 Compatible LPC and X-Bus System Interfaces KCS and SMIC Logical Interfaces 32-bit, RISC CPU w/Debug Port Three IPMB or Multi-Master I2C Interfaces Two UARTs (one with ICMB) Up to 26 Programmable General Purpose I/Os User definable clock from 20-50MHz PLL for use with low frequency/cost crystals Internal 4KB SRAM Four External 1MB Address Ranges External Flash and/or SRAM (60ns to 350ns) 100 PQFP Package
Software Development Kit Features
* Abstracts IPMI Message handling to easy to use APIs * Modular architecture to support migration to other I/O technologies and protocols * Extensive peripheral device library * Sample Personality Module source code
System Bus (LPC or X-Bus)
BASEBOARD
CHASSIS MGMT BOARD IPMB Chassis Controller
FLASH
Y Y Y Y Code Storage System Event Log SDR Repository Baseboard FRU Info
Vitesse VSC210 (IPMI BMC)
IPMB
Monitoring & Control Circuitry FRU SEEPROM
General Purpose I/Os (x8, 12mA) I2C Serial Bus
FRU SEEPROM FRU SEEPROM Vitesse VSC055 GPIO Expander (x64 12mA) RS-485 Transceivers (optional)
STORAGE MGMT BOARD Vitesse VSC100/200 Enclosure Controller Monitoring & Control Circuitry FRU SEEPROM SCSI FC-AL
MEMORY BOARD
PROCESSOR BOARD
ICMB
VSC210 Based IPMI Server Baseboard Architecture
KCS/SMIC Control Registers System Interface Control XBUS/LPC Interface Logic KCS/SMIC Control Registers KCS/SMIC Control Registers Bus I/F Unit
4KB SRAM
PLL
R3000 CPU
GPIO (x8)
ICMB UART
General Purpose UART
IPMB Serial ICE I2C Serial I/F (x3) External Memory I/F Timer Interrupt Controller
VSC210 Functional Block Diagram
Applications
The VSC210 is an ideal Baseboard Management Controller for server management applications. The VSC210 and related Software Development Kit (SDK) implement the IPMI 1.0 specification for BMCs. The VSC210 may also be used in applications other than IPMI through firmware modifications.
Software
The software designed to execute on the VSC210 determines the characteristics of the overall server management solution. Most server management applications will be unique to a customer's individual product. The VSC210 firmware architecture uses a Personality Module with captures the unique functionality required by a particular application. Vitesse provides a Software Development Kit (SDK) to customers to assist their development of their Personality Module. The SDK includes software to implement KCS and System Management Interface Chip (SMIC) transport and IPMI diagnostic environment. In addition, the SDK also includes a System Services module with provides APIs to the peripheral functionality (interrupts, timers etc.) in the VSC210. The System Services also includes driver libraries for popular I2C devices such as National's LM75, LM78, and many others.
Architecture
System Level Integration (SLI) techniques were used to create a complete system on a chip. The VSC210 is based on Vitesse' proven architecture for enclosure s and platform management solutions. It integrates an embedded RISC processor, a flexible system interface, memory and multiple peripheral interfaces to create an embedded system for server platform management. The VSC210 includes three, I2C multi-master bus controllers. These controllers may be used to interface to off-the-shelf instrumentation and control devices commonly used in environmental monitoring and management applications such as Vitesse's SSC050/055 Backplane Controller. The controllers also support direct connection to Intelligent Platform Management Buses (IPMB). The VSC210 requires off chip memory for firmware code storage. Most applications will use flash memory devices for non-volatile storage. Static RAM may be added for higher performance applications. The VSC210 has four external chip selects each with a onemegabyte address range. The VSC210 integrates three UARTs. One port may be used as a firmware debug port. A second port fully implements the Intelligent Chassis Management Bus (ICMB) defined by IPMI. A third, general purpose UART is provided for maximum system design flexibility. The Vitesse provided Software Development Kit includes ROM Monitor and firmware download functionality via the UARTs.
System Services
Personality Module
Diagnostic Interface
Transport
SDK Firmware Block Diagram
For More Information: http://www.vitesse.com TEL: 1-800-VITESSE
email:prodinfo@vitesse.com FAX: 805/987-5896
Vitesse Semiconductor Corporation reserves the right to make changes in its products, specifications or other information at any time without prior notice. Therefore the reader is cautioned to confirm that this datasheet is current prior to placing any orders. The company assumes no responsibility for any circuitry described other than circuitry entirely embodied in a Vitesse product. (Version 1.0) (c) 2000 Vitesse Semiconductor Corporation, All Rights Reserved


▲Up To Search▲   

 
Price & Availability of VSC210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X