Part Number Hot Search : 
I3033LS RFN10B3S 00390 TQP9218 SCDAR1F MN6147 HT66F018 A0337M
Product Description
Full Text Search
 

To Download TLP595G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOSHIBA
PHOTO RELAY Telecommunication Data Acquisition Measurement Instrumentation
The Toshiba TLP595G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a six lead plastic DIP package. The TLP595G is a bi-directional switch which can replace mechanical relays in many applications. * * * * * * Peak Off-State Voltage : 400V (Min.) On-State Current : 150mA (Max.) (A Connection) On-State Resistance : 12 (Max.) (A Connection) Isolation Voltage : 2500Vrms (Min.) UL Recognized : UL1577, File No. E67349 Trigger LED Current (Ta = 25C)
TLP595G
Unit in mm
Supplementary Information Lead Form Options Tape and Reel
Page (s) 31-32 39-40
Pin Configuration (Top View)
Schematic
The information contained here is subject to change without notice. The information contained herein is presented only as guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. These TOSHIBA products are intended for usage in general electronic equipments (office equipment, communication equipment, measuring equipment, domestic electrification, etc.) Please make sure that you consult with us before you use these TOSHIBA products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life (atomic energy control, spaceship, traffic signal, combustion control, all types of safety devices, etc.). TOSHIBA cannot accept liability to any damage which may occur in case these TOSHIBA products were used in the mentioned equipments without prior consultation with TOSHIBA.
TOSHIBA CORPORATION
413
TLP595G
TRIGGER LED CURRENT (mA) CLASSIFICATION (Note 1) MIN. (IFT2) Standard
Note 1:
@ION = 150mA MAX. 2 5 T2
MARKING OF CLASSIFICATION
- -
T2, Blank
Application type name for certification test, please use standard product type name, i.e., TLP595G (IFT2): TLP595G
Maximum Ratings (Ta = 25C)
CHARACTERISTIC Forward Current Forward Current Derating (Ta 25C) LED Peak Forward Current (100s pulse, 100pps) Reverse Voltage Junction Temperature Off-State Output Terminal Voltage A Connection On-State RMS Current DETECTOR On-State Current Derating (Ta 25C) Junction Temperature Storage Temperature Range Operating Temperature Range Lead Soldering Temperature (10s) Isolation Voltage (AC, 1 min., R.H. 60%) (Note 2) B Connection C Connection A Connection B Connection C Connection tj Tstg Topr Tsol BVS ION/C ION SYMBOL IF IF/C IFP VR Tj VOFF RATING 30 -0.3 1 5 125 400 150 200 300 -1.5 -2.0 -3.0 125 -55~100 -20~85 260 2500 C C C C Vrms mA/C mA UNIT mA mA/C A V C V
Note 1:Device considered a two terminal device: pins 1, 2 and 3 shorted together, and pins 4, 5 and 8 shorted together.
414
TOSHIBA CORPORATION
TLP595G
Recommended Operating Conditions
CHARACTERISTIC Supply Voltage Forward Current On-State Current Operating Temperature SYMBOL VD IF ION Topr MIN. - 10 - -20 TYP. - 15 - - MX. 320 20 150 80 UNIT V mA mA C
Circuit Connections
Individual Electrical Characteristics (Ta = -25C)
CHARACTERISTIC Forward Voltage LED Reverse Current Capacitance DETECTOR Off-State Current Capacitance SYMBOL VF IR CT IOFF COFF TEST CONDITION IF = 10mA VR = 3V V = 0, f = 1MHz VOFF = 400V V = 0, f = 1MHz MIN. 1.2 - - - - TYP.* 1.4 - 15 - - MX. 1.7 10 - 1 - UNIT V A pF A pF
Coupled Electrical Characteristics (Ta = 25C)
CHARACTERISTIC Trigger LED Current A Connection On-State Resistance B Connection C Connection RON SYMBOL IFT TEST CONDITION ION = 150mA ION = 150mA, IF = 10mA ION = 200mA, IF = 10mA ION = 300mA, IF = 10mA MIN. - - - - TYP. 1 8 4 2 MX. 5 12 6 3 UNIT mA
TOSHIBA CORPORATION
415
TLP595G
Isolation Characteristics (Ta = 25C)
CHARACTERISTIC Capacitance Input to Output Isolation Resistance Isolation Voltage SYMBOL CS RS BVS TEST CONDITION VS = 0, f = 1MHz VS = 500V, R.H. 60% AC, 1 minute AC, 1 second in oil DC, 1 minute in oil 5x MIN. - 1010 - - 2500 TYP. 0.8 10
14
MX. - - - - -
UNIT pF Vrms Vdc
- 5000 5000
Switching Characteristics (Ta = 25C)
CHARACTERISTIC Turn-on Time Turn-off Time SYMBOL ton toff TEST CONDITION VDD = 20mA, RL = 200 IF = 10mA (Note 3) MIN. - - TYP. 0.3 0.2 MX. 1.0 1.0 UNIT ms
Figure 1. Switching Time Test Circuit
416
TOSHIBA CORPORATION
TLP595G
TOSHIBA CORPORATION
417
TLP595G
418
TOSHIBA CORPORATION
TLP595G
TOSHIBA CORPORATION
419
TLP595G
Notes
420
TOSHIBA CORPORATION


▲Up To Search▲   

 
Price & Availability of TLP595G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X