Part Number Hot Search : 
2SK38 071973 SLA5007 F348ML SDR608 57737 80C31N C256F
Product Description
Full Text Search
 

To Download TLP594G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP594G
TOSHIBA Photocoupler Photo Relay
TLP594G
Modems PBXes Telecommunications
The TOSHIBA TLP594G consists of a gallium aresnide infrared emitting diode optically coupled to a photo-MOS FET in a DIP (DIP6), which is suitable for equipment for high tech communications, including modems. The TLP594G complies with FCC part 68 rules with current limiting function. Unit in mm
* * * * * * *
Peak off-state voltage: 350V (min.) Trigger LED current: 3mA (max) On-state current: 120mA(max) Load current limiting: 150mA~300mA (t = 5ms) On-state resistance: 35 (max) Isolation voltage: 2500Vrms (min) UL recognized: UL1577, file no.E67349 TOSHIBA Weight: 0.4g 11-7A8
Pin Configurations (top view)
1 2 6
Schematic
6 1
5 4 1 : Anode 2 : Cathode 3 : NC 4 : Drain D1 6 : Drain D2
2
3
4
1
2002-09-25
TLP594G
Maximum Ratings (Ta = 25C)
Characteristic Forward current Forward current derating (Ta 25C) LED Pulse forward current (100s pulse, 100pps) Reverse voltage Junction temperature Off-state output terminal voltage Detector On-state RMS current On-state current derating (Ta 25C) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature (10 s) Isolation voltage (AC, 1 min., R.H. 60%) (Note 1) Symbol IF IF / C IFP VR Tj VOFF ION ION / C Tj Tstg Topr Tsol BVS Rating 50 -0.5 1 5 125 350 120 -1.2 125 -55~125 -40~85 260 2500 Unit mA mA / C A V C V mA mA / C C C C C Vrms
(Note 1): Device considered a two-terminal device: Pins1, 2 and 3 shorted together and pins4, 5 and 6 shorted together.
Recommended Operating Conditions
Characteristics Supply voltage Forward current On-state current Operating temperature Symbol VDD IF ION Topr Min 5 -20 Typ. 7.5 Max 280 25 120 65 Unit V mA mA C
Circuit Connections
1 2 3 6 5 AC or DC 4 LOAD ~
2
2002-09-25
TLP594G
Individual Electrical Characteristics (Ta = 25C)
Characteristic Forward voltage LED Reverse current Capacitance Detector Off-state current Capacitance Symbol VF IR CT IOFF COFF IF = 10mA VR = 5V V = 0, f = 1MHz VOFF = 350V V = 0, f = 1MHz Test Condition Min 1.0 Typ. 1.15 30 40 Max 1.3 10 1 Unit V A pF A pF
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Trigger LED current On-state resistance Load current limiting Symbol IFT RON ILIM Test Condition ION = 120mA ION = 120mA, IF = 5mA ION = 20~120mA, IF = 5mA IF = 5mA, VDD = 5V, t = 5ms MIn 150 Typ. 22 26 Max 3 35 40 300 Unit mA mA
Isolation Characteristics (Ta = 25C)
Characteristic Capacitance input to output Isolation resistance Symbol CS RS Test Condition VS = 0, f = 1 MHz VS = 500 V, R.H. 60% AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Min 5x10
10
Typ. 0.8 10
14
Max
Unit pF Vrms Vdc
2500
5000 5000
Switching Characteristics (Ta = 25C)
Characteristic Turn-on time Turn-off time Symbol tON tOFF Test Condition RL = 200 VDD = 20V, IF = 5mA (Note2) Min Typ. Max 1 1 Unit ms
(Note2): Switching time test circuit
IF 1 2 6 4 RL VDD VOUT VOUT tON 10% 90% tOFF IF
3
2002-09-25
TLP594G
RESTRICTIONS ON PRODUCT USE
000707EBC
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
4
2002-09-25


▲Up To Search▲   

 
Price & Availability of TLP594G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X