Part Number Hot Search : 
30010 SK8050 12N65 MMSZ52 2SC3466 2120A1 ASI1020 VR4102
Product Description
Full Text Search
 

To Download TEN5-2412WI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TEN 5WI Series, 6 Watt
RoHS
compliant
Features Ultra wide 4:1 Input Range Full SMD-Design High Efficiency up to 84% Extended Operating Temperature
Range -40C to +85C
pending
Indefinite Short-circuit Protection I/O-Isolation 1'500 VDC Input Filter meets EN 55022, Class A and
FCC, Level A without external Components
Shielded Metal Case with insulated
Baseplate
24-pin DIP with Industry Standard Pinout Lead free Design, RoHS compliant 3 Year Product Warranty
The TEN 5WI series is a family of dc-dc converter modules with 5 to 6 W output power featuring ultra wide 4:1 input voltage ranges. They come in a compact DIL-24 metal package with industry-standard footprint. A high efficiency up to 84% allows operating temperatures from -40c to 85C at full output power without derating. A built-in EMI input filter complies with EN 55022,classA without need of external components. Further standard features include over voltage protection and continuous short circuit protection. Typical applications for these converters are battery operated equipment and distributed power architectures in communication and industrial electronics, everywhere where isolated, tightly regulated voltages are required.
Models
Ordercode TEN 5-2410WI TEN 5-2411WI TEN 5-2412WI TEN 5-2413WI TEN 5-2421WI TEN 5-2422WI TEN 5-2423WI TEN 5-4810WI TEN 5-4811WI TEN 5-4812WI TEN 5-4813WI TEN 5-4821WI TEN 5-4822WI TEN 5-4823WI 18 - 75 VDC 9 - 36 VDC Input voltage range Output voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output current max. 1200 mA 1000 mA 500 mA 400 mA 500 mA 250 mA 200 mA 1200 mA 1000 mA 500 mA 400 mA 500 mA 250 mA 200 mA Efficiency typ. 76 % 79 % 84 % 83 % 79 % 84 % 83 % 76 % 79 % 84 % 83 % 79 % 84 % 83 %
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
TEN 5WI Series Input Specifications
Input current no load /full load Start-up voltage / under voltage shut down Surge voltage (1 sec. max.) Reverse voltage protection Conducted noise (input) 24 Vin models: 20 mA typ. 48 Vin models: 10 mA typ. 24 Vin models: 9 VDC / 8.5 VDC typ. 48 Vin models: 18 VDC / 16 VDC typ. 24 Vin models: 50 V max. 48 Vin models: 100 V max. 1.0 A max. EN 55022 level A, FCC part 15, level A 2.0 % max. - Input variation Vin min. to Vin max. 0.3 % max. - Load variation 10 - 100 % single output models: 2.0 % max. dual output models: 2.0 % max. balanced load 3.0 % max. unbalanced load 75 mVpk-pk max 0.02 % / K > 110% of Iout max., constant current indefinite (automatic recovery) 3.3 /5 12 /15 5 12 /15 - Operating - Case temperature - Storage VDC VDC VDC VDC models models models models 1000 F max. 470 F max. 220 F max. (for each output) 100 F max. (for each output) - 40 C ... + 85 C + 100 C max. - 55 C ... + 125 C 3.5% /K above 70C 95 % rel H max. >1 Mio. h @ + 25 C 1'500 VDC 350 pF typ > 1`000 M Ohm 300 kHz typ. (Pulse frequency modulation PFM) UL/cUL 60950 , IEC 60950, EN 60950 Input/Output Input/Output Input/Output (500 VDC)
6 Watt
Output Specifications
Voltage set accuracy Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Current limitation Short circuit protection Capacitive load
General Specifications
Temperature ranges
Derating Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Isolation capacity Isolation resistance Switching frequency Safety standards
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TEN 5WI Series Physical Specifications
Case material Baseplate material Potting material Weight Soldering temperature Steel, Nickel plated non conductive FR4 Epoxy (UL 94V-0 rated) 17 g (0.49 oz) max. 260 C / 10 sec.
6 Watt
Outline Dimensions mm (inches)
(0.18 0.02) 0.5
2.54 (0.1)
4.5
32 0.5 (1.25 0.02)
5.08 15.24 (0.6)
22.86 (0.9)
Bottom view
23 22
2 3
Pin-Out
Pin 2 3 9 11 14 16 22 23 Single -Vin (GND) -Vin (GND) No pin No function +Vout -Vout +Vin (Vcc) +Vin (Vcc) Dual -Vin (GND) -Vin (GND) Common -Vout +Vout Common +Vin (Vcc) +Vin (Vcc)
(0.2)
16 14
0.5 2.4 0.5
(0.09 0.02)
9 11
Insulated Baseplate
15.24 (0.6) 20 0.5 (0.8 0.02)
(0.02)
3.8 10 0.5
(0.15) (0.4 0.02)
Pin diameter o 0.5 0.05 (0.02 0.002) Tolerances 0.5 (0.02)
Specifications can be changed without notice
Rev. 07/05
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43311 4511 * Fax +41 43311 4545 * info@traco.ch * www.tracopower.com
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TEN5-2412WI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X