Part Number Hot Search : 
4000A WBEDW1 91900 XB501C ST211 TMA1215 TSA2000J IR3892
Product Description
Full Text Search
 

To Download TEN5-1210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TEN 5 Series, 6 Watt Features Wide 2:1 Input Range Full SMD-Design High Efficiency up to 86% Extended Operating Temperature Range -40C to 85C I/O-isolation 1'500 VDC Indefinite Short-Circuit Protection Input Filter meets EN 55022, Class A and
FCC, Level A without external Components
Shielded Metal Case with insulated
Baseplate
24-pin DIP with Industry Standard Pinout High Reliability, MTBF >1 Mio. h 3 Year Product Warranty
The TEN 5 Series is a range of DC/DC-converter modules with wide input range of 2:1. State of the art SMD-technology guarantees a product with very high reliability and good cost /performance ratio. High efficiency allows an operating temperature range of -40C to +85C without derating. I/O-isolation of 1'500 VDC together with conducted noise compliance to EN 55022-A and FCC, level A makes these converters ideal for a wide range of applications in communications, mobile battery powered equipments and industrial systems.
Models
Ordercode TEN 5-0510 TEN 5-0511 TEN 5-0512 TEN 5-0513 TEN 5-0521 TEN 5-0522 TEN 5-0523 TEN 5-1210 TEN 5-1211 TEN 5-1212 TEN 5-1213 TEN 5-1221 TEN 5-1222 TEN 5-1223 TEN 5-2410 TEN 5-2411 TEN 5-2412 TEN 5-2413 TEN 5-2421 TEN 5-2422 TEN 5-2423 TEN 5-4810 TEN 5-4811 TEN 5-4812 TEN 5-4813 TEN 5-4821 TEN 5-4822 TEN 5-4823 http://www.tracopower.com Input voltage range Output voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output current max. 1200 mA 1000 mA 500 mA 400 mA 500 mA 250 mA 200 mA 1200 mA 1000 mA 500 mA 400 mA 500 mA 250 mA 200 mA 1200 mA 1000 mA 500 mA 400 mA 500 mA 250 mA 200 mA 1200 mA 1000 mA 500 mA 400 mA 500 mA 250 mA 200 mA Efficiency typ. 75 % 79 % 82 % 82 % 79 % 82 % 82 % 77 % 81 % 84 % 84 % 81 % 84 % 84 % 79 % 83 % 86 % 86 % 83 % 86 % 86 % 79 % 83 % 86 % 86 % 83 % 86 % 86 % Page 1 of 3
4.5 - 7 VDC
9 - 18 VDC
18 - 36 VDC
36 - 75 VDC
DC/DC Converters
TEN 5 Series Input Specifications
Input current no load /full load 5 12 24 48 5 12 24 48 5 12 24 48 Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin Vin models models models models 50 mA / 1460 mA typ. 20 mA / 590 mA typ. 5 mA / 290 mA typ. 3 mA / 145 mA typ.
6 Watt
Start-up voltage / under voltage shut down
models 4.4 VDC / 4.0 VDC models 8.0 VDC / 8.0 VDC models 16.0 VDC / 16.0 VDC models 32.0 VDC / 32.0 VDC models models models models 10 V max. 25 V max. 50 V max. 100 V max. 1.0 A max. EN 55022 level A, FCC part 15, level A 1%
Surge voltage (1 sec. max.)
Reverse voltage protection Conducted noise (input)
Output Specifications
Voltage set accuracy Regulation - - - - - Input variation Vin min. to Vin max. Load variation 10 - 100 % single output models dual output models balanced load dual output models unbalanced load 0.3 % max. 1 % max. 1 % max. 3 % max. 50 mVpk-pk max. 0.02 % /K >120 % of Iout max., constant current indefinite (automatic recovery) - single output models - dual output models - Operating - Case temperature - Storage 6800 F max. 1000 F max. (each output) - 40 C ... + 85 C + 100 C max. - 55 C ... + 125 C 3.5% /K above 70C 95 % rel H max. >1 Mio. h @ + 25 C 1'500 VDC 380 pF typ. > 1`000 M Ohm 300 kHz typ. (Pulse frequency modulation PFM) UL 60950, IEC 60950, EN 60950 Compliance up to 60 VDC input voltage (SELV limit) UL /cUL File E188913 (5Vin models pending) Input/Output Input/Output Input/Output (500 VDC)
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Output current limitation Short-circuit protection Capacitive load
General Specifications
Temperature ranges
Derating Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Isolation capacity Isolation resistance Switching frequency Safety standards
Safety approval
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TEN 5 Series Physical Specifications
Case material Baseplate material Potting material Weight Soldering temperature steel, Nickel plated non conductive FR4 epoxy (UL 94V-0 rated) 14 g (0.55 oz) max. 265 C / 10 sec.
6 Watt
Outline Dimensions mm (inches)
4.54 0.5
(0.18 0.02)
2.54 (0.1)
32 0.5 (1.25 0.02)
5.08 15.24 (0.6)
22.86 (0.9)
Bottom view
23 22
2 3
Pin-Out
Pin 2 3 9 11 14 16 22 23 Single -Vin (GND) -Vin (GND) No pin No con. +Vout -Vout +Vin (Vcc) +Vin (Vcc) Dual -Vin (GND) -Vin (GND) Common -Vout +Vout Common +Vin (Vcc) +Vin (Vcc)
(0.2)
16 14
0.5 2.4 0.5
(0.1 0.02)
9 11
Insulated Baseplate
5
(0.2)
15.24 (0.6) 20 0.5 (0.8 0.02)
(0.02)
10 0.5
(0.4 0.02)
Pin diameter o 0.5 0.05 (0.02 0.002) Tolerances 0.5 (0.02)
Specifications can be changed without notice
Rev. 05/05.1
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TEN5-1210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X