Part Number Hot Search : 
CY7C4255 554FBX AD679AD MUR16 ZS310L AP450BN C143ZC NMH4812D
Product Description
Full Text Search
 

To Download TDA1523 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA1523 Stereo cassette head preamplifier and equalizer
Preliminary specification File under Integrated Circuits, IC01 1996 Feb 26
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
FEATURES * Two independent amplifiers with open-loop gain of 90 dB (typical) * Internal DC feedback via 140 k resistor from output to feedback point * AC characteristics that can be determined externally by an RC network * Electronic on/off switching with transient suppression for switch on * Head input at DC ground that eliminates the input coupling capacitor * Minimum external component requirement * Stability down to a gain of 30 dB * Low input noise * Low distortion * DC input current <2 A. QUICK REFERENCE DATA SYMBOL VP IP Tamb THD cs PARAMETER supply voltage (pin 7) supply current (pin 7) operating ambient temperature total harmonic distortion channel separation RS = 10 k; LS = 0 CONDITIONS - -30 - 45 MIN. 7.5 - 5 - 0.05 - TYP. - GENERAL DESCRIPTION
TDA1523
The TDA1523 is a playback amplifier for car radio/cassette players.
MAX. 12 +85 - -
UNIT V mA C % dB
ORDERING INFORMATION TYPE NUMBER TDA1523 PACKAGE NAME DIP14 DESCRIPTION plastic dual in-line package; 14 leads (300 mil) VERSION SOT27-1
1996 Feb 26
2
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
BLOCK DIAGRAM
TDA1523
R102
handbook, full pagewidth
R101 5.6 k
C101 22 nF
C102 220 F
8.2
TDA1523
feedback 1 140 k 2 3 R fb1 AMP 1 14 4 1 SUPPLY & MUTE 7 5 6 AMP 2 R fb2 feedback 2 140 k R202 R201 5.6 k C201 22 nF 8 C c2 output 2 Vo2 C c1
output 1 R L1
Vo1
Vi1
R S1 = 300 L S1 = 80 mH MUTE R S2 = 300 L S2 = 80 mH
10 F
4.7 k
Vi2
10 F
R L2 4.7 k
C202 220 F
8.2
VP
MGC988
Fig.1 Block diagram with external components; also used as test circuit.
1996 Feb 26
3
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
PINNING SYMBOL MUTE FB1 Vi1 GND Vi2 FB2 VP Vo2 n.c. n.c. n.c. n.c. n.c. Vo1 PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 DESCRIPTION mute input feedback 1 input voltage 1 ground input voltage 2 feedback 2 power supply output voltage 2 not connected not connected not connected not connected not connected output voltage 1 Fig.2 Pin configuration.
FB1 2 Vi1 3 GND 4 Vi2 5 FB2 6 VP 7
MGC989
TDA1523
handbook, halfpage
MUTE 1
14 Vo1 13 n.c. 12 n.c.
TDA1523
11 n.c. 10 n.c. 9 n.c. 8 Vo2
1996 Feb 26
4
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134); note 1. SYMBOL VP Ifb Ptot Tamb Tstg Note 1. All pins except 2 and 6 (feedback) can be connected to VP (pin 7) or ground (pin 4). CHARACTERISTICS VP = 8.5 V; Tamb = 25 C; see test circuit Fig.1; unless otherwise specified. SYMBOL Supply (pin 7) VP IP Vni(rms) Vni Ini I3, I5 Zi Vo IO VO Vno(rms) Vno supply voltage supply current 7.5 - - - - - f = 1 kHz; note 1 200 - 1.0 -5 - RS = 300 ; LS = 80 mH - - 5 PARAMETER CONDITIONS MIN. TYP. supply voltage (pin 7) feedback current (pins 2 and 6) total power dissipation operating ambient temperature storage temperature PARAMETER - - -30 -55 MIN. 7.5
TDA1523
MAX. 12 10 300 +85 +150 V
UNIT mA mW C C
MAX.
UNIT
12 - - - - -2 - - - - - -
V mA V nV ----------Hz pA ----------Hz A k
Inputs (pins 3 or 5) unweighted noise input voltage (RMS value) noise input voltage noise input current DC input current at pins 3 and 5 input impedance f = 20 Hz to 20 kHz; measured in Fig.3 RS = 0; f = 1 kHz; measured in Fig.3; see also Fig.5 f = 1 kHz; measured in Fig.3; see also Fig.6 1.6 5 1.2 - -
Outputs (pins 14 or 8); see Fig.7 output voltage output source current DC output voltage weighted noise output voltage; DIN A (RMS value) weighted noise output voltage CCITT (peak value) CCIR (peak value) Vno Zo unweighted noise output voltage; DIN 45405 (peak value) output impedance RS = 300 ; LS = 80 mH RS = 300 ; LS = 80 mH RS = 300 ; LS = 80 mH f = 1 kHz; note 1 - - - - 1200 1600 1800 - - - - 1 V V V k Vi = 0.3 mV; f = 315 Hz THD = 1%; f = 1 kHz V1-4 7.5 V; mute off 0.72 - -10 3.7 700 V V mA V V
1996 Feb 26
5
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
SYMBOL PARAMETER CONDITIONS MIN. - 2.7 - TYP.
TDA1523
MAX.
UNIT
Mute on/off (pin 1); see Fig.4 Vmute(on) Imute(on) Vmute(off) General Rfb Gv cs PSRR THD Notes 1. Applies to each amplifier. 2. Frequency range 300 Hz to 20 kHz. 3. Referred to the input. 4. Measured selective. internal feedback resistor open-loop voltage gain channel separation power supply ripple rejection total harmonic distortion note 1 f = 315 Hz; note 1 RS = 10 k; LS = 0; note 2 VP(rms) = 0.1 V; f = 100 Hz; note 3 f = 1 kHz; Vo = 0.3 V; note 4 100 - 45 90 - 140 90 - 95 0.05 180 - - - - k dB dB dB % mute on voltage mute on current mute off voltage mute switch closed mute switch closed or V1-4 = 0 V mute switch open 0 - 7.5 1 - VP V A V
R102
handbook, full pagewidth
R101 9.1 k
C101 10 F
C102 1000 F
8.2
TDA1523
feedback 1 140 k 2 R fb1 AMP 1 14 4 R S1 4.7 k R S2 4.7 k 1 SUPPLY & MUTE 7 5 6 AMP 2 R fb2 feedback 2 140 k R202 R201 9.1 k C201 10 F 8 C c2 output 2 Vo2 C c1
output 1 R L1
Vi1
3
Vo1
10 F
4.7 k
Vi2
10 F
R L2 4.7 k
C202 1000 F
8.2
VP
MGC990
Fig.3 Test circuit for noise measurement.
1996 Feb 26
6
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
TDA1523
handbook, halfpage
0
MGC991
Vo (dB)
20
40
60
80
100 0 2 4 V1 4 (V) 6
Fig.4
Muting depth as a function of control voltage at pin 1.
10 2 handbook, full pagewidth
MLD340
Vni (nV/ Hz)
(1) (2)
10
(3)
1 10 (1) RS = 10 k. (2) RS = 5 k. (3) RS = 0.
10 2
10 3
10 4
f (Hz)
10 5
Fig.5 Noise input voltage as a function of frequency.
1996 Feb 26
7
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
TDA1523
MLD341
10 handbook, full pagewidth
Ini (pA/ Hz)
1
10 1 10
10 2
10 3
10 4
f (Hz)
10 5
Fig.6 Noise input current as a function of frequency.
MLD342
handbook, full pagewidth
20
gf g 315 Hz (dB)
10
0
10
20
30 10
10 2
10 3
10 4
f (Hz)
10 5
Fig.7 Frequency response curve for the circuit in Fig.1.
1996 Feb 26
8
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
PRINTED-CIRCUIT BOARD
TDA1523
handbook, full pagewidth
65 RM1 Vo2 VP IC1 SM CVP1 RL2 CC2 R201 C201 D201 R202 RS2 C202 C102 RS1 R102 Vo1 RM
MGC994
Vi2
45
MUTE C101 RL1 C C1 CM
Vi1
R101
D101
Fig.8 Printed-circuit board component side, showing component layout of Fig.1 and/or Fig.10.
1996 Feb 26
9
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
APPLICATION INFORMATION
TDA1523
R102
handbook, full pagewidth
R101 5.6 k
C101 22 nF
C102 220 F
8.2
TDA1523
feedback 1 140 k 2 3 R fb1 AMP 1 14 4 1 SUPPLY & MUTE 7 5 6 AMP 2 R fb2 feedback 2 140 k R202 R201 5.6 k C201 22 nF 8 C c2 output 2 Vo2 C c1
output 1 R L1
Vo1
Vi1
R S1 = 300 L S1 = 80 mH R S2 = 300 L S2 = 80 mH Rm
10 F
4.7 k
Vi2
MUTE SWITCH
150 k 1 F
10 F
R L2 4.7 k
C202 220 F
8.2
VP
MGC992
Fig.9 Simple mute application.
1996 Feb 26
10
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
TDA1523
handbook, full pagewidth
1N4148 R102 C102 220 F 8.2 R101 5.6 k C101 22 nF
TDA1523
feedback 1 140 k 2 3 R fb1 AMP 1 14 4 1 SUPPLY & MUTE 7 5 6 AMP 2 R fb2 feedback 2 140 k R201 5.6 k 1N4148 C201 22 nF 8 C c2 output 2 Vo2 C c1
output 1 R L1
Vo1
Vi1
R S1 = 300 L S1 = 80 mH R S2 = 300 L S2 = 80 mH
10 F
4.7 k
Vi2
MUTE SWITCH
68 k 68 2.2 k F R202 8.2 C202 220 F
10 F
R L2 4.7 k
VP
MGC993
Fig.10 Application for plop-free muting.
1996 Feb 26
11
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
PACKAGE OUTLINE DIP14: plastic dual in-line package; 14 leads (300 mil)
TDA1523
SOT27-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 14 8 MH wM (e 1)
pin 1 index E
1
7
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.2 0.17 A1 min. 0.51 0.020 A2 max. 3.2 0.13 b 1.73 1.13 0.068 0.044 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D (1) 19.50 18.55 0.77 0.73 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.10 e1 7.62 0.30 L 3.60 3.05 0.14 0.12 ME 8.25 7.80 0.32 0.31 MH 10.0 8.3 0.39 0.33 w 0.254 0.01 Z (1) max. 2.2 0.087
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT27-1 REFERENCES IEC 050G04 JEDEC MO-001AA EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-03-11
1996 Feb 26
12
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Soldering by dipping or by wave The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA1523
The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. Repairing soldered joints Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds.
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1996 Feb 26
13
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
NOTES
TDA1523
1996 Feb 26
14
Philips Semiconductors
Preliminary specification
Stereo cassette head preamplifier and equalizer
NOTES
TDA1523
1996 Feb 26
15
Philips Semiconductors - a worldwide company
Argentina: IEROD, Av. Juramento 1992 - 14.b, (1428) BUENOS AIRES, Tel. (541)786 7633, Fax. (541)786 9367 Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. (02)805 4455, Fax. (02)805 4466 Austria: Triester Str. 64, A-1101 WIEN, P.O. Box 213, Tel. (01)60 101-1236, Fax. (01)60 101-1211 Belgium: Postbus 90050, 5600 PB EINDHOVEN, The Netherlands, Tel. (31)40-2783749, Fax. (31)40-2788399 Brazil: Rua do Rocio 220 - 5th floor, Suite 51, CEP: 04552-903-SAO PAULO-SP, Brazil, P.O. Box 7383 (01064-970), Tel. (011)821-2333, Fax. (011)829-1849 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS: Tel. (800) 234-7381, Fax. (708) 296-8556 Chile: Av. Santa Maria 0760, SANTIAGO, Tel. (02)773 816, Fax. (02)777 6730 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. (852)2319 7888, Fax. (852)2319 7700 Colombia: IPRELENSO LTDA, Carrera 21 No. 56-17, 77621 BOGOTA, Tel. (571)249 7624/(571)217 4609, Fax. (571)217 4549 Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. (45)32 88 26 36, Fax. (45)31 57 19 49 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. (358)0-615 800, Fax. (358)0-61580 920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. (01)4099 6161, Fax. (01)4099 6427 Germany: P.O. Box 10 51 40, 20035 HAMBURG, Tel. (040)23 53 60, Fax. (040)23 53 63 00 Greece: No. 15, 25th March Street, GR 17778 TAVROS, Tel. (01)4894 339/4894 911, Fax. (01)4814 240 India: Philips INDIA Ltd, Shivsagar Estate, A Block, Dr. Annie Besant Rd. Worli, Bombay 400 018 Tel. (022)4938 541, Fax. (022)4938 722 Indonesia: Philips House, Jalan H.R. Rasuna Said Kav. 3-4, P.O. Box 4252, JAKARTA 12950, Tel. (021)5201 122, Fax. (021)5205 189 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. (01)7640 000, Fax. (01)7640 200 Italy: PHILIPS SEMICONDUCTORS S.r.l., Piazza IV Novembre 3, 20124 MILANO, Tel. (0039)2 6752 2531, Fax. (0039)2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2 -chome, Minato-ku, TOKYO 108, Tel. (03)3740 5130, Fax. (03)3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. (02)709-1412, Fax. (02)709-1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. (03)750 5214, Fax. (03)757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TX 79905, Tel. 9-5(800)234-7381, Fax. (708)296-8556 Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. (040)2783749, Fax. (040)2788399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. (09)849-4160, Fax. (09)849-7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. (022)74 8000, Fax. (022)74 8341 Pakistan: Philips Electrical Industries of Pakistan Ltd., Exchange Bldg. ST-2/A, Block 9, KDA Scheme 5, Clifton, KARACHI 75600, Tel. (021)587 4641-49, Fax. (021)577035/5874546 Philippines: PHILIPS SEMICONDUCTORS PHILIPPINES Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. (63) 2 816 6380, Fax. (63) 2 817 3474 Portugal: PHILIPS PORTUGUESA, S.A., Rua dr. Antonio Loureiro Borges 5, Arquiparque - Miraflores, Apartado 300, 2795 LINDA-A-VELHA, Tel. (01)4163160/4163333, Fax. (01)4163174/4163366 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. (65)350 2000, Fax. (65)251 6500 South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430, Johannesburg 2000, Tel. (011)470-5911, Fax. (011)470-5494 Spain: Balmes 22, 08007 BARCELONA, Tel. (03)301 6312, Fax. (03)301 42 43 Sweden: Kottbygatan 7, Akalla. S-164 85 STOCKHOLM, Tel. (0)8-632 2000, Fax. (0)8-632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. (01)488 2211, Fax. (01)481 77 30 Taiwan: PHILIPS TAIWAN Ltd., 23-30F, 66, Chung Hsiao West Road, Sec. 1. Taipeh, Taiwan ROC, P.O. Box 22978, TAIPEI 100, Tel. (886) 2 382 4443, Fax. (886) 2 382 4444 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, Bangkok 10260, THAILAND, Tel. (66) 2 745-4090, Fax. (66) 2 398-0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. (0 212)279 27 70, Fax. (0212)282 67 07 Ukraine: Philips UKRAINE, 2A Akademika Koroleva str., Office 165, 252148 KIEV, Tel. 380-44-4760297, Fax. 380-44-4766991 United Kingdom: Philips Semiconductors LTD., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. (0181)730-5000, Fax. (0181)754-8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. (800)234-7381, Fax. (708)296-8556 Uruguay: Coronel Mora 433, MONTEVIDEO, Tel. (02)70-4044, Fax. (02)92 0601
Internet: http://www.semiconductors.philips.com/ps/ For all other countries apply to: Philips Semiconductors, International Marketing and Sales, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Telex 35000 phtcnl, Fax. +31-40-2724825 SCDS47 (c) Philips Electronics N.V. 1996
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
517021/1100/01/pp16 Document order number: Date of release: 1996 Feb 26 9397 750 00694


▲Up To Search▲   

 
Price & Availability of TDA1523

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X