Part Number Hot Search : 
STW9NK90 00400 01300 20VV6 DF75435 SUR542J N7000 120N60
Product Description
Full Text Search
 

To Download SM340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
SM320 THRU SM360
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 60 Volts CURRENT - 3.0 Amperes
FEATURES
* High current capability * Ideal for surface mounted applications * Low leakage current for high efficiency
SM-1(DO-213AB)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant *Terminals: Solder plated solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.12 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA=90 o C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note1) Typical Junction Capacitance (Note 2) Storage Operating Temperature Range @TA = 25 o C @TA = 100 o C VRRM VRMS VDC IO IFSM VF IR R JA CJ TJ, TSTG
SM320 20 14 20
SM330 30 21 30
SM340 40 28 40 3.0 80
SM350 50 35 50
SM360 60 42 60
UNITS Volts Volts Volts Amps Amps
.475
.500
.525 1.0 25 40 200 -65 to + 125
.70 mAmps
0
C/ W pF
0
C
NOTES : 1. Thermal Resistance (Junction to Ambient), .24in2 (6.0mm2) copper pads to each terminal. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
282
NEXT EXIT EXI BACK NEXT BACK EXIT NEXT BACK
RATING AND CHARACTERISTIC CURVES ( SM320 THRU SM360 )
SM320
SM360
SM340
10
DC COMPONENTS CO., LTD.
R
283
NEXT NEXT
BACK BACK
EXIT EXIT


▲Up To Search▲   

 
Price & Availability of SM340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X