Part Number Hot Search : 
MICALD04 CWST872 P1015 XP0316P SHD52624 R1E10 4ALVC1 TK20D60
Product Description
Full Text Search
 

To Download QCPM-9804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QCPM-9804 Rev. G Feb-8-2000 Preliminary Specification is subject to change without prior notification
PCS/CDMA/AMPS Dual-Band Tri-Mode Power Amplifier Module
QCPM-9804
_____________________ Features
* Operating frequency:
PCS: 1850 - 1910 MHz AMPS: 824 - 849 MHz CDMA: 824 - 829 MHz
Package Pin Configuration
(Back side)
6 78 9
General Description
The Dual-Band Tri-Mode Power Amplifier Module (PAM) offers a highly integrated solution for CDMA dual-band tri-mode handsets. The integrated solution leads to improvements in cost, size, performance, and reliability. This PAM also offers several features that will make handset design more flexible and robust. The module contains two power amplifiers (PCS and Cellular PAs), two driver amplifiers with power control and bias circuits. The cellular power amplifiers provide: 32.5 dBm Pout and 47% Power Added Efficiency (PAE) at 3.4 V in AMPS mode, and 28.5 dBm Pout and 29% PAE at 3.4 V in cellular CDMA mode. While the PCS power amplifier achieves 28.5 dBm Pout and 28 % PAE at 3.4V in PCS mode. The PAM is designed with dynamic bias control to optimize the PAE at low output power in PCS and cellular CDMA mode to maximize the system talk time. The surface mount RF MultiPak insures cost, size, and high volume manufacturing advantages over other traditional approaches.
CELLULAR PA OUT
* Typical Output Power @ 3.4V:
PCS : 28.5 dBm AMPS: 32.5 dBm CDMA: 28.5 dBm
5 4
14
10 11 12 13
* Internal 50 ohm matching networks for both RF IN/OUT * 3.4 - 4.2 V operation (reduced
performance at 3V)
3
2
1
* Dynamic bias controls optimize PAE at low output power for PCS and cellular CDMA mode * 11.5 mm x 11.5 mm SMT RF MultiPak
Applications
* Dual Band CDMA handsets * Wireless Data terminals * WLL * Driver for Base station
Small SMT Multipak
Functional Block Diagram
CDMA_Vc AMPS_Vc
9804 CQ PM
CELLULAR PA IN
m atching netw ork
m atching netw ork
m atching netw ork
PCS CDMA IN
m atching netw ork
m atching netw ork
m atching netw ork
PCS CDMA OUT
QCPM-9804 Rev. G Feb-8-2000 Preliminary Specification is subject to change without prior notification
QCPM-9804 Absolute Maximum Ratings1
Cellular Parameter Vcc supply voltage Power Dissipation2,3 Bias Current Amplifier Input RF Power Junction temperature Storage temperature (case temperature) -40 C Min. Max. 4.5 V 2.5 W 1.5 A 10 dBm +150 C +120 C -40 C Min. PCS Max. 4.5 V 2.5 W 1.5 A 10 dBm +150 C +120 C
Thermal Resistance2 jc = X /W
Notes: 1. Operation of this device in excess of any of these limits may cause permanent damage. 2. Tcase = 25 C 3. Derate at X mW/C for Tcase.>85 C
Recommended operating range of Vcc = 3.4 to 4.2 V, Ta = - 30 to + 85 C (reduced performance at 3.0 V and 110 C)
QCPM-9804 Standard Test Conditions
All test are done in 50 system at 25 C , unless noted otherwise. VCC = 3.4V
ACPR = Power in a Channel Power in band @ 1.25 MHz 30 KHz the band 12288 MHz . away from the center of the channel
QCPM-9804 Summary Characterization Information
Parameter
PCS Mode Frequency Range Gain (Pout = 28.5 dBm) Gain (Pout = 16 dBm) Output Power Power Added Efficiency Pout = 28.5 dBm Pout = 16 dBm Input VSWR (Pout = 28.5 dBm) Input VSWR (Pout = 16 dBm) Power Down Current ACPR @ 1.25 MHz offset ACPR @ 2.25 MHz offset Noise Power @ 80 MHz offset in 1930-1990 MHz )
Units
MHz dB dB dBm % %
Min
1850 22 19 28 TBA TBA
Typ
24 21 28.5 28 6 2.0:1 2.5:1
Max
1910
Comments
Vc=2.5V Vc=1.8V
A dBc/30kHz dBc/30kHz dBm/Hz -45 -58
40 -46 -139
2
QCPM-9804 Rev. G Feb-8-2000 Preliminary Specification is subject to change without prior notification
Stability (Spurious): Load VSWR 5:1 Harmonics: 2Fo, 3Fo CDMA mode Frequency Range Gain (Pout = 28.5 dBm) Gain (Pout = 16 dBm) Output Power Power Added Efficiency Pout = 28.5 dBm Pout = 16 dBm Input VSWR (Pout = 28.5 dBm) Input VSWR (Pout = 16 dBm) Power Down Current ACPR @ 0.885 MHz offset ACPR @ 1.98 MHz offset Noise Power @ 45 MHz offset in 869 - 894 MHz Stability (Spurious): Load VSWR 4:1 Harmonics: 2Fo, 3Fo
dBc dBc MHz dB dB dBm % % TBA TBA 824 27 23
55 -30 849 29 25 28.5 29 6 2.0:1 2.5:1
All phases
Vc=2.15V Vc=1.8V
A dBc/30kHz dBc/30kHz dBm/Hz dBc dBc -45 -57
40 -47 -140 55 -30 All phases
AMPS mode Frequency Range Output Power (Pin = 7.5 dBm) Power Added Efficiency (Pout = 32.5 dBm) Noise Power @ 45 MHz offset in RX band (869894MHz) Harmonics: 2Fo, 3Fo Input VSWR Switching Time DC ON/OFF RF ON/OFF s s 40 6 MHz dBm % dBm/Hz TBA 824 32.5 47 -136 Vc=2.15V 849
dBc
-30 2:1
3
QCPM-9804 Rev. G Feb-8-2000 Preliminary Specification is subject to change without prior notification
QCPM-9804 Pin Description Table
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Mnemonic CDMA_IN_A CDMA OUT CDMA Vcc AMPS Vcc AMPS OUT AMPS IN AMPS_Vc Vcc_IC CDMA_Vc GND Description Input RF for PCS CDMA Not connect RF PCS CDMA output Supply voltage for CDMA Supply voltage for AMPS and cellular CDMA RF AMPS and cellular CDMA output Not connect Not connect RF AMPS and cellular CDMA input Bias control for AMPS and cellular CDMA PA Supply voltage for control and driver Not connect Bias control for PCS CDMA PA Ground plane (back of the module) Typical Signal RF input RF Output DC DC RF Output RF DC Notes
7 6
AMPS OUT NC
8
NC AMPS IN
9
AMPS Vc
10 11
5 4
Vcc AMPS Vcc CDMA
Vcc IC
NC
12
CDMA Vc
13 1
3
CDMA OUT
NC
CDMA IN_A
2
Figure 1 Internal block diagram with pinout (back side)
4
QCPM-9804 Rev. G Feb-8-2000 Preliminary Specification is subject to change without prior notification
Part Number Ordering Information
Part Number QCPM-9804 No. of Devices Container
Package Dimensions Small MultiPak-16 Package (in inches)
5
QCPM-9804 Rev. G Feb-8-2000 Preliminary Specification is subject to change without prior notification
Land Pattern Recommendation:
Notes: 1. All pads are 50 mil pitch with 20 mil spacing 2. Module to be centered on the land pattern 3. Pins 1, 3, 6, and 9 are 50 4. Pins 1 and 9 are DC shorts for more information: United States: call your local HP sales office listed in your telephone directory. Ask for a components representative. Canada: (416) 206-4725 Europe: (44) 276-685783 Asia Pacific / Australia: (65) 290-6360 Japan: (81) 3 3331-6111 Data subject to change Copyright December 1998 Hewlett packard Co. Printed in U.S.A.
6


▲Up To Search▲   

 
Price & Availability of QCPM-9804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X