Part Number Hot Search : 
D2012 CM1895 4N23TXV LB1609 DRP10 00TTS LT3526 KBPC1008
Product Description
Full Text Search
 

To Download PWR51XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Data Sheet
9 WATTS REGULATED DC/DC CONVERTERS DC/DC CONVERTERS
PWR51XX
FEATURES
q q q q q q q q LOW COST LOW NOISE LINEAR OUTPUT REGULATION WIDE OPERATING TEMPERATURE RANGE: -40C TO +100C 12VDC AND 15VDC OUTPUTS INPUT AND OUTPUT FILTERING SIX-SIDED SHIELDING BARRIER LEAKAGE CURRENT 100% TESTED AT 240VAC
APPLICATIONS DESCRIPTION
The PWR5104 and PWR5105 offer respectively 12VDC and 15VDC outputs of regulated 9W power driven from your +5V system bus. These units are designed for use in such diverse applications as process control, telecommunications, portable equipment, medical systems, airborne and shipboard electronic circuits, and automatic test equipment. The PWR5104 and PWR5105 offer a low-cost alternative to other models currently on the market. In addition, these models utilize high frequency switching in order to maintain a low EMI and RFI environment. Both models incorporate input and output filtering along with six-sided shielding to keep unwanted noise from your circuit. Surface-mounted devices and manufacturing processes are used in the PWR5104 and PWR5105 to give you a device that is environmentally rugged. These manufacturing and design technologies also give superior isolation voltage. q q q q q PROCESS CONTROL TELECOMMUNICATIONS PORTABLE EQUIPMENT MEDICAL SYSTEMS AIRBORNE AND SHIPBOARD ELECTRONIC CIRCUITS q AUTOMATIC TEST EQUIPMENT
MECHANICAL
TOP VIEW SIDE VIEW
PWR51XX
0.400" (10.16)
NOTES: All dimensions are in inches (millimeters). Product is marked with specific model ordered, date code and job code. GRID: 0.100 inches (2.54 millimeters) PIN PLACEMENT TOLERANCE: 0.015
MATERIAL: Units are encapsulated in a low thermal resistance molding compound that has excellent chemical resistance, wide operating temperature range, and good electrical properties under high humidity environments. The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is brass with a solder plated surface to allow ease of solderability.
0.200" (5.08)
0.400" (10.16)
0.900" (22.86)
0.600" (15.24)
0.800" (20.32)
BOTTOM VIEW
Internet: http://www.cdpowerelectronics.com Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Phone: 520.295.4100 Fax: 520.770.9369 PWR51XX 10/98 REV D Power Electronics Division, Europe C&D Technologies (Power Electronics) Ltd. 132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland Tel: +353.61.474.133 Fax:+353.61.474.141 Page 1
1.00" (25.4)
ELECTRICAL SPECIFICATIONS
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise noted. PARAMETER INPUT Nominal Voltage Voltage Range Input Current Ripple Current OUTPUT PWR5104 Rated Voltage Rated Current PWR5105 Rated Voltage Rated Current Setpoint Accuracy Voltage Balance Temperature Coefficient Ripple and Noise Line Regulation Load Regulation Efficiency ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current GENERAL Switching Frequency Package Weight TEMPERATURE Specification Operation Storage Note: Other input to output voltages may be available. Please consult factory. -25 -40 -55 CONDITIONS MIN TYP 5 4.75 No Load Rated Load Rated Load 60 2400 5 12 375 15 Rated Load, Nominal VIN -25C to +85C BW = DC to 10MHz 0.5 0.3 0.01 6 0.02 0.04 75 300 1.0% 5.25 2570 MAX UNITS VDC VDC mA mA mAp-p VDC mA VDC mA % % %/C mVp-p % % % VDC mVp-p G pF Arms kHz g +85 +100 +125 C C C
35
70 750 750
60 Hz, 10 Seconds
10 50 240Vrms, 60Hz 50 50 +25 15
TYPICAL PERFORMANCE CURVES
Typical at TA = +25C, nominal input voltage and rated output current unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
Input Voltage ........................................................................................ 5.5VDC Output Short Circuit Duration ....................................................... 15 seconds Internal Power Dissipation ........................................................................ 4W Lead Temperature (soldering, 10 seconds max) ................................. +300C
ORDERING INFORMATION
PWR Device Family PWR indicates DC/DC converter Model Number Selected From Table of Electrical Specifications Screening Option 51XX /H
The information provided herein is believed to be reliable; however, C&D TECHNOLOGIES assumes no responsibility for inaccuracies or omissions. C&D TECHNOLOGIES assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D TECHNOLOGIES does not authorize or warrant any C&D TECHNOLOGIES product for use in life support devices/systems or in aircraft control applications. Page 2 PWR51XX 10/98 REV D


▲Up To Search▲   

 
Price & Availability of PWR51XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X