Part Number Hot Search : 
BZX85C 37210M 35147 IDT74F 00010 M74HC692 DTC113Z 28C17A
Product Description
Full Text Search
 

To Download PT2390 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Princeton Technology Corp.
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Echo IC with Built-in Microphone Amplifier & Output Mixer DESCRIPTION
PT2390
PT2390 is a digital echo IC utilizing CMOS Technology. Microphone Amplifier, Output Mixer, internal 44K RAM and Vocal Switch are all integrated in a single chip to provide a digital echo IC of the the highest standard. Very low distortion and high S/N Ratio qualities, not to mention the built-in VCO feature which eliminates the need for an external crystal oscillator are just some of the features of PT2390. Pin assignments and application circuit are optimized for easy PCB Layout and low cost effectiveness.
FEATURES
* * * * * * * CMOS Technology Least External Component 5V Power Supply 2 Microphone Amplifier and KARAOKE Automatic Vocal Changer Built-in 44K RAM Built-in VCO, eliminating the need for a crystal oscillator Low Total Harmonic Distortion : Microphone Pre-Amplifier <0.09% (typ.) : Echo Processor < 0.5% (typ.) * High S/N Ratio : Microphone Pre-Amplifier > 85 (no - weighting) : Echo Processor > 80 dB (no - weighting) * Available in 28-pin, DIP or SO Package
APPLICATIONS
* * * * * DVD, VCD KARAOKE VCR Mini Compo Other Audio Equipments
Ref. No. 2390 v1.1
1
Written July 1999
Princeton Technology Corp.
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Echo IC with Built-in Microphone Amplifier & Output Mixer BLOCK DIAGRAM
PT2390
MIC1_IN
1 _ +
REF
REF
28 MIC2_IN
+
27 MIC2_OUT
MIC1_OUT
2 _ + REF
+ REF LOUT 5 + REF REF REF
++
VOCCON 7 VDD REF AGND DGND 8 9 10 11
REF
REF
1/2 Vcc
CONTROL UNIT
CLK_IN 12 LPF1_IN 13 + _ REF REF + _ 16 LPF2_IN
LPF1_OUT
14
Ref. No. 2390 v1.1
2
Written July 1999
+
+
_
LIN
6
_
+ _
ECHO_IN 4
_ 25 MIX2_OUT
+ REF + _ 24 ROUT 23 RIN REF 22 CC1 21 CC0 20 OP1_IN
_
MIX1_IN
3
+
26 MIX2_IN
_
A/D
19 OP1_OUT 18 OP2_IN
D/A
17 OP2_OUT
15 LPF2_OUT
Princeton Technology Corp.
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Echo IC with Built-in Microphone Amplifier & Output Mixer PIN CONFIGURATION
MIC1_IN MIC1_OUT MIX1_IN ECHO_IN LOUT LIN VOCCON VDD REF AGND DGND CLK_IN LPF1_IN LPF1_OUT
PT2390
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
MIC2_IN MIC2_OUT MIX2_IN MIX2_OUT ROUT RIN CC1 CC0 OP1_IN OP1_OUT OP2_IN OP2_OUT LPF2_IN LPF2_OUT
PT2390
Ref. No. 2390 v1.1
3
Written July 1999
Princeton Technology Corp.
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Echo IC with Built-in Microphone Amplifier & Output Mixer PIN DESCRIPTION
Pin N ame MIC 1_IN MIC 2_O UT MIX1_IN EC HO _IN LO UT LIN I/O I O I I O I Description Microphone 1 Amplifier Input Microphone 1 Amplifier O utput Mixer 1 Input Echo Input Left C hannel O utput Left C hannel Input Auto- V cal C hanger C ontrol Terminal o When this pin is pulled "HIGH" (VDD), RIN is connected to RO UT and LIN is connected to LO UT. When this pin is pulled "LO W" (GN D), LIN is connected to RO UT and LO UT. Power Supply Reference V ltage o C onnects to 47 to GN D f Analog Ground Digital Ground System C lock Input Low- Pass Filter 1 Input Low- Pass Filter 1 O utput Low- Pass Filter 2 Input Low- Pass Filter 2 O utput O P Amplifier 2 O utput O P Amplifier 2 Input O P Amplifier 1 O utput O P Amplifier 1 Input C urrent C ontrol 0 C urrent C ontrol 1 Right C hannel Input Right C hannel O utput Mixer 2 O utput Mixer 2 Input Microphone 2 Amplifier O utput Microphone 2 Amplifier Input
4 Written July 1999
PT2390
Pin N o. 1 2 3 4 5 6
VO C C O N
I
7
VDD REF AGN D DGN D C LK _IN LPF1_IN LPF1_O UT LPF2_IN LPF2_O UT O P2_O UT O P2_IN O P1_O UT O P1_IN CC0 CC1 RIN RO UT MIX2_O UT MIX2_IN MIC 2_O UT MIC 2_IN
Ref. No. 2390 v1.1
I I O I O O I O I I O O I O I
8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
APPLICATION CIRCUIT
MIC IN 3 2 MIC VOL2 1 A 10F 10F RCA-JACK IN_R OUT_R 2
2
47K MIC VOL1
MIC1_OUT MIX1_IN ECHO_IN MIX2_OUT
25 1
MIC1_IN MIC2_OUT
27 26
MIC2_IN
28
1M 1
3
+ 10F
4
MIX2_IN
1F 1 5V
8
IN_L
6 7
0.01F
VDD CC0
21
+ 10F
LIN VOCCON CC1
22
RIN
23
0.1F 0.1F
Princeton Technology Corp.
50K ECHO VOL
+
*5K
10
+
AGND OP1_OUT
19
REF
OP1_IN
0.1F 220F
11
47F
DGND OP2_IN OP2_OUT LPF2_IN
16 17 18
10K
13
12
CLK_IN LPF1_IN
10p
14
B
15
LPF1_OUT LPF2_OUT
15K TO A 10F 3900p
560p
+ 15K
PT2390
1F 50K(SVR)
FEEDBACK
Echo IC with Built-in Microphone Amplifier & Output Mixer
Note: * = You can adjust the 5K Variable Resistor value in order to change the Oscillator Frequency. The Oscillator waveform can be measured from Pin No.12. It must be kept in mind that the probe's capacitor can cause erroneous oscillator waveform measurement.
A 4.7K 1.5K
+
9 20
+ +
RCA-JACK
0.1F
0.1F 15K 10K 560p 15K 3900p AGND1
+
+ +
+ 2 OUT_L
2.7K
3
+ 10F
5
LOUT
ROUT
24
+
Ref. No. 2390 v1.1
+ 1F
1F 47K 1M 4.7K MIC IN 3 3K DGND 0.01F AGND2
8
Written July 1999
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
PT2390
Princeton Technology Corp.
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Echo IC with Built-in Microphone Amplifier & Output Mixer AUTO-VOCAL CHANGER APPLICATION CIRCUIT
AGND1 AGND2 MIC IN
PT2390
+ 4.7F
AUTO VOCAL CHANGER DETAILED CIRCUIT
47K
1M
C945
5V
1M
MIC VOL2
4.7K
2
3
1
OUT_R
IN_R
RCA-JACK
10K
3900p
DGND
4 1/2LM358
15K
0.1F
0.1F
0.1F
+
_
28
27
26
25
A
24
23
22
21
20
18
B
19
CC1
CC0
OP1_OUT
MIX2_OUT
OP2_OUT
17
16
AUTO VOCAL CHANGER SENSITIVITY
LPF2_OUT
MIC2_OUT
ROUT
OP1_IN
OP2_IN
MIC2_IN
LPF2_IN
MIX2_IN
100K VR
RIN
15
0.1F
470K
10
11
12
13
14
8
1
2
3
4
5
6
7
9
LPF1_OUT
MIC1_OUT
ECHO_IN
VOCCON
LPF1_IN
MIC1_IN
MIX1_IN
CLK_IN
DGND
AGND
LOUT
VDD
REF
LIN
+
560p
PT2390
+ 15K
TO A 10F 3900p 15K
1N4148
47F
1.5K 1F +
+ 10F
+
MIC VOL1
4.7K
OUT_L
RCA-JACK
IN_L
*5K
5V
0.1F 220F
+ 10F
A
10K
2
3
1
3
1
MIC IN
Guidelines in using this Application Circuit: 1. IN_R must be connected to Human Vocal Input. 2. IN_L must be connected to KARAOKE Music Note: * = You can adjust the 5K Variable Resistor value in order to change the Oscillator Frequency. The Oscillator waveform can be measured from Pin No.12. It must be kept in mind that the probe's capacitor can cause erroneous oscillator waveform measurement.
Ref. No. 2390 v1.1 9 Written July 1999
+
1F
0.01F
2.7K
50K ECHO VOL
47K
1M
2
10p
1F 50K(SVR)
0.1F
0.1F
5V
8
560p
+
FEEDBACK
10F
15K
1F
10F
10K
3K
0.01F
5V
200K
+ +
+
+ +
+
Princeton Technology Corp.
Tel: 886-2-29162151 Fax: 886-2-29174598 URL: http://www.princeton.com.tw
Echo IC with Built-in Microphone Amplifier & Output Mixer ORDER INFORMATION
V lid Part N umber a PT2390 PT2390- S Package 28 Pins, DIP (300 mil) 28 Pins, SO (300 mil)
PT2390
Ref. No. 2390 v1.1
10
Written July 1999


▲Up To Search▲   

 
Price & Availability of PT2390

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X