Part Number Hot Search : 
SI7860DP 7308Q MAX196 BU206 20035 R3H2A120 MMBD7 SD820S
Product Description
Full Text Search
 

To Download PMEG2010EV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D744
PMEG2010EV Low VF MEGA Schottky barrier diode
Product specification Supersedes data of 2002 Jun 24 2003 Aug 20
Philips Semiconductors
Product specification
Low VF MEGA Schottky barrier diode
FEATURES * Forward current: 1 A * Reverse voltage: 20 V * Very low forward voltage * Ultra small SMD package * Flat leads: excellent coplanarity and improved thermal behaviour. APPLICATIONS * Low voltage rectification * High efficiency DC/DC conversion * Switch mode power supply * Inverse polarity protection * Low power consumption applications. DESCRIPTION Planar Maximum Efficiency General Application (MEGA) Schottky barrier diode with an integrated guard ring for stress protection in a SOT666 ultra small SMD plastic package.
1 2 3
handbook, halfpage 6
PMEG2010EV
PINNING PIN 1 2 3 4 5 6 cathode cathode anode anode cathode cathode DESCRIPTION
5
4
1, 2 5, 6
3, 4
MHC310
Marking code: F1.
Fig.1 Simplified outline (SOT666) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134) SYMBOL VR IF IFSM Tstg Tj Tamb Note 1. Only valid if pins 3 and 4 are connected in parallel. PARAMETER continuous reverse voltage continuous forward current non-repetitive peak forward current storage temperature junction temperature operating ambient temperature t = 8.3 ms half sinewave; JEDEC method; note 1 CONDITIONS - - - -65 - -65 MIN. 1 8 +150 125 +125 MAX. 20 V A A C C C UNIT
2003 Aug 20
2
Philips Semiconductors
Product specification
Low VF MEGA Schottky barrier diode
THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient CONDITIONS note 1 note 2 Notes 1. Refer to SOT666 standard mounting conditions. 2. Mounted on printed circuit-board, 1 cm2 copper area. Soldering The only recommended soldering method is reflow soldering. ELECTRICAL CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL VF PARAMETER continuous forward voltage IF = 10 mA IF = 100 mA IF = 1000 mA; note 1; see Fig.2 IR reverse current VR = 5 V; note 2 VR = 8 V; note 2 VR = 15 V; note 2; see Fig.3 Cd Notes 1. Only valid if pins 1, 2, 5 and 6 are soldered on a 1 cm2 copper solder land. 2. Pulse test: tp = 300 s; = 0.02. diode capacitance VR = 5 V; f = 1 MHz; see Fig.4 CONDITIONS TYP. 240 300 480 5 7 10 19
PMEG2010EV
VALUE 405 215
UNIT K/W K/W
MAX. 270 350 550 10 20 50 25
UNIT mV mV mV A A A pF
2003 Aug 20
3
Philips Semiconductors
Product specification
Low VF MEGA Schottky barrier diode
GRAPHICAL DATA
PMEG2010EV
103 handbook, halfpage IF (mA) 102
MHC311
105 handbook, halfpage IR (A)
(1)
MHC312
104
103
(1) (2) (3)
(2)
10 102
(3)
1 10
10-1
0
0.2
0.4
VF (V)
0.6
1
0
5
10
15
20 VR (V)
25
(1) Tamb = 125 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
(1) Tamb = 125 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
Fig.2
Forward current as a function of forward voltage; typical values.
Fig.3
Reverse current as a function of reverse voltage; typical values.
handbook, halfpage
80
MHC313
Cd (pF) 60
40
20
0 0 5 10 15 VR (V) 20
f = 1 MHz; Tamb = 25 C.
Fig.4
Diode capacitance as a function of reverse voltage; typical values.
2003 Aug 20
4
Philips Semiconductors
Product specification
Low VF MEGA Schottky barrier diode
PACKAGE OUTLINE Plastic surface mounted package; 6 leads
PMEG2010EV
SOT666
D
A
E
X
S
YS HE
6
5
4
pin 1 index A
1
e1 e
2
bp
3
wMA Lp detail X
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.6 0.5 bp 0.27 0.17 c 0.18 0.08 D 1.7 1.5 E 1.3 1.1 e 1.0 e1 0.5 HE 1.7 1.5 Lp 0.3 0.1 w 0.1 y 0.1
OUTLINE VERSION SOT666
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 01-01-04 01-08-27
2003 Aug 20
5
Philips Semiconductors
Product specification
Low VF MEGA Schottky barrier diode
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
PMEG2010EV
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Aug 20
6
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/02/pp7
Date of release: 2003
Aug 20
Document order number:
9397 750 11684


▲Up To Search▲   

 
Price & Availability of PMEG2010EV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X