Part Number Hot Search : 
GS1JWZ AUSCD22H BUV20 R040005 A25L020 AWS100S B79M2 AZ88943U
Product Description
Full Text Search
 

To Download MUR805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MUR805 THRU MUR840
8 Amp Super F ast Glass Passiv ated Rectif ier 50 to 400 Volts
Glass passivated chip Superfast switching time for hight efficiency Low reverse leakage current High surge capacity
Maximum Ratings
* * Operating Junction Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V
TO-220AC
B C K L M D A
PIN 1 2
MUR805 MUR810 MUR820 MUR840
MUR805 MUR810 MUR820 MUR840
35V 70V 140V 320V
E
F G I H J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element
MUR805 ~MUR820 MUR840
IF(AV) IFSM
8.0A 125A
TC = 100C 8.3 ms, half sine
PIN 1 PIN 2
CASE
VF
1.0V 1.3V
10 uA 500uA
IFM = 8 A TJ = 25C
A B C D E F G H I J K L M N
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 4.83 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 5.33 1.14 0.64 4.09 4.83 1.40 2.92
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time
IR
TJ = 25C TJ = 125C
Trr
50ns
IF=0.5A, IR=1.0A, Irr=0.25A
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .190 .210 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www.mccsemi.com
MUR805 thru MUR840
MCC
1000
20
PEAK FORWARD CURRENT, AMPERES
12 8 4 0 0 50 100 150
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
16
TJ = 125 J 100
10
CASE TEMPERATURE, J
Fig. 1-TYPICAL FORWARD CURRENT DERATING CURVE
PEAK FORWARD CURRENT AMPERES
125 100 75 50 25
TJ = 25 J 1.0
0.1 TJ = 125 J 8.3ms SINGLE HALF SINCEWAVE JEDEC METHOD 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 2-TYPICAL REVERSE CHARACTERISTICS
80 40 1 2 5 10 20 50 100 20
INSTANTANEOUS FORWARD CURRENT, (A)
NUMBER OF CYCLES AT 60Hz
MUR805 10 3.0
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
210
1.0 0.3
CAPACITANCE, (pF)
200 160 120 80 40 0 1 2 5 20 50 100 200 500 MUR805
0.1
0.03 0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.8
FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-TYPICAL FORWARD CURRENT
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X