Part Number Hot Search : 
FEE19W I505ERW FEE19W BZX79B11 CJL3407 F0A331 ON0927 TLP3520
Product Description
Full Text Search
 

To Download MPXS4100A6U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MPXS4100A/D
Integrated Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated & Calibrated
The Motorola MPXS4100A series Barometric Absolute Pressure (BAP) sensor for engine control is designed to sense absolute air pressure. Motorola's BAP sensor integrates on-chip, bipolar op amp circuitry and thin film resistor networks to provide a high output signal and temperature compensation. The small form factor and high reliability of on-chip integration make the Motorola BAP sensor a logical and economical choice for the automotive system designer. Features * 1.8% Maximum Error Over 0 to 85C * Surface Mount Package * Available Tape and Reeled or in Sleeves * Ideally Suited for Direct Microprocessor Interfacing * Patented Silicon Shear Stress Strain Gauge * Temperature Compensated Over - 40 to +125C * Ideal for Non-automotive applications * Also Available in Unibody Package (see MPX4100A/D data sheet) Application * Barometric Absolute Pressure for Engine Control
VS 2
MPXS4100A SERIES
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V OUTPUT
BASIC CHIP CARRIER ELEMENT CASE 471-01, STYLE 1
PIN NUMBER
1 2 3 4 N/C VS Gnd Vout 5 6 7 8 N/C N/C N/C N/C
NOTE: Pins 1, 5, 6, 7 and 8 are internal device connections. Do not connect to external circuitry or ground.
GAIN STAGE #2 AND GROUND REFERENCE SHIFT CIRCUITRY
X-ducer SENSING ELEMENT
THIN FILM TEMPERATURE COMPENSATION AND GAIN STAGE #1 3 GND
4
Vout
PINS 1 AND 5 THROUGH 8 ARE NO CONNECTS
Figure 1. Fully Integrated Pressure Sensor Schematic MAXIMUM RATINGS(1)
Rating Overpressure(2) Burst Pressure(2) Storage Temperature Operating Temperature Symbol Pmax Pburst Tstg TA Value 400 1000 - 40 to +125 - 40 to +125 Unit kPa kPa C C
1. TC = 25C unless otherwise noted. 2. Exposure beyond the specified limits may cause permanent damage or degradation to the device. Senseon and X-ducer are trademarks of Motorola, Inc. REV 1
Motorola Sensor Device Data (c) Motorola, Inc. 1997
1
MPXS4100A SERIES
OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25C unless otherwise noted)
Characteristic Pressure Range Supply Voltage(1) Supply Current Minimum Pressure Offset(2) Full Scale Output(3) Full Scale Span(4) Accuracy(5) Sensitivity Response Time(6) Output Source Current at Full Scale Output Warm-up Time(7) Offset Stability(8) (0 to 85C) (0 to 85C) (0 to 85C) (0 to 85C) Symbol POP VS Io Voff VFSO VFSS -- V/P tR Io+ -- -- Min 20 4.85 -- 0.225 4.816 -- -- -- -- -- -- -- Typ -- 5.1 7.0 0.306 4.897 4.591 -- 54 1.0 0.1 20 0.65 Max 105 5.35 10 0.388 4.978 -- 1.8 -- -- -- -- -- Unit kPa Vdc mAdc Vdc Vdc Vdc %VFSS mV/kPa ms mAdc ms %VFSS
MECHANICAL CHARACTERISTICS
Characteristic Weight, Basic Element (Case 432) Symbol -- Min -- Typ 1.5 Max -- Unit Grams
NOTES: 1. Device is ratiometric within this specified excitation range. 2. Offset (Voff) is defined as the output voltage at the minimum rated pressure. 3. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure. 4. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the minimum rated pressure. 5. Accuracy is the deviation in actual output from nominal output over the entire pressure range and temperature range as a percent of span at 25C due to all sources of error including the following: * Linearity: Output deviation from a straight line relationship with pressure over the specified pressure range. * Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and from the minimum or maximum operating temperature points, with minimum specified pressure applied. * Pressure Hysteresis: Output deviation at any pressure within the specified range, when this pressure is cycled to and from minimum or maximum rated pressure at 25C. * TcSpan: Span deviation per C over the temperature range of 0 to 85C, as a percent of span at 25C. * TcOffset: Output deviation per C with minimum pressure applied, over the temperature range of 0 to 85C. 6. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a specified step change in pressure. 7. Warm-up Time is defined as the time required for the product to meet the specified output voltage. 8. Offset Stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test. 9. Decoupling circuit shown in Figure 2 required to meet specification.
2
Motorola Sensor Device Data
MPXS4100A SERIES
MPXS4100A SENSOR OUTPUT (PIN 4) 50 pF A/D
51 k
PROCESSOR
Figure 2. Recommended Decoupling Filter for Sensor to Microprocessor Interface
The MPXS4100A series piezoresistive transducer is a state-of-the-art, monolithic, signal conditioned, silicon pressure sensor. This sensor, with its patented X-ducer, combines advanced micromachining techniques, thin film metallization and bipolar semiconductor processing to provide an accurate, high level analog output signal that is proportional to applied pressure. A vacuum is sealed behind the sensor diaphragm providing a reliable pressure reference. This surface mount package (Case 471) is an absolute sensing configuration package. A fluorosilicone gel isolates the die surface and wire bonds from the environment, while allowing the pressure signal to be transmitted to the silicon
diaphragm. The MPXS4100A series pressure sensor operating characteristics, internal reliability and qualification tests are based on use of dry air as the pressure media. Media other than dry air may have adverse effects on sensor performance and long-term reliability. Contact the factory for information regarding media compatibility in your application. Figure 2 shows the recommended decoupling circuit for interfacing the output of the integrated BAP sensor to the A/D input of a microprocessor (see Note 9). Figure 3 shows the sensor output signal relative to pressure input. Typical minimum and maximum output curves are shown for operation over 0 to 85C temperature range. (Output will saturate outside of the rated pressure range.)
5.0 4.5 4.0 OUTPUT (Volts) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 Pressure (ref: to sealed vacuum) in kPa 0 MIN TRANSFER FUNCTION: Vout = Vs* (.01059*P-.152) Error VS = 5.1 Vdc TEMP = 0 to 85C 20 kPA TO 105 kPA MPXS4100A MAX TYP
Figure 3. Output versus Absolute Pressure
Motorola Sensor Device Data
3
MPXS4100A SERIES
Transfer Function (MPXS4100A)
Nominal Transfer Value: Vout = VS (P x 0.01059 - 0.1518) +/- (Pressure Error x Temp. Factor x 0.01059 x VS) VS = 5.1 V 0.25 Vdc
Temperature Error Band
MPXS4100A Series
4.0 3.0 Temperature Error Factor 2.0 1.0 0.0 -40 -20 0
Break Points Temp - 40 0 to 85 125 Multiplier 3 1 3
20
40
60
80
100
120
140
Temperature in C NOTE: The Temperature Multiplier is a linear response from 0C to -40C and from 85C to 125C
Pressure Error Band
3.0 2.0 Pressure Error (kPa) 1.0 0.0 20 -1.0 - 2.0 - 3.0 Pressure 20 to 105 (kPa) Error (Max) 1.5 (kPa) 40 60 80 100 120 Pressure (in kPa) Error Limits for Pressure
ORDERING INFORMATION The MPXS4100A series BAP silicon pressure sensors are available shipped in sleeves or tape and reeled.
Device Type Options Sleeve Pack Tape and Reel Case No No. 471-01 471-01 MPX Series Order No No. MPXS4100A6U MPXS4100A6T1 Marking MPXS4100A MPXS4100A
Device MPXS4100A6T1
Reel Size 13" dia. 44 mm
Tape Width
Quantity 250
4
Motorola Sensor Device Data
MPXS4100A SERIES
INFORMATION FOR USING THE SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.835 0.100 TYP
0.060 TYP 8X NOT TO SCALE 0.300
0.080 TYP 8X
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of this device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device damage and/or failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering zones should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case, including the port, must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference between the leads and the case shall be a maximum of 10C. * Wave soldering is not recommended for the pressure sensor surface mount package due to the exposure of the die to the environment. * The soldering temperature and time shall not exceed 240C for more than 5 seconds. * When shifting from preheating to soldering zones, the maximum temperature gradient or rise rate shall be 2C/second or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used since the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Recommend usage of a no-clean solder paste to avoid circuit board cleaning.
* Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
Motorola Sensor Device Data
5
MPXS4100A SERIES
PACKAGE DIMENSIONS
1
8
G -B-
4 5
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006). 5. ALL VERTICAL SURFACES 5_ TYPICAL DRAFT. DIM A B C D F G J M P R Y INCHES MIN MAX 0.658 0.668 0.541 0.551 0.209 0.231 0.046 0.054 0.037 0.053 0.100 BSC 0.009 0.011 0_ 7_ 0.856 0.880 0.503 0.523 0.002 0.010 MILLIMETERS MIN MAX 16.71 16.97 13.74 13.99 5.31 5.87 1.17 1.37 0.94 1.34 2.54 BSC 0.23 0.28 0_ 7_ 21.74 22.35 12.78 13.28 0.05 0.25
-A- P
R J C Y -T- F M D8 PL 0.25 (0.010)
SEATING PLANE M
TB
S
A
S
STYLE 1: PIN 1. 2. 3. 4. 5. 6. 7. 8.
NC VSUPPLY GROUND VOUT NC NC NC NC
CASE 471-01 ISSUE O
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
6
Motorola Sensor MPXS4100A/D Device Data


▲Up To Search▲   

 
Price & Availability of MPXS4100A6U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X