Part Number Hot Search : 
A29L800 PCA7414 HM628512 BB179 LD12A B80NE LVA489A MB8116H
Product Description
Full Text Search
 

To Download MCD225-12IO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC 225 MCD 225
Thyristor Modules Thyristor/Diode Modules
ITRMS = 2x 400 A ITAVM = 2x 221 A VRRM = 1200-1800 V
3
VRSM VDSM V 1300 1500 1700 1900
VRRM VDRM V 1200 1400 1600 1800
Type
2
76
5
4
MCC MCC MCC MCC
225-12io1 225-14io1 225-16io1 225-18io1
MCD 225-12io1 MCD 225-14io1 MCD 225-16io1 MCD 225-18io1
1
3
671
542
Symbol ITRMS ITAVM ITSM, IFSM
Test Conditions TVJ = TVJM TC = 85C; 180 sine TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz) t = 8.3 ms (60 Hz) t = 10 ms (50 Hz) t = 8.3 ms (60 Hz) t = 10 ms (50 Hz) t = 8.3 ms (60 Hz) t = 10 ms (50 Hz) t = 8.3 ms (60 Hz) repetitive, IT = 750 A non repetitive, IT = ITAVM
Maximum Ratings 400 221 8000 8500 7000 7700 320 000 300 000 245 000 246 000 100 A A A A A A A2s A2s A2s A2s A/ms
MCC
3 1 5 42
MCD
oi2dt
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
(di/dt)cr
TVJ = TVJM f =50 Hz, tP =200 ms VD = 2/3 VDRM IG = 1 A, diG/dt = 1 A/ms
500 1000 120 60 20 10 -40...+130 130 -40...+125
A/ms V/ms W W W V C C C V~ V~
(dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight
TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = ITAVM tP = 30 ms tP = 500 ms
Features International standard package Direct copper bonded Al2O3-ceramic with copper base plate Planar passivated chips Isolation voltage 3600 V~ UL registered E 72873 Keyed gate/cathode twin pins
q q q q q q
Applications Motor control, softstarter Power converter Heat and temperature control for industrial furnaces and chemical processes Lighting control Solid state switches
q q q q q
50/60 Hz, RMS IISOL 1 mA
t = 1 min t=1s
3000 3600
q
Mounting torque (M6) Terminal connection torque (M8) Typical including screws
4.5-7/40-62 Nm/lb.in. 11-13/97-115 Nm/lb.in. 750 g
q
q
Advantages Simple mounting Improved temperature and power cycling Reduced protection circuits
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions
(c) 2000 IXYS All rights reserved
1-4
MCC 225 MCD 225
Symbol IRRM, IDRM VT, VF VT0 rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a Test Conditions TVJ = TVJM; VR = VRRM; VD = VDRM IT, IF = 600 A; TVJ = 25C For power-loss calculations only (TVJ = 130C) VD = 6 V; VD = 6 V; TVJ = TVJM; TVJ = TVJM; TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C VD = 2/3 VDRM VD = 2/3 VDRM Characteristic Values 40 1.40 0.8 0.76 2 3 150 220 0.25 10 200 150 2 typ. 200 550 235 0.157 0.08 0.197 0.1 mA V V mW V V mA mA V mA mA
IGD, TVJ = 140C 130C 4: PGM = 20 W 5: PGM = 60 W 6: PGM = 120 W 100 IG 101 A 102 2 1 1 4 VG 10 1: IGT, TVJ = 140C 130C
V
2: IGT, TVJ = 25C 3: IGT, TVJ = -40C
3 6 5
TVJ = 25C; tP = 30 ms; VD = 6 V IG = 0.45 A; diG/dt = 0.45 A/ms TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 1 A; diG/dt = 1 A/ms TVJ = TVJM; IT = 300 A, tP = 200 ms; -di/dt = 10 A/ms VR = 100 V; dv/dt = 50 V/ms; VD = 2/3 VDRM TVJ = 125C; IT, IF = 300 A; -di/dt = 50 A/ms per thyristor (diode); DC current per module per thyristor (diode); DC current per module Creeping distance on surface Creepage distance in air Maximum allowable acceleration
mA ms ms mC A K/W K/W K/W K/W
0.1 10-3
10-2
10-1
Fig. 1 Gate trigger characteristics
100
TVJ = 25C
s
tgd typ. Limit
other values see Fig. 8/9
12.7 mm 9.6 mm 50 m/s2
10
Optional accessories for modules Keyed Gate/Cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red Type ZY 180 L (L = Left for pin pair 4/5) UL 758, style 1385, Type ZY 180 R (R = Right for pin pair 6/7) CSA class 5851, guide 460-1-1
1 0.01 0.1 1 IG A 10
Dimensions in mm (1 mm = 0.0394") MCC
M8x20
Fig. 2 Gate trigger delay time MCD
M8x20
(c) 2000 IXYS All rights reserved
2-4
MCC 225 MCD 225
8000 ITSM A 50 Hz 80 % VRRM TVJ = 45C TVJ = 130C
106 I2dt A2s
400 ITAVM A IFAVM 300 TVJ = 45C
6000
DC 180 sin 120 60 30
4000
105
TVJ = 130C
200
2000
100
0 0.001
104
0.01 0.1 s t 1
0 1 t ms 10 0 25 50 75 100 125 C 150 TC
Fig. 3 Surge overload current ITSM, IFSM: Crest value, t: duration
400 Ptot W 300
Fig. 4 oi2dt versus time (1-10 ms)
Fig. 4a Maximum forward current at case temperature Fig. 5 Power dissipation versus onstate current and ambient temperature (per thyristor or diode)
RthKA K/W
0.1 0.2 0.3 0.4 0.6 0.8 1.0
DC 180 sin 120 60 30
200
100
0 0 100 200 300 A0 ITAVM/IFAVM 25 50 75 100 125 C 150 TA
2000 Ptot W 1500
RthKA K/W
0.03 0.05 0.08 0.1 0.15 0.2 0.3
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
1000 Circuit B6 3xMCC225 3xMCD225
500
0 0 200 400 600 A IdAVM 0 25 50 75 100 125 C 150 TA
(c) 2000 IXYS All rights reserved
3-4
MCC 225 MCD 225
Ptot 2000 W RthKA K/W
1500
1000
0.03 0.05 0.08 0.1 0.15 0.2 0.3
Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
500
Circuit W3 3xMCC225 or 3xMCD225
0 0 100 200 300 400 A IRMS 0 25 50 75 100 125 C 150 TA
0.25 K/W ZthJC 0.20
Fig. 8 Transient thermal impedance junction to case (per thyristor or diode) RthJC for various conduction angles d:
0.15
d DC 180 120 60 30
RthJC (K/W) 0.157 0.168 0.177 0.200 0.243
0.10
30 60 120 180 DC
0.05
Constants for ZthJC calculation: i Rthi (K/W) 0.0076 0.0406 0.0944 0.0147 ti (s) 0.00054 0.098 0.54 12 1 2 3 4
0.00 10-3
10-2
10-1
100
101
s t
102
0.30 K/W ZthJK 0.25 0.20
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor or diode) RthJK for various conduction angles d: d DC 180 120 60 30 RthJK (K/W) 0.197 0.208 0.217 0.240 0.283
0.15 30 60 120 180 DC
0.10
0.05
Constants for ZthJK calculation: i
10
-2
0.00 10-3
Rthi (K/W) 0.0076 0.0406 0.0944 0.0147 0.04
ti (s) 0.00054 0.098 0.54 12 12
10
-1
10
0
10
1
s
t
10
2
1 2 3 4 5
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of MCD225-12IO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X