Part Number Hot Search : 
CRVT200 K2320 SMA24A F6410 MSM6653A 2CNXX 2SB1220 LCP112E
Product Description
Full Text Search
 

To Download MC12033BD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC12033A/D
MC12033A 2.0 GHz Low Voltage Dual Modulus Prescaler
The MC12033 is a high frequency low voltage dual modulus prescaler used in phase-locked loop (PLL) applications. A high frequency input signal up to 2.0 GHz is provided for cordless and cellular communication services such as DECT, PHS, and PCS. The MC12033 can be operated down to a minimum supply voltage of 2.7 V required for battery operated portable systems. The MC12033A can be used with CMOS synthesizer requiring positive edges to trigger internal counters such as Motorola's MC145XXX series in a PLL to provide tuning signal up to 2.0 GHz in programmable frequency steps. The MC12033B can be used with CMOS synthesizers requiring negative edges to trigger internal counters. A Divide Ratio Control (SW) permits selection of a 32/33 or 64/65 divide ratio as desired. The Modulus Control (MC) selects the proper divide number after SW has been biased to select the desired divide ratio.
MC12033B
MECL PLL COMPONENTS /32/33, /64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
SEMICONDUCTOR TECHNICAL DATA
8 1
NOTE: The "B" Version Is Not Recommended for New Designs
* * * * * * *
2.0 GHz Toggle Frequency Supply Voltage 2.7 V to 5.0 Vdc Low Power 10.0 mA Typical at VCC = 2.7 V Operating Temperature Range of -40 to 85C The MC12033 is Pin Compatible With the MC12022 Short Setup Time (tset) 8ns Typical at 2.0 GHz Modulus Control Input Level Is Compatible With Standard CMOS and TTL
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
8 1
FUNCTIONAL TABLE
SW H H L L MC H L H L Divide Ratio 32 33 64 65 P SUFFIX PLASTIC PACKAGE CASE 626
NOTES: 1. SW: H = VCC, L = Open. A logic L can also be applied by grouunding this pin, but this is not recommended due to increased power soncumption. 2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
PIN CONNECTIONS
MAXIMUM RATINGS
Parameter Power Supply Voltage, Pin 2 Operating Temperature Range Storage Temperature Range Modulus Control Input, Pin 6 Maximum Output Current, Pin 4
NOTE: ESD data available upon request.
Symbol VCC TA Tstg MC IO
Value -0.5 to 7.0 -40 to 85 -65 to 150 -0.5 to 6.5 10.0
Unit Vdc C C Vdc mA Device MC12033AD MC12033AP MC12033BD MC12033BP
IN VCC SW OUT
1 2 3 4
8 7 6 5
IN NC MC Gnd
(Top View)
ORDERING INFORMATION
Operating Temp Range Package SO-8 TA = -40 to +85C Plastic SO-8 Plastic
Rev 3
(c) Motorola, Inc. 1997
MC12033A MC12033B
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.0 V; TA = -40 to 85C, unless otherwise noted.)
Parameter Toggle Frequency (Sine Wave) Supply Current Output (Pin 2) Modulus Control Input HIGH (MC) Modulus Control Input LOW (MC) Divide Ratio Control Input HIGH (SW) Divide Ratio Control Input LOW (SW) Output Voltage Swing (Note 1) CL = 8.0 pF; RL = 600 VCC = 2.7 V VCC = 5.0 V Symbol ft ICC VIH1 VIL1 VIH2 VIL2 VOUT tset 500-2000 MHz VIN IO Min 0.5 - - 2.0 Gnd VCC OPEN 0.8 - 100 - - Typ 2.4 10.0 13.0 - - VCC OPEN 1.2 8.0 - 2.4 2.4 Max 2.0 12.5 16.0 VCC 0.8 VCC OPEN - 10 1000 4.0 4.0 Unit GHz mA V V V -- Vpp ns mVpp mA
Modulus Setup Time MC to OUT @ 2000 MHz Input Voltage Sensitivity
Output Current (Note 2) VCC = 2.7V, CL = 8.0 pF, RL = 600 VCC = 5.0 V, CL = 8.0 pF, RL = 1.5 k
NOTES: 1. Valid over voltage range 2.7 to 5.0 V; RL = 600 @ VCC = 2.7 V; RL = 1.5 k @ VCC = 5.0 V 2. Divide ratio of /32/33 @ 2.0 GHz
Figure 1. Logic Diagram (MC12033A)
Figure 2. Modulus Setup Time
D A C
Q
D B
Q
D C
Q QB
Prop. Delay In
QB
C
QB
CM
In In Out MC MC Setup
D D C QB C Q D QB E Q C D F QB C Q D QB G Q D H C SQ QB
MC
Out
MC Release Modulus setup time MC to out is the MC setup or MC release plus the prop delay.
SW
Figure 3. AC Test Circuit VCC = 2.7 to 5.0 V C3 Sine Wave Generator C1 50 C2 IN MC Gnd IN OUT CL RL
EXTERNAL COMPONENTS C1 = C2 = 1000 pF C3 = 0.1 F CL = 8.0 pF (Including Scope and jig capacitance) RL = 600 @ VCC = 2.7 V RL = 1.5 k @ VCC = 5.0 V
VCC
SW
MC Input
2
MOTOROLA RF/IF DEVICE DATA
MC12033A MC12033B
Figure 4. Input Signal Amplitude versus Input Frequency
+15.0 +10.0 +5.0 0 -5.0 AMPLITUDE (dBm) -10.0 -15.0 -20.0 -25.0 -30.0 -35.0 -40.0 -45.0 -50.0 0 400 800 1200 1600 FREQUENCY (MHz) Divide Ratio = 64; VCC = 5.0 V; TA = 25C 2000 2400 2800 +1250.0 +710.0
800 400 0 3200
0
400
800
1200
1600 FREQUENCY (MHz)
2000
2400
2800
mVpp
MOTOROLA RF/IF DEVICE DATA
EEEEEEEEEEEE EEEEEEEEEEEE EEEEEEEEEEEE EEEEEEEEEEEE EEEEEEEEEEEE EEEEEEEEEEEE
Operating Window
+400.0 +225.0 +125.0 +71.0 mVrms +40.0 +22.5 +12.8 +7.10 +4.00 +2.25 +1.25 +0.71 3200
Figure 5. Output Amplitude versus Input Frequency
2000 1600 1200
3
MC12033A MC12033B
OUTLINE DIMENSIONS
8 5
-B-
1 4
P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE K
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
F
NOTE 2
-A- L
DIM A B C D F G H J K L M N
C -T-
SEATING PLANE
J N D K
M
M TA B
H
G 0.13 (0.005)
M M
MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10_ 0.76 1.01
INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
A
8
D
5
D SUFFIX PLASTIC PACKAGE CASE 751-06 (SO-8) ISSUE T C
E
1 4
H
0.25
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
h B C e A
SEATING PLANE
X 45 _
q
L 0.10 A1 B 0.25
M
CB
S
A
S
q
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
4
MC12033A/D MOTOROLA RF/IF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MC12033BD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X